Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP40RGZ Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP40RGZ
Description  DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP40RGZ Datasheet(HTML) 1 Page - Texas Instruments

  SN65LVCP40RGZ Datasheet HTML 1Page - Texas Instruments SN65LVCP40RGZ Datasheet HTML 2Page - Texas Instruments SN65LVCP40RGZ Datasheet HTML 3Page - Texas Instruments SN65LVCP40RGZ Datasheet HTML 4Page - Texas Instruments SN65LVCP40RGZ Datasheet HTML 5Page - Texas Instruments SN65LVCP40RGZ Datasheet HTML 6Page - Texas Instruments SN65LVCP40RGZ Datasheet HTML 7Page - Texas Instruments SN65LVCP40RGZ Datasheet HTML 8Page - Texas Instruments SN65LVCP40RGZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
FUNCTIONAL DIAGRAM
SN65LVCP40
Programmable
Preemphasis
Output Data
EQ
out
Input Equalization
Opens up Data Eye
Input Data After Long Backplane Trace
SN65LVCP40
SLLS623B – SEPTEMBER 2004 – REVISED MAY 2005
DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
48-Terminal QFN (Quad Flatpack No-lead)
7 mm × 7 mm × 1 mm, 0.5-mm Terminal Pitch
Receiver Equalization and Selectable Driver
Preemphasis to Counteract High-Frequency
Transmission Line Losses
Bidirectional Link Replicator
Integration of Two-Serial Port
Signal Conditioner
Selectable Loopback
XAUI 802.3ae Protocol Backplane
Typical Power Consumption 650 mW
Redundancy
30-ps Deterministic Jitter
Host Adapter (Applications With Internal and
On-Chip 100-
Ω Receiver and Driver
External Connection to SERDES)
Differential Termination Resistors Eliminate
Signaling Rates DC to 4 Gbps Including XAUI,
External Components and Reflection from
GbE, FC, HDTV
Stubs
3.3-V Nominal Power Supply
The SN65LVCP40 is a signal conditioner and data multiplexer optimized for backplanes. Input equalization and
programmable output preemphasis support data rates up to 4 Gbps. Common applications are redundancy
switching, signal buffering, or performance improvements on legacy backplane hardware.
The SN65LVCP40 combines a pair of 1:2 buffers with a pair of 2:1 multiplexers (mux). Selectable switch-side
loopback supports system testing. System interconnects and serial backplane applications of up to 4 Gbps are
supported. Each of the two independent channels consists of a transmitter with a fan-out of two, and a receiver
with a 2:1 input multiplexer.
The drivers provide four selectable levels of preemphasis to compensate for transmission line losses. The
receivers incorporates receive equalization and compensates for input transmission line loss. This minimizes
deterministic jitter in the link. The equalization is optimized to compensate for a FR-4 backplane trace with 5-dB,
high-frequency loss between 375 MHz and 1.875 MHz. This corresponds to a 24-inch long FR-4 trace with 6-mil
trace width.
This device operates from a single 3.3-V supply. The device has integrated 100-
Ω line termination and provides
self-biasing. The input tolerates most differential signaling levels such as LVDS, LVPECL or CML. The output
impedance matches 100-
Ω line impedance. The inputs and outputs may be ac coupled for best interconnectivity
with other devices such as SERDES I/O or additional XAUI multiplexer buffer. With ac coupling, jitter is the
lowest.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65LVCP40RGZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP40RGZ TI-SN65LVCP40RGZ Datasheet
1Mb / 23P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40RGZ TI-SN65LVCP40RGZ Datasheet
1Mb / 23P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40RGZG4 TI-SN65LVCP40RGZG4 Datasheet
1Mb / 23P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40RGZG4 TI-SN65LVCP40RGZG4 Datasheet
1Mb / 23P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40RGZR TI-SN65LVCP40RGZR Datasheet
1Mb / 23P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
More results

Similar Description - SN65LVCP40RGZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP40 TI-SN65LVCP40_08 Datasheet
1Mb / 23P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40 TI-SN65LVCP40_07 Datasheet
1Mb / 23P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40 TI1-SN65LVCP40_14 Datasheet
1Mb / 25P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
DS10BR254 TI1-DS10BR254_15 Datasheet
1Mb / 19P
[Old version datasheet]   1.5 Gbps 1:4 LVDS Repeater
logo
National Semiconductor ...
DS10BR254 NSC-DS10BR254 Datasheet
286Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
DS10BR254 NSC-DS10BR254_08 Datasheet
287Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
logo
ON Semiconductor
MC10H174 ONSEMI-MC10H174_06 Datasheet
154Kb / 6P
   Dual 4 to 1 Multiplexer
February, 2006 ??Rev. 8
MC10174 ONSEMI-MC10174_02 Datasheet
91Kb / 4P
   Dual 4 to 1 Multiplexer
January, 2002 ??Rev. 7
MC10174 ONSEMI-MC10174 Datasheet
110Kb / 4P
   Dual 4 to 1 Multiplexer
1996 REV 5
logo
Microchip Technology
EQCO125X40 MICROCHIP-EQCO125X40 Datasheet
408Kb / 8P
   12.5 Gbps Asymmetric Equalizer/Driver/Repeater Product Brief
02/28/20B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com