Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UP04314 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # UP04314
Description  Silicon NPN epitaxial planar type (Tr1) / Silicon PNP epitaxial planar type (Tr2)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UP04314 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  UP04314 Datasheet HTML 1Page - Panasonic Semiconductor UP04314 Datasheet HTML 2Page - Panasonic Semiconductor UP04314 Datasheet HTML 3Page - Panasonic Semiconductor UP04314 Datasheet HTML 4Page - Panasonic Semiconductor UP04314 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UP04314
3
SJJ00240BED
Characteristics charts of Tr1
IC  VCE
VCE(sat)  IC
hFE  IC
Cob  VCB
IO  VIN
VIN  IO
0
012
48
40
120
80
160
Collector-emitter voltage V
CE (V)
Ta
= 25°C
IB
= 1.0 mA
0.1 mA
0.2 mA
0.3 mA
0.4 mA
0.5 mA
0.6 mA
0.7 mA
0.8 mA
0.9 mA
0.01
0.1
0.1
1
10
100
1
10
100
Collector current I
C (mA)
IC / IB
= 10
Ta
= 75°C
25
°C
−25°C
0
1
100
200
300
400
10
100
1 000
Collector current I
C (mA)
VCE
= 10 V
Ta
= 75°C
25
°C
−25°C
0
0.1
6
5
4
3
2
1
1
10
100
Collector-base voltage V
CB (V)
f
= 1 MHz
IE
= 0
Ta
= 25°C
1
0.4
10
102
103
104
1.4
1.2
1.0
0.8
0.6
Input voltage V
IN (V)
VO
= 5 V
Ta
= 25°C
0.01
0.1
0.1
1
10
100
1
10
100
Output current I
O (mA)
VO
= 0.2 V
Ta
= 25°C


Similar Part No. - UP04314

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04312 PANASONIC-UP04312 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type (Tr1)
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
UP04316 PANASONIC-UP04316 Datasheet
108Kb / 4P
   For switching & For digital circuits
More results

Similar Description - UP04314

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP03312 PANASONIC-UP03312 Datasheet
127Kb / 5P
   Silicon NPN epitaxial planar type (Tr1), Silicon PNP epitaxial planar type (Tr2)
XP03312 PANASONIC-XP03312_13 Datasheet
256Kb / 6P
   Silicon NPN epitaxial planar type Tr1 Silicon PNP epitaxial planar type Tr2
NP043A2 PANASONIC-NP043A2 Datasheet
109Kb / 4P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
DMG964010R PANASONIC-DMG964010R Datasheet
400Kb / 6P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
XP04654 PANASONIC-XP04654 Datasheet
110Kb / 5P
   Silicon NPN epitaxial planar type (Tr1), Silicon PNP epitaxial planar type (Tr2)
DMG20402 PANASONIC-DMG20402 Datasheet
444Kb / 6P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
UP04601 PANASONIC-UP04601 Datasheet
117Kb / 5P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
DMG563H1 PANASONIC-DMG563H1 Datasheet
388Kb / 6P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
logo
Panasonic Battery Group
DMG963H10R PANASONICBATTERY-DMG963H10R Datasheet
402Kb / 6P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
logo
Panasonic Semiconductor
NP0H3A3 PANASONIC-NP0H3A3 Datasheet
104Kb / 5P
   Silicon PNP epitaxial planar type (Tr1), Silicon NPN epitaxial planar type (Tr2)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com