Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAPGM0034 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAPGM0034
Description  0.5W X/Ku-Band Power Amplifier 8.0-12.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPGM0034 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAPGM0034 Datasheet HTML 1Page - Tyco Electronics MAAPGM0034 Datasheet HTML 2Page - Tyco Electronics MAAPGM0034 Datasheet HTML 3Page - Tyco Electronics MAAPGM0034 Datasheet HTML 4Page - Tyco Electronics MAAPGM0034 Datasheet HTML 5Page - Tyco Electronics MAAPGM0034 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RO-P-DS-3070
2/6
0.5W X/Ku-Band Power Amplifier
MAAPGM0034
V 1.00
Specifications subject to change without notice.
Email: macom_adbu_ics@tycoelectronics.com
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1908) 574 200, Fax+44 (1908) 574 300
Visit www.macom.com for additional data sheets and product information.
Parameter
Symbol
Typical
Units
Bandwidth
f
8.0-12.0
GHz
Output Power
POUT
27.5
dBm
Power Added Efficiency
PAE
30
%
1-dB Compression Point
P1dB
27
dBm
Small Signal Gain
G
14.5
dB
Input VSWR
VSWR
2.5:1
Output VSWR
VSWR
2.5:1
Gate Supply Current
IGG
< 2
mA
Drain Supply Current
IDD
< 200
mA
Noise Figure
NF
8.5
dB
2nd Harmonic
2f
-28
dBc
3rd Harmonic
3f
-35
dBc
3rd Order Intermodulation Distortion,
Single Carrier Level = 17 dBm
IM3
-13
dBm
5th Order Intermodulation Distortion,
Single Carrier Level = 17 dBm
IM5
-36
dBm
Output Third Order Intercept
OTOI
33
dBm
Electrical Characteristics: TB = 40°C
3, Z0 = 50
Ω, VDD = 10V, VGG = -1.8V, Pin = 16 dBm, RG = 604O
Operating Instructions
This device is static sensitive. Please handle with care. To operate the device,
follow these steps.
1. Apply VGG = -1.8 V, VDD= 0 V.
2. Ramp VDD to desired voltage, typically 8 V.
3. Adjust
VGG to set IDQ, (approxmately @ –1.8V).
4. Set RF input.
5. Power down sequence in reverse. Turn VGG off last.
Characteristic
Symbol
Min
Typ
Max
Unit
Drain Supply Voltage
VDD
4.0
8.0
10.0
V
Gate Supply Voltage
VGG
-2.3
-2.0
-1.5
V
Input Power
PIN
16.0
19.0
dBm
Junction Temperature
TJ
150
°C
MMIC Base Temperature
TB
Note 2
°C
Thermal Resistance
T JC
58.6
°C/W
Recommended Operating Conditions
2. Maximum MMIC Base Temperature = 150°C — T JC* VDD * IDQ
3. TB = MMIC Base Temperature


Similar Part No. - MAAPGM0034

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0034-DIE MACOM-MAAPGM0034-DIE Datasheet
271Kb / 6P
   0.5W X/Ku-Band Power Amplifier 8.0-12.5 GHz
More results

Similar Description - MAAPGM0034

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0034-DIE MACOM-MAAPGM0034-DIE Datasheet
271Kb / 6P
   0.5W X/Ku-Band Power Amplifier 8.0-12.5 GHz
MAAPGM0016-DIE MACOM-MAAPGM0016-DIE Datasheet
266Kb / 5P
   5W Ku-Band Power Amplifier 12.0-15.0 GHz
MAAPGM0018-DIE MACOM-MAAPGM0018-DIE Datasheet
330Kb / 6P
   2W Ku-Band Power Amplifier 12.0-15.5 GHz
logo
California Eastern Labs
NE960R5 CEL-NE960R5 Datasheet
29Kb / 3P
   0.5W X, Ku-BAND POWER GaAs FET
logo
NEC
NE960R575 NEC-NE960R575_01 Datasheet
28Kb / 3P
   0.5W X, Ku-BAND POWER GaAs FET
logo
HBH Microwave GmbH
HA6011 HBH-HA6011_1 Datasheet
25Kb / 1P
   8.0 - 12.0 GHz High Power Amplifier
HA6011 HBH-HA6011_4 Datasheet
25Kb / 1P
   8.0 - 12.0 GHz High Power Amplifier
HA6011 HBH-HA6011_2 Datasheet
25Kb / 1P
   8.0 - 12.0 GHz High Power Amplifier
logo
Tyco Electronics
MAAP-000042-PKG003 MACOM-MAAP-000042-PKG003 Datasheet
393Kb / 9P
   Amplifier, Power, 1W, X/Ku-Band 12-16 GHz
MAAPGM0042-DIE MACOM-MAAPGM0042-DIE Datasheet
424Kb / 6P
   1.2W X/Ku-Band Power Amplifier 11.5-16.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com