Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C401 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C401
Description  64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C401 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C401 Datasheet HTML 5Page - Cypress Semiconductor CY7C401 Datasheet HTML 6Page - Cypress Semiconductor CY7C401 Datasheet HTML 7Page - Cypress Semiconductor CY7C401 Datasheet HTML 8Page - Cypress Semiconductor CY7C401 Datasheet HTML 9Page - Cypress Semiconductor CY7C401 Datasheet HTML 10Page - Cypress Semiconductor CY7C401 Datasheet HTML 11Page - Cypress Semiconductor CY7C401 Datasheet HTML 12Page - Cypress Semiconductor CY7C401 Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CY7C401/CY7C403
CY7C402/CY7C404
9
Ordering Information
Speed
(MHz)
Ordering Code
Package
Name
Package Type
Operating
Range
5
CY7C401–5PC
P1
16-Lead (300-Mil) Molded DIP
Commercial
10
CY7C401–10DC
D2
16-Lead (300-Mil) CerDIP
Commercial
CY7C401–10PC
P1
16-Lead (300-Mil) Molded DIP
CY7C401–10DMB
D2
16-Lead (300-Mil) CerDIP
Military
CY7C401–10LMB
L61
20-Pin Square Leadless Chip Carrier
15
CY7C401–15DC
D2
16-Lead (300-Mil) CerDIP
Commercial
CY7C401–15PC
P1
16-Lead (300-Mil) Molded DIP
CY7C401–15DMB
D2
16-Lead (300-Mil) CerDIP
Military
CY7C401–15LMB
L61
20-Pin Square Leadless Chip Carrier
25
CY7C401–25DC
D2
16-Lead (300-Mil) CerDIP
Commercial
CY7C401–25PC
P1
16-Lead (300-Mil) Molded DIP
CY7C401–25DMB
D2
16-Lead (300-Mil) CerDIP
Military
CY7C401–25LMB
L61
20-Pin Square Leadless Chip Carrier
Speed
(MHz)
Ordering Code
Package
Name
Package Type
Operating
Range
5
CY7C402–5PC
P3
18-Lead (300-Mil) Molded DIP
Commercial
10
CY7C402–10DC
D4
18-Lead (300-Mil) CerDIP
Commercial
CY7C402–10PC
P3
20-Pin Square Leadless Chip Carrier
CY7C402–10DMB
D4
18-Lead (300-Mil) CerDIP
Military
CY7C402–10LMB
L61
20-Pin Square Leadless Chip Carrier
15
CY7C402–15DC
D4
18-Lead (300-Mil) CerDIP
Commercial
CY7C402–15PC
P3
18-Lead (300-Mil) Molded DIP
CY7C402–15DMB
D4
18-Lead (300-Mil) CerDIP
Military
CY7C402–15LMB
L61
20-Pin Square Leadless Chip Carrier
25
CY7C402–25DC
D4
18-Lead (300-Mil) CerDIP
Commercial
CY7C402–25PC
P3
18-Lead (300-Mil) Molded DIP
CY7C402–25DMB
D4
18-Lead (300-Mil) CerDIP
Military
CY7C402–25LMB
L61
20-Pin Square Leadless Chip Carrier


Similar Part No. - CY7C401

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4021KV13 CYPRESS-CY7C4021KV13 Datasheet
1Mb / 46P
   72-Mbit QDR??IV HP SRAM
CY7C4021KV13-600FCXC CYPRESS-CY7C4021KV13-600FCXC Datasheet
1Mb / 46P
   72-Mbit QDR??IV HP SRAM
CY7C4021KV13-667FCXC CYPRESS-CY7C4021KV13-667FCXC Datasheet
1Mb / 46P
   72-Mbit QDR??IV HP SRAM
CY7C4022KV13 CYPRESS-CY7C4022KV13 Datasheet
1Mb / 46P
   72-Mbit QDR??IV XP SRAM
CY7C4022KV13-106FCXC CYPRESS-CY7C4022KV13-106FCXC Datasheet
1Mb / 46P
   72-Mbit QDR??IV XP SRAM
More results

Similar Description - CY7C401

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
   64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
   FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401_05 Datasheet
89Kb / 9P
   CMOS PARALLEL FIFO 64 x 4 and 64 x 5
IDT72401 IDT-IDT72401 Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
logo
Fairchild Semiconductor
3341 FAIRCHILD-3341 Datasheet
174Kb / 3P
   64 x 4 FIFO Serial Memory
logo
Renesas Technology Corp
IDT72413 RENESAS-IDT72413 Datasheet
384Kb / 11P
   CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
logo
Integrated Device Techn...
IDT72413 IDT-IDT72413 Datasheet
104Kb / 11P
   CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
logo
NXP Semiconductors
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
   5-Bit x 64-word FIFO register; 3-state
September 1993
logo
Texas Instruments
TMS4024 TI-TMS4024 Datasheet
172Kb / 5P
[Old version datasheet]   9 X 64 DIGITAL STORAGE BUFFER (FIFO)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com