Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC4190 Datasheet(PDF) 2 Page - Raytheon Company

Part # RC4190
Description  Micropower Switching Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYTHEON [Raytheon Company]
Direct Link  http://www.raytheon.com
Logo RAYTHEON - Raytheon Company

RC4190 Datasheet(HTML) 2 Page - Raytheon Company

  RC4190 Datasheet HTML 1Page - Raytheon Company RC4190 Datasheet HTML 2Page - Raytheon Company RC4190 Datasheet HTML 3Page - Raytheon Company RC4190 Datasheet HTML 4Page - Raytheon Company RC4190 Datasheet HTML 5Page - Raytheon Company RC4190 Datasheet HTML 6Page - Raytheon Company RC4190 Datasheet HTML 7Page - Raytheon Company RC4190 Datasheet HTML 8Page - Raytheon Company RC4190 Datasheet HTML 9Page - Raytheon Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
PRODUCT SPECIFICATION
RC4190
2
Absolute Maximum Ratings
(beyond which the device may be damaged)1
Note:
1. Functional operation under any of these conditions is NOT implied.
Operating Conditions
Parameter
Min
Typ
Max
Units
Supply Voltage (Without External
Transistor)
RM4190
30
V
RC4190
24
V
PDTA < 50
°C
SOIC
300
mW
PDIP
468
mW
CerDIP
833
mW
Operating Temperature
RM4190
-55
125
°C
RC4190
0
70
°C
Storage Temperature
-65
150
°C
Junction Temperature
SOIC, PDIP
125
°C
CerDIP
175
°C
Switch Current
Peak
375
mA
For TA > 50
°C Derate at
SOIC
4.17
mW/
°C
PDIP
6.25
mW/
°C
CerDIP
8.33
mW/
°C
Parameter
Min
Typ
Max
Units
θJC
Thermal resistance
CerDIP
45
°C/W
θJA
Thermal resistance
SOIC
200
°C/W
PDIP
160
°C/W
CerDIP
120
°C/W
Pin Assignments
LBR
CX
GND
LX
LBD
VFB
IC
+VS
8
65-3464-02
7
6
5
1
2
3
4
Pin Definitions
Pin
Name
Pin
Number
Pin Function Description
LBR
1
Low Battery (Set) Resistor
CX
2
Timing Capacitor
Gnd
3
Ground
LX
4
External Inductor
+VS
5
Positive Supply Voltage
IC
6
Reference Set Current
VFB
7
Feedback Voltage
LBD
8
Low Battery Detector Output


Similar Part No. - RC4190

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC4194 FAIRCHILD-RC4194 Datasheet
108Kb / 15P
   Dual Tracking Voltage Regulators
RC4195 FAIRCHILD-RC4195 Datasheet
552Kb / 13P
   Fixed 15V Dual Tracking Voltage Regulator
RC4195K FAIRCHILD-RC4195K Datasheet
552Kb / 13P
   Fixed 15V Dual Tracking Voltage Regulator
RC4195N FAIRCHILD-RC4195N Datasheet
552Kb / 13P
   Fixed 15V Dual Tracking Voltage Regulator
RC4195T FAIRCHILD-RC4195T Datasheet
552Kb / 13P
   Fixed 15V Dual Tracking Voltage Regulator
More results

Similar Description - RC4190

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX634 MAXIM-MAX634 Datasheet
498Kb / 12P
   CMOS Micropower Inverting Switching Regulator
Rev 0; 5/86
MAX4193 MAXIM-MAX4193 Datasheet
253Kb / 14P
   CMOS Micropower Step-Up Switching Regulator
Rev 2; 9/08
MAX630 MAXIM-MAX630_V01 Datasheet
263Kb / 14P
   CMOS Micropower Step-Up Switching Regulator
2008
MAX630 MAXIM-MAX630 Datasheet
546Kb / 12P
   CMOS Micropower Step-UP Switching Regulator
Rev 0; 5/86
logo
Linear Technology
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
   1A Micropower Step-Down Switching Regulator
logo
ON Semiconductor
NCP1402 ONSEMI-NCP1402_14 Datasheet
178Kb / 18P
   PFM Step-Up Micropower Switching Regulator
July, 2014 ??Rev. 10
NCP1402 ONSEMI-NCP1402_06 Datasheet
174Kb / 18P
   200 mA, PFM Step?뭊p Micropower Switching Regulator
March, 2006 ??Rev. 7
logo
Linear Technology
LT8630 LINER-LT8630 Datasheet
399Kb / 8P
   Synchronous Micropower Step-Down High Efficiency Switching Regulator
logo
ON Semiconductor
NCP1402 ONSEMI-NCP1402 Datasheet
158Kb / 18P
   200 mA, PFM Step-Up Micropower Switching Regulator
November, 2003 ??Rev. 5
logo
Semtech Corporation
SC4530 SEMTECH-SC4530 Datasheet
1Mb / 23P
   30V, 300mA Output Micropower Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com