Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY57V561620T-HP Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HY57V561620T-HP
Description  4Banks x 4M x 16Bit Synchronous DRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V561620T-HP Datasheet(HTML) 2 Page - Hynix Semiconductor

  HY57V561620T-HP Datasheet HTML 1Page - Hynix Semiconductor HY57V561620T-HP Datasheet HTML 2Page - Hynix Semiconductor HY57V561620T-HP Datasheet HTML 3Page - Hynix Semiconductor HY57V561620T-HP Datasheet HTML 4Page - Hynix Semiconductor HY57V561620T-HP Datasheet HTML 5Page - Hynix Semiconductor HY57V561620T-HP Datasheet HTML 6Page - Hynix Semiconductor HY57V561620T-HP Datasheet HTML 7Page - Hynix Semiconductor HY57V561620T-HP Datasheet HTML 8Page - Hynix Semiconductor HY57V561620T-HP Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
HY57V561620(L)T
Revision 1.8 / Apr.01
PIN CONFIGURATION
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
VSS
NC
UDQM
CLK
CKE
A12
A11
A9
A8
A7
A6
A5
A4
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
VDD
LDQM
/WE
/CAS
/RAS
/CS
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
54pin TSOP II
400mil x 875mil
0.8mm pin pitch
PIN DESCRIPTION
PIN
PIN NAME
DESCRIPTION
CLK
Clock
The system clock input. All other inputs are registered to the SDRAM on the
rising edge of CLK
CKE
Clock Enable
Controls internal clock signal and when deactivated, the SDRAM will be one
of the states among power down, suspend or self refresh
CS
Chip Select
Enables or disables all inputs except CLK, CKE, UDQM and LDQM
BA0, BA1
Bank Address
Selects bank to be activated during RAS activity
Selects bank to be read/written during CAS activity
A0 ~ A12
Address
Row Address : RA0 ~ RA12, Column Address : CA0 ~ CA8
Auto-precharge flag : A10
RAS, CAS, WE
Row Address Strobe, Col-
umn Address Strobe, Write
Enable
RAS, CAS and WE define the operation
Refer function truth table for details
UDQM, LDQM
Data Input/Output Mask
Controls output buffers in read mode and masks input data in write mode
DQ0 ~ DQ15
Data Input/Output
Multiplexed data input / output pin
VDD/VSS
Power Supply/Ground
Power supply for internal circuits and input buffers
VDDQ/VSSQ
Data Output Power/Ground
Power supply for output buffers
NC
No Connection
No connection


Similar Part No. - HY57V561620T-HP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V561620B HYNIX-HY57V561620B Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620BLT-6I HYNIX-HY57V561620BLT-6I Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620BLT-8I HYNIX-HY57V561620BLT-8I Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620BLT-HI HYNIX-HY57V561620BLT-HI Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620BLT-KI HYNIX-HY57V561620BLT-KI Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
More results

Similar Description - HY57V561620T-HP

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T436416C TMT-T436416C Datasheet
651Kb / 28P
   4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
T436416D TMT-T436416D Datasheet
710Kb / 73P
   4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
logo
Hynix Semiconductor
HY5Y7A2DLM-HF HYNIX-HY5Y7A2DLM-HF Datasheet
939Kb / 26P
   4Banks x 4M x 32bits Synchronous DRAM
HY57V28820HCT-I HYNIX-HY57V28820HCT-I Datasheet
178Kb / 11P
   4Banks x 4M x 8bits Synchronous DRAM
logo
Integrated Silicon Solu...
IS42VM32160D ISSI-IS42VM32160D Datasheet
468Kb / 27P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32160E-6BLI ISSI-IS42SM32160E-6BLI Datasheet
885Kb / 33P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM16160E ISSI-IS42VM16160E Datasheet
838Kb / 33P
   4M x 16Bits x 4Banks Mobile Synchronous DRAM
logo
Hynix Semiconductor
HY57V561620B HYNIX-HY57V561620B Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620C HYNIX-HY57V561620C Datasheet
217Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
logo
Taiwan Memory Technolog...
T4312816B TMT-T4312816B Datasheet
665Kb / 70P
   8M x 16 SDRAM 2M x 16bit x 4Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com