Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX6656NQRC Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # HX6656NQRC
Description  32K x 8 ROM-SOI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HX6656NQRC Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button HX6656NQRC Datasheet HTML 4Page - List of Unclassifed Manufacturers HX6656NQRC Datasheet HTML 5Page - List of Unclassifed Manufacturers HX6656NQRC Datasheet HTML 6Page - List of Unclassifed Manufacturers HX6656NQRC Datasheet HTML 7Page - List of Unclassifed Manufacturers HX6656NQRC Datasheet HTML 8Page - List of Unclassifed Manufacturers HX6656NQRC Datasheet HTML 9Page - List of Unclassifed Manufacturers HX6656NQRC Datasheet HTML 10Page - List of Unclassifed Manufacturers HX6656NQRC Datasheet HTML 11Page - List of Unclassifed Manufacturers HX6656NQRC Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HX6656
9
PACKAGING
The 32K x 8 ROM is offered in a custom 36-lead flat pack
(FP), 28-Lead FP, or standard 28-lead DIP. Each package
is constructed of multilayer ceramic (Al
2O3) and features
internal power and ground planes. The 36-lead FP also
features a non-conductive ceramic tie bar on the lead
frame. The tie bar allows electrical testing of the device,
while preserving the lead integrity during shipping and
handling, up to the point of lead forming and insertion.
Ceramic chip capacitors can be mounted to the package to
maximize supply noise decoupling and increase board
packing density. These capacitors attach directly to the
internal package power and ground planes. This design
minimizes resistance and inductance of the bond wire and
package. All NC (no connect) pins should be connected
to VSS to prevent charge build up in the radiation
environment.
28-LEAD FP PINOUT
36-LEAD FP PINOUT
36-LEAD FLAT PACK
[1] Parts delivered with leads unformed
[2] At tie bar
[3] Lid tied to VSS
A
b
C
D
E
e
F
G
H
I
J
L
0.095 ± 0.014
0.008 ± 0.002
0.005 to 0.0075
0.650 ± 0.010
0.630 ± 0.007
0.025 ± 0.002 [2]
0.425 ± 0.005 [2]
0.525 ± 0.005
0.135 ± 0.005
0.030 ± 0.005
0.080 typ.
0.285 ± 0.015
M
N
O
P
R
S
T
U
V
W
X
Y
0.008 ± 0.003
0.050 ± 0.010
0.090 ref
0.015 ref
0.075 ref
0.113 ± 0.010
0.050 ref
0.030 ref
0.080 ref
0.005 ref
0.450 ref
0.400 ref
All dimensions are in inches [1]
Kovar
Lid [3]
Ceramic
Body
A
J
I
C
M
0.004
N
X
VDD
Optional
Capacitors
1
VSS
V
S
W
P
U
Y
VDD
VSS
O
T
R
Non-
Conductive
Tie-Bar
b
(width)
e
(pitch)
E
1
H
L
L
Top
View
22018131-001
VDD
NWE
A13
A8
A9
A11
NOE
A10
NCS
DQ7
DQ6
DQ5
DQ4
DQ3
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Top
View
VSS
VDD
NWE
CE
A13
A8
A9
A11
NOE
A10
NCS
DQ7
DQ6
DQ5
DQ4
DQ3
VDD
VSS
VSS
VDD
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
NC
VDD
VSS
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
Top
View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18


Similar Part No. - HX6656NQRC

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HX6001 HBH-HX6001 Datasheet
20Kb / 1P
   15-21 GHz Active Harmonic Mixer
logo
Pulse A Technitrol Comp...
HX6062FNL PULSE-HX6062FNL Datasheet
477Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6062NL PULSE-HX6062NL Datasheet
328Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6080FNL PULSE-HX6080FNL Datasheet
500Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
HX6080NL PULSE-HX6080NL Datasheet
343Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
More results

Similar Description - HX6656NQRC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX6356 ETC1-HX6356 Datasheet
145Kb / 12P
   32K x 8 STATIC RAM-SOI
logo
Honeywell Solid State E...
HLX6256 HONEYWELL-HLX6256 Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
logo
List of Unclassifed Man...
HM23C256A ETC1-HM23C256A Datasheet
74Kb / 1P
   32K x 8 MASK ROM
logo
Everspin Technologies I...
MR256A08B EVERSPIN-MR256A08B Datasheet
1Mb / 24P
   32K x 8 MRAM
Rev. 6.5 3/2018
logo
List of Unclassifed Man...
HLX6228 ETC-HLX6228 Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
logo
Honeywell Solid State E...
HX6228 HONEYWELL-HX6228 Datasheet
153Kb / 12P
   128K x 8 STATIC RAM-SOI HX6228
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
logo
List of Unclassifed Man...
U637256 ETC1-U637256 Datasheet
146Kb / 14P
   CapStore 32K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com