Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY57V561620T-8 Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HY57V561620T-8
Description  4Banks x 4M x 16Bit Synchronous DRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V561620T-8 Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HY57V561620T-8 Datasheet HTML 5Page - Hynix Semiconductor HY57V561620T-8 Datasheet HTML 6Page - Hynix Semiconductor HY57V561620T-8 Datasheet HTML 7Page - Hynix Semiconductor HY57V561620T-8 Datasheet HTML 8Page - Hynix Semiconductor HY57V561620T-8 Datasheet HTML 9Page - Hynix Semiconductor HY57V561620T-8 Datasheet HTML 10Page - Hynix Semiconductor HY57V561620T-8 Datasheet HTML 11Page - Hynix Semiconductor HY57V561620T-8 Datasheet HTML 12Page - Hynix Semiconductor HY57V561620T-8 Datasheet HTML 13Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
HY57V561620(L)T
Revision 1.8 / Apr.01
DEVICE OPERATING OPTION TABLE
HY57V561620(L)T-HP
HY57V561620(L)T-H
HY57V561620(L)T-8
HY57V561620(L)T-P
HY57V561620(L)T-S
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
133MHz(7.5ns)
3CLKs
3CLKs
6CLKs
9CLKs
3CLKs
5.4ns
2.7ns
125MHz(8ns)
3CLKs
3CLKs
6CLKs
9CLKs
3CLKs
6ns
3ns
100MHz(10ns)
2CLKs
2CLKs
5CLKs
7CLKs
2CLKs
6ns
3ns
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
133MHz(7.5ns)
3CLKs
3CLKs
6CLKs
9CLKs
3CLKs
5.4ns
2.7ns
125MHz(8ns)
3CLKs
3CLKs
6CLKs
9CLKs
3CLKs
6ns
3ns
100MHz(10ns)
3CLKs
3CLKs
6CLKs
9CLKs
3CLKs
6ns
3ns
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
125MHz(8ns)
3CLKs
3CLKs
6CLKs
9CLKs
3CLKs
6ns
3ns
100MHz(10ns)
3CLKs
3CLKs
6CLKs
9CLKs
3CLKs
6ns
3ns
83MHz(12ns)
2CLKs
2CLKs
4CLKs
6CLKs
2CLKs
6ns
3ns
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
100MHz(10ns)
2CLKs
2CLKs
5CLKs
7CLKs
2CLKs
6ns
3ns
83MHz(12ns)
2CLKs
2CLKs
5CLKs
7CLKs
2CLKs
6ns
3ns
66MHz(15ns)
2CLKs
2CLKs
4CLKs
6CLKs
2CLKs
6ns
3ns
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
100MHz(10.0ns)
3CLKs
2CLKs
5CLKs
7CLKs
2CLKs
6ns
3ns
83MHz(12.0ns)
2CLKs
2CLKs
5CLKs
7CLKs
2CLKs
6ns
3ns
66MHz(15.0ns)
2CLKs
2CLKs
4CLKs
6CLKs
2CLKs
6ns
3ns


Similar Part No. - HY57V561620T-8

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V561620B HYNIX-HY57V561620B Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620BLT-6I HYNIX-HY57V561620BLT-6I Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620BLT-8I HYNIX-HY57V561620BLT-8I Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620BLT-HI HYNIX-HY57V561620BLT-HI Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620BLT-KI HYNIX-HY57V561620BLT-KI Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
More results

Similar Description - HY57V561620T-8

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T436416C TMT-T436416C Datasheet
651Kb / 28P
   4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
T436416D TMT-T436416D Datasheet
710Kb / 73P
   4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
logo
Hynix Semiconductor
HY5Y7A2DLM-HF HYNIX-HY5Y7A2DLM-HF Datasheet
939Kb / 26P
   4Banks x 4M x 32bits Synchronous DRAM
HY57V28820HCT-I HYNIX-HY57V28820HCT-I Datasheet
178Kb / 11P
   4Banks x 4M x 8bits Synchronous DRAM
logo
Integrated Silicon Solu...
IS42VM32160D ISSI-IS42VM32160D Datasheet
468Kb / 27P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32160E-6BLI ISSI-IS42SM32160E-6BLI Datasheet
885Kb / 33P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM16160E ISSI-IS42VM16160E Datasheet
838Kb / 33P
   4M x 16Bits x 4Banks Mobile Synchronous DRAM
logo
Hynix Semiconductor
HY57V561620B HYNIX-HY57V561620B Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620C HYNIX-HY57V561620C Datasheet
217Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
logo
Taiwan Memory Technolog...
T4312816B TMT-T4312816B Datasheet
665Kb / 70P
   8M x 16 SDRAM 2M x 16bit x 4Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com