Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XB1117 Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XB1117
Description  1A Low Dropout Positive Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XB1117 Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XB1117 Datasheet HTML 2Page - Torex Semiconductor XB1117 Datasheet HTML 3Page - Torex Semiconductor XB1117 Datasheet HTML 4Page - Torex Semiconductor XB1117 Datasheet HTML 5Page - Torex Semiconductor XB1117 Datasheet HTML 6Page - Torex Semiconductor XB1117 Datasheet HTML 7Page - Torex Semiconductor XB1117 Datasheet HTML 8Page - Torex Semiconductor XB1117 Datasheet HTML 9Page - Torex Semiconductor XB1117 Datasheet HTML 10Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
12
XB1117 Series
XB117K12B
VIN=5V
IOUT=1A
CIN=10μF(tantalum),CL=10μF(tantalum)
XB117P33
TJ=25%
CIN=10μF(tantalum),CL=10μF(tantalum)
XB117P33
TJ=25℃
CIN=10μF(tantalum),CL=10μF(tantalum)
XB117K12B
VIN=5.0V
CIN=10μF(tantalum),CL=10μF(tantalum)
XB117P33
TJ=25%
CIN=10μF(tantalum),CL=10μF(tantalum)
XB117K12B
VIN=5V
ILOAD=1A
CIN=10μF(tantalum),CL=10μF(tantalum)
TYPICAL PERFORMANCE CHARACTERISTICS
(5) Adjust Pin Current-Ambient Temperature
(3) Output Short Circuit Current-Dropout Voltage
(1) Load Stability-Ambient Temperature
(2) Reference Voltage-Ambient Temperature
(6) Supply Current-Dropout Voltage
(4) Dropout Voltage-Output Current
(8) Input Transient Response
(7) Load Transient Response


Similar Part No. - XB1117

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1117 TOREX-XB1117 Datasheet
684Kb / 13P
   1A Low Dropout Positive Voltage Regulator
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
XB1117K12BFL TOREX-XB1117K12BFL Datasheet
684Kb / 13P
   1A Low Dropout Positive Voltage Regulator
XB1117K12BFR TOREX-XB1117K12BFR Datasheet
684Kb / 13P
   1A Low Dropout Positive Voltage Regulator
XB1117K12BFR-G TOREX-XB1117K12BFR-G Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
More results

Similar Description - XB1117

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com