Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIW3043 Datasheet(PDF) 8 Page - Total Power International

Part # MIW3043
Description  5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MIW3043 Datasheet(HTML) 8 Page - Total Power International

  MIW3043 Datasheet HTML 1Page - Total Power International MIW3043 Datasheet HTML 2Page - Total Power International MIW3043 Datasheet HTML 3Page - Total Power International MIW3043 Datasheet HTML 4Page - Total Power International MIW3043 Datasheet HTML 5Page - Total Power International MIW3043 Datasheet HTML 6Page - Total Power International MIW3043 Datasheet HTML 7Page - Total Power International MIW3043 Datasheet HTML 8Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
The MIW3000 converter is encapsulated in a low thermal resistance molding compound that has excellent resistance/electrical
characteristics over a wide temperature range or in high humidity environments.
The encapsulant and unit case are both rated to UL 94V-0 flammability specifications.
Leads are tin plated for improved solderability.
NC: No Connection
+Vin
+Vin
23
UL94V-0
:
Flammability
+Vin
+Vin
22
Common
-Vout
16
16.9g
:
Weight
+Vout
+Vout
14
-Vout
NC
11
Metal With Non-Conductive Baseplate
:
Case Material
Common
No Pin
9
-Vin
-Vin
3
1.25*0.80*0.40 inches
-Vin
-Vin
2
31.8*20.3*10.2 mm
:
Case Size
Dual Output
Single Output
Pin
Physical Characteristics
Pin Connections
{0.002
{0.05
Pin
X.XXX{0.005
X.XX{0.13
X.XX{0.01
X.X{0.25
Inches
Millimeters
Tolerance
Dual Output
Single Output
31.8 [1.25]
Bottom
4.5 [0.18]
2
Side
39
11
16
14
23 22
0.50 [0.020]
2.54 [0.100]
Connecting Pin Patterns
Top View ( 2.54 mm / 0.1 inch grids )
Mechanical Dimensions
MIW3000 Series
8
MINMAX
REV:0 2005/04


Similar Part No. - MIW3043

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW3043 MINMAX-MIW3043 Datasheet
246Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW3043 MINMAX-MIW3043 Datasheet
285Kb / 4P
   DC/DC CONVERTER 5-6W, DIP-24 Metal Package
More results

Similar Description - MIW3043

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW3000 MINMAX-MIW3000 Datasheet
246Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW3100 MINMAX-MIW3100 Datasheet
213Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW4000 MINMAX-MIW4000 Datasheet
224Kb / 8P
   5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW4100 MINMAX-MIW4100 Datasheet
221Kb / 7P
   5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW4100 TOTAL-POWER-MIW4100 Datasheet
208Kb / 7P
   5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A600ERU MPD-A600ERU Datasheet
193Kb / 2P
   Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100 Datasheet
240Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MDW1000 MINMAX-MDW1000 Datasheet
212Kb / 8P
   2W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW5000 MINMAX-MIW5000 Datasheet
243Kb / 8P
   10W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIHW1000 MINMAX-MIHW1000 Datasheet
181Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com