Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U4256BM-AFSG3 Datasheet(PDF) 9 Page - TEMIC Semiconductors

Part # U4256BM-AFSG3
Description  Frequency Synthesizer for Radio Tuning
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4256BM-AFSG3 Datasheet(HTML) 9 Page - TEMIC Semiconductors

Back Button U4256BM-AFSG3 Datasheet HTML 5Page - TEMIC Semiconductors U4256BM-AFSG3 Datasheet HTML 6Page - TEMIC Semiconductors U4256BM-AFSG3 Datasheet HTML 7Page - TEMIC Semiconductors U4256BM-AFSG3 Datasheet HTML 8Page - TEMIC Semiconductors U4256BM-AFSG3 Datasheet HTML 9Page - TEMIC Semiconductors U4256BM-AFSG3 Datasheet HTML 10Page - TEMIC Semiconductors U4256BM-AFSG3 Datasheet HTML 11Page - TEMIC Semiconductors U4256BM-AFSG3 Datasheet HTML 12Page - TEMIC Semiconductors U4256BM-AFSG3 Datasheet HTML 13Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
U4256BM
Preliminary Information
Rev. A2, 03-Nov-98
9 (14)
FMOSCIN
FMOSCIN is the preamplifier input for the FM/AM oscillator signal.
14860
FMOSCIN
AMOSCIN
Figure 6.
MX2LO
MX2LO is the buffered output of the crystal oscillator.
V5
V5
OSCIN
MX2LO
14861
Figure 7.
DAC 1, 2 and 3
DAC 1 to 3 are the outputs for automatic tuner alignment.
VS
14862
DAC1
Figure 8.
EN, DATA, CLK
All functions can be controlled via a 3-wire bus consisting
of ENABLE, DATA and CLOCK. The bus is designed for
microcontrollers which operate with 3 V supply voltage.
Details of the data transfer protocol are shown in the table
‘Data Transfer’.
VDD
14863
EN
DATA
CLK
Figure 9.
SWO1, 2, 3 and 4
All switching outputs are ‘open drain’ and can be set and
reset by software control. Details are described in the data
transfer protocol.
14864
SWO1
SWO2
SWO3
SWO4
Figure 10.


Similar Part No. - U4256BM-AFSG3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4256BM-R ATMEL-U4256BM-R Datasheet
403Kb / 19P
   Frequency Synthesizer for Radio Tuning
U4256BM-RFS ATMEL-U4256BM-RFS Datasheet
403Kb / 19P
   Frequency Synthesizer for Radio Tuning
U4256BM-RSG3 ATMEL-U4256BM-RSG3 Datasheet
403Kb / 19P
   Frequency Synthesizer for Radio Tuning
More results

Similar Description - U4256BM-AFSG3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR4256 ATMEL-ATR4256 Datasheet
522Kb / 21P
   Frequency Synthesizer for Radio Tuning
U4256BM-R ATMEL-U4256BM-R Datasheet
403Kb / 19P
   Frequency Synthesizer for Radio Tuning
U4256BM ATMEL-U4256BM Datasheet
167Kb / 14P
   Frequency Synthesizer for Radio Tuning
logo
NXP Semiconductors
SAA1057 PHILIPS-SAA1057 Datasheet
104Kb / 13P
   Radio tuning PLL frequency synthesizer
November 1983
TSA6060 PHILIPS-TSA6060 Datasheet
236Kb / 16P
   Fast radio tuning PLL frequency synthesizer
1995 Nov 23
logo
Sanyo Semicon Device
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72135M SANYO-LC72135M Datasheet
469Kb / 24P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72136N SANYO-LC72136N Datasheet
319Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com