Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIW3036 Datasheet(PDF) 7 Page - Total Power International

Part # MIW3036
Description  5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MIW3036 Datasheet(HTML) 7 Page - Total Power International

  MIW3036 Datasheet HTML 1Page - Total Power International MIW3036 Datasheet HTML 2Page - Total Power International MIW3036 Datasheet HTML 3Page - Total Power International MIW3036 Datasheet HTML 4Page - Total Power International MIW3036 Datasheet HTML 5Page - Total Power International MIW3036 Datasheet HTML 6Page - Total Power International MIW3036 Datasheet HTML 7Page - Total Power International MIW3036 Datasheet HTML 8Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Thermal Considerations
Many conditions affect the thermal performance of the
power module, such as orientation, airflow over the module
and board spacing. To avoid exceeding the maximum
temperature rating of the components inside the power
module, the case temperature must be kept below 90°C.
The derating curves are determined from measurements
obtained in an experimental apparatus.
MIW3000 Series
REV:0 2005/04
MINMAX
7
DUT
Position of air velocity
probe and thermocouple
50mm / 2in
Air Flow
15mm / 0.6in


Similar Part No. - MIW3036

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW3036 MINMAX-MIW3036 Datasheet
246Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW3036 MINMAX-MIW3036 Datasheet
285Kb / 4P
   DC/DC CONVERTER 5-6W, DIP-24 Metal Package
More results

Similar Description - MIW3036

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW3000 MINMAX-MIW3000 Datasheet
246Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW3100 MINMAX-MIW3100 Datasheet
213Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW4000 MINMAX-MIW4000 Datasheet
224Kb / 8P
   5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW4100 MINMAX-MIW4100 Datasheet
221Kb / 7P
   5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW4100 TOTAL-POWER-MIW4100 Datasheet
208Kb / 7P
   5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A600ERU MPD-A600ERU Datasheet
193Kb / 2P
   Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100 Datasheet
240Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MDW1000 MINMAX-MDW1000 Datasheet
212Kb / 8P
   2W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW5000 MINMAX-MIW5000 Datasheet
243Kb / 8P
   10W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIHW1000 MINMAX-MIHW1000 Datasheet
181Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com