Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C404-10DC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C404-10DC
Description  64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C404-10DC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C404-10DC Datasheet HTML 1Page - Cypress Semiconductor CY7C404-10DC Datasheet HTML 2Page - Cypress Semiconductor CY7C404-10DC Datasheet HTML 3Page - Cypress Semiconductor CY7C404-10DC Datasheet HTML 4Page - Cypress Semiconductor CY7C404-10DC Datasheet HTML 5Page - Cypress Semiconductor CY7C404-10DC Datasheet HTML 6Page - Cypress Semiconductor CY7C404-10DC Datasheet HTML 7Page - Cypress Semiconductor CY7C404-10DC Datasheet HTML 8Page - Cypress Semiconductor CY7C404-10DC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
64 x 4 Cascadable FIFO
64 x 5 Cascadable FIFO
CY7C401/CY7C403
CY7C402/CY7C404
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
March 1986 – Revised April 1995
1CY 7C40 2
Features
• 64 x 4 (CY7C401 and CY7C403)
64 x 5 (CY7C402 and CY7C404)
High-speed first-in first-out memory (FIFO)
• Processed with high-speed CMOS for optimum
speed/power
• 25-MHz data rates
• 50-ns bubble-through time—25 MHz
• Expandable in word width and/or length
• 5-volt power supply
± 10% tolerance, both commercial
and military
• Independent asynchronous inputs and outputs
• TTL-compatible interface
• Output enable function available on CY7C403 and
CY7C404
• Capable of withstanding greater than 2001V electro-
static discharge
• Pin compatible with MMI 67401A/67402A
Functional Description
The CY7C401 and CY7C403 are asynchronous first-in
first-out (FIFOs) organized as 64 four-bit words. The CY7C402
and CY7C404 are similar FIFOs organized as 64 five-bit
words. Both the CY7C403 and CY7C404 have an output en-
able (OE) function.
The devices accept 4- or 5-bit words at the data input (DI0
DIn) under the control of the shift in (SI) input. The stored
words stack up at the output (DO0 – DOn) in the order they
were entered. A read command on the shift out (SO) input
causes the next to last word to move to the output and all data
shifts down once in the stack. The input ready (IR) signal acts
as a flag to indicate when the input is ready to accept new data
(HIGH), to indicate when the FIFO is full (LOW), and to provide
a signal for a cascading. The output ready (OR) signal is a flag
to indicate the output contains valid data (HIGH), to indicate
the FIFO is empty (LOW), and to provide a signal for cascad-
ing.
Parallel expansion for wider words is accomplished by logical-
ly ANDing the IR and OR signals to form composite signals.
Serial expansion is accomplished by tying the data inputs of
one device to the data outputs of the previous device. The IR
pin of the receiving device is connected to the SO pin of the
sending device, and the OR pin of the sending device is con-
nected to the SI pin of the receiving device.
Reading and writing operations are completely asynchronous,
allowing the FIFO to be used as a buffer between two digital
machines of widely differing operating frequencies. The
25-MHz operation makes these FIFOs ideal for high-speed
communication and controller applications.
CY7C402
CY7C404
Logic Block Diagram
Pin Configurations
C401–1
C401–2
C401–3
1
2
3
4
5
6
7
8
12
11
10
9
13
16
15
14
(CY7C401) NC
(CY7C403) OE
IR
SI
DI 0
DI 1
VCC
SO
OR
DO 0
DO 1
DO 3
MR
DO 2
DI 2
DI 3
GND
20
4
5
6
7
8
32 1
19
910111213
18
17
16
15
14
SI
DI 0
DI 1
DI 2
DO 0
DO 1
NC
DO 2
OR
NC
INPUT
CONTROL
LOGIC
SI
IR
DATAIN
DI 0
DI 1
DI 2
DI 3
(DI 4)
MASTER
RESET
MR
WRITE MULTIPLEXER
WRITE POINTER
READ MULTIPLEXER
READ POINTER
MEMORY
ARRAY
OUTPUT
CONTROL
LOGIC
DATAIN
OUTPUT
ENABLE
OE
DO0
DO1
DO2
DO3
(DO 4)
SO
OR
1
2
3
4
5
6
7
8
14
13
12
11
15
18
17
16
IR
SI
DI 0
DI 1
VCC
SO
OR
DO0
DO1
DO3
DO4
DO2
DI 2
DI 3
DI 4
CY7C401
CY7C403
(CY7C402) NC
(CY7C404) OE
9
10
MR
GND
CY7C401
CY7C403
C401–4
20
4
5
6
7
8
32 1
19
910111213
18
17
16
15
14
C401–5
SI
DI 0
DI 1
DI 2
DO 0
DO 1
DO 2
OR
DO 3
DI 3
CY7C402
CY7C404
LCC
DIP
LCC
DIP
Selection Guide
7C401/2–5
7C40X–10
7C40X–15
7C40X–25
Operating Frequency (MHz)
5
10
15
25
Maximum Operating
Current (mA)
Commercial
75
75
75
75
Military
90
90
90


Similar Part No. - CY7C404-10DC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4041KV13 CYPRESS-CY7C4041KV13 Datasheet
1Mb / 46P
   72-Mbit QDR??IV HP SRAM
CY7C4041KV13-600FCXC CYPRESS-CY7C4041KV13-600FCXC Datasheet
1Mb / 46P
   72-Mbit QDR??IV HP SRAM
CY7C4041KV13-667FCXC CYPRESS-CY7C4041KV13-667FCXC Datasheet
1Mb / 46P
   72-Mbit QDR??IV HP SRAM
CY7C4042KV13 CYPRESS-CY7C4042KV13 Datasheet
1Mb / 46P
   72-Mbit QDR??IV XP SRAM
CY7C4042KV13-106FCXC CYPRESS-CY7C4042KV13-106FCXC Datasheet
1Mb / 46P
   72-Mbit QDR??IV XP SRAM
More results

Similar Description - CY7C404-10DC

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
   64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
   FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401_05 Datasheet
89Kb / 9P
   CMOS PARALLEL FIFO 64 x 4 and 64 x 5
IDT72401 IDT-IDT72401 Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
logo
Fairchild Semiconductor
3341 FAIRCHILD-3341 Datasheet
174Kb / 3P
   64 x 4 FIFO Serial Memory
logo
Renesas Technology Corp
IDT72413 RENESAS-IDT72413 Datasheet
384Kb / 11P
   CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
logo
Integrated Device Techn...
IDT72413 IDT-IDT72413 Datasheet
104Kb / 11P
   CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
logo
NXP Semiconductors
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
   5-Bit x 64-word FIFO register; 3-state
September 1993
logo
Texas Instruments
TMS4024 TI-TMS4024 Datasheet
172Kb / 5P
[Old version datasheet]   9 X 64 DIGITAL STORAGE BUFFER (FIFO)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com