Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWS5522 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWS5522
Description  0.5 to 2.5 GHz SPDT Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWS5522 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWS5522 Datasheet HTML 1Page - ANADIGICS, Inc AWS5522 Datasheet HTML 2Page - ANADIGICS, Inc AWS5522 Datasheet HTML 3Page - ANADIGICS, Inc AWS5522 Datasheet HTML 4Page - ANADIGICS, Inc AWS5522 Datasheet HTML 5Page - ANADIGICS, Inc AWS5522 Datasheet HTML 6Page - ANADIGICS, Inc AWS5522 Datasheet HTML 7Page - ANADIGICS, Inc AWS5522 Datasheet HTML 8Page - ANADIGICS, Inc AWS5522 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
12/2002
AWS5522
0.5 to 2.5 GHz SPDT Switch
ADVANCED PRODUCT INFORMATION - Rev 0.1
D1
Die
FEATURES
Low Insertion Loss: 0.5 dB at 2 GHz
High Isolation: > 25 dB
Low Harmonic Levels: < -65 dBc
Low Control Voltage Operation: to +2.5 V
Low Profile Surface Mount Package
APPLICATIONS
GSM Wireless Handsets and
Front-end Modules
CDMA Wireless Handsets and
Front-end Modules
Figure 1: Block Diagram
PRODUCT DESCRIPTION
The AWS5522 is a single pole, double throw (SPDT)
RF switch developed to meet the stringent
requirements of GSM and CDMA systems.
Manufactured in ANADIGICS’s state-of-the-art
pHEMT process, the device uses patent-pending
S26 Package
12 Pin MLF
3mm x 3mm
circuit topologies to provide the low insertion loss, high
port-to-port isolation and high linearity needed to
enhance the performance of wireless handset radios.
The AWS5522 is offered both as an MMIC die and in
a 12-lead 3mm x 3mm MLF package.
RFC
VS2
RF1G
RF1
V1
V2
RF2G
RF2
VS1
AWS
5522


Similar Part No. - AWS5522

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5523 ANADIGICS-AWS5523 Datasheet
125Kb / 8P
   0.5 to 2.5 GHz SP3T Switch
AWS5523D1 ANADIGICS-AWS5523D1 Datasheet
125Kb / 8P
   0.5 to 2.5 GHz SP3T Switch
AWS5524 ANADIGICS-AWS5524 Datasheet
133Kb / 8P
   0.5 to 2.5 GHz SP4T Switch
AWS5524D1 ANADIGICS-AWS5524D1 Datasheet
133Kb / 8P
   0.5 to 2.5 GHz SP4T Switch
More results

Similar Description - AWS5522

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5532R ANADIGICS-AWS5532R Datasheet
321Kb / 12P
   0.5 to 2.5 GHz 10 W SPDT Switch
logo
M/A-COM Technology Solu...
MASWSS0167 MA-COM-MASWSS0167 Datasheet
76Kb / 3P
   2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
MASWSS0167 MA-COM-MASWSS0167 Datasheet
76Kb / 3P
   2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
logo
Tyco Electronics
MASWSS0167 MACOM-MASWSS0167 Datasheet
88Kb / 3P
   2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
logo
Renesas Technology Corp
PG2415TK RENESAS-PG2415TK Datasheet
238Kb / 14P
   0.5 to 6.0 GHz SPDT SWITCH
logo
California Eastern Labs
UPG2415TK CEL-UPG2415TK Datasheet
543Kb / 11P
   0.5 to 6.0 GHz SPDT SWITCH
UPG2415TK CEL-UPG2415TK_09 Datasheet
543Kb / 11P
   0.5 to 6.0 GHz SPDT SWITCH
logo
ANADIGICS, Inc
AWS5533 ANADIGICS-AWS5533 Datasheet
219Kb / 12P
   0.5 to 2.5 GHz SP3T SWITCH
AWS5524 ANADIGICS-AWS5524 Datasheet
133Kb / 8P
   0.5 to 2.5 GHz SP4T Switch
AWS5523 ANADIGICS-AWS5523 Datasheet
125Kb / 8P
   0.5 to 2.5 GHz SP3T Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com