Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX6356PSFC Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # HX6356PSFC
Description  32K x 8 STATIC RAM-SOI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HX6356PSFC Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button HX6356PSFC Datasheet HTML 2Page - List of Unclassifed Manufacturers HX6356PSFC Datasheet HTML 3Page - List of Unclassifed Manufacturers HX6356PSFC Datasheet HTML 4Page - List of Unclassifed Manufacturers HX6356PSFC Datasheet HTML 5Page - List of Unclassifed Manufacturers HX6356PSFC Datasheet HTML 6Page - List of Unclassifed Manufacturers HX6356PSFC Datasheet HTML 7Page - List of Unclassifed Manufacturers HX6356PSFC Datasheet HTML 8Page - List of Unclassifed Manufacturers HX6356PSFC Datasheet HTML 9Page - List of Unclassifed Manufacturers HX6356PSFC Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HX6356
6
HIGH
IMPEDANCE
NCS
NOE
DATA VALID
CE
TAVAVR
TAVQV
TAXQX
TSLQV
TSLQX
TSHQZ
TEHQX
TEHQV
TGLQX
TGLQV
TGHQZ
TELQZ
ADDRESS
(NWE = high)
DATA OUT
READ CYCLE AC TIMING CHARACTERISTICS (1)
(1) Test conditions: input switching levels VIL/VIH=0.5V/VDD-0.5V (CMOS), VIL/VIH=0V/3V (TTL), input rise and fall times <1 ns/V, input and
output timing reference levels shown in the Tester AC Timing Characteristics table, capacitive output loading C
L >50 pF, or equivalent
capacitive output loading C
L=5 pF for TSHQZ, TELQZ TGHQZ. For CL >50 pF, derate access times by 0.02 ns/pF (typical).
(2) Typical operating conditions: VDD=5.0 V, TA=25
°C, pre-radiation.
(3) Worst case operating conditions: VDD=4.5 V to 5.5 V, post total dose at 25
°C.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P)
2
(
l
a
c
i
p
y
T
)
3
(
e
s
a
C
t
s
r
o
W
s
t
i
n
U
x
a
M
n
i
M
R
V
A
V
A
Te
m
i
T
e
l
c
y
C
d
a
e
R
s
s
e
r
d
d
A7
15
2s
n
V
Q
V
A
Te
m
i
T
s
s
e
c
c
A
s
s
e
r
d
d
A4
15
2s
n
X
Q
X
A
Te
m
i
T
d
il
a
v
n
I
t
u
p
t
u
O
o
t
e
g
n
a
h
C
s
s
e
r
d
d
A9
3
s
n
V
Q
L
S
Te
m
i
T
s
s
e
c
c
A
t
c
e
l
e
S
p
i
h
C7
15
2s
n
X
Q
L
S
Te
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O
t
c
e
l
e
S
p
i
h
C0
15
s
n
Z
Q
H
S
Te
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
t
c
e
l
e
S
p
i
h
C4
0
1s
n
V
Q
H
E
T)
4
(
e
m
i
T
s
s
e
c
c
A
e
l
b
a
n
E
p
i
h
C7
15
2s
n
X
Q
H
E
T)
4
(
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O
e
l
b
a
n
E
p
i
h
C0
15
s
n
Z
Q
L
E
T)
4
(
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
e
l
b
a
n
E
p
i
h
C4
0
1s
n
V
Q
L
G
Te
m
i
T
s
s
e
c
c
A
e
l
b
a
n
E
t
u
p
t
u
O4
9
s
n
X
Q
L
G
Te
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O
e
l
b
a
n
E
t
u
p
t
u
O4
0
s
n
Z
Q
H
G
Te
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
e
l
b
a
n
E
t
u
p
t
u
O2
9
s
n


Similar Part No. - HX6356PSFC

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HX6001 HBH-HX6001 Datasheet
20Kb / 1P
   15-21 GHz Active Harmonic Mixer
logo
Pulse A Technitrol Comp...
HX6062FNL PULSE-HX6062FNL Datasheet
477Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6062NL PULSE-HX6062NL Datasheet
328Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6080FNL PULSE-HX6080FNL Datasheet
500Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
HX6080NL PULSE-HX6080NL Datasheet
343Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
More results

Similar Description - HX6356PSFC

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HLX6256 HONEYWELL-HLX6256 Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com