Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX6656XVFC Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # HX6656XVFC
Description  32K x 8 ROM-SOI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HX6656XVFC Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button HX6656XVFC Datasheet HTML 4Page - List of Unclassifed Manufacturers HX6656XVFC Datasheet HTML 5Page - List of Unclassifed Manufacturers HX6656XVFC Datasheet HTML 6Page - List of Unclassifed Manufacturers HX6656XVFC Datasheet HTML 7Page - List of Unclassifed Manufacturers HX6656XVFC Datasheet HTML 8Page - List of Unclassifed Manufacturers HX6656XVFC Datasheet HTML 9Page - List of Unclassifed Manufacturers HX6656XVFC Datasheet HTML 10Page - List of Unclassifed Manufacturers HX6656XVFC Datasheet HTML 11Page - List of Unclassifed Manufacturers HX6656XVFC Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
HX6656
11
VDD = 6.5V, R
≤ 10 KΩ, VIH = VDD, VIL = VSS
Ambient Temperature
≥ 125 °C, F0 ≥ 100 KHz Sq Wave
Frequency of F1 = F0/2, F2 = F0/4, F3 = F0/8, etc.
VDD = 5.5V, R
≤ 10 KΩ
Ambient Temperature
≥ 125 °C
ROM CODE
The ROM code can be provided to Honeywell via FTP, E-Mail or a variety of magnetic storage media, including
3.5 inch floppy disc, 4m digital tape and others.
The ROM Code data file should contain the following format:
<address> [/] <data> [;] [Comment]
Where items enclosed in ‘[‘and’]’ are optional.
The address and data must be hex numbers in the form, MSB...LSB. The “/” and the “;” are optional and any
characters after the “#” are comments. For example the following input file, all of the lines are valid:
000 d4
001 / 32
002 1d
003 / 72;
4/5e; # all of these lines are in valid format
R
F0
F15
F12
F11
F10
F17
F9
F17
F1
F1
F1
F1
F1
VSS
VDD
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VDD
NC
A13
A8
A9
A11
NOE
A10
NCS
DQ7
DQ6
DQ5
DQ4
DQ3
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
F16
F7
F6
F5
F4
F3
F2
F8
F13
F14
F1
F1
F1
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
VSS
VDD
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VDD
NC
A13
A8
A9
A11
NOE
A10
NCS
DQ7
DQ6
DQ5
DQ4
DQ3
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VDD
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
*36-lead Flat Pack burn-in diagrams have similar connections and are available on request.
DYNAMIC BURN-IN DIAGRAM*
STATIC BURN-IN DIAGRAM*


Similar Part No. - HX6656XVFC

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HX6001 HBH-HX6001 Datasheet
20Kb / 1P
   15-21 GHz Active Harmonic Mixer
logo
Pulse A Technitrol Comp...
HX6062FNL PULSE-HX6062FNL Datasheet
477Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6062NL PULSE-HX6062NL Datasheet
328Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6080FNL PULSE-HX6080FNL Datasheet
500Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
HX6080NL PULSE-HX6080NL Datasheet
343Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
More results

Similar Description - HX6656XVFC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX6356 ETC1-HX6356 Datasheet
145Kb / 12P
   32K x 8 STATIC RAM-SOI
logo
Honeywell Solid State E...
HLX6256 HONEYWELL-HLX6256 Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
logo
List of Unclassifed Man...
HM23C256A ETC1-HM23C256A Datasheet
74Kb / 1P
   32K x 8 MASK ROM
logo
Everspin Technologies I...
MR256A08B EVERSPIN-MR256A08B Datasheet
1Mb / 24P
   32K x 8 MRAM
Rev. 6.5 3/2018
logo
List of Unclassifed Man...
HLX6228 ETC-HLX6228 Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
logo
Honeywell Solid State E...
HX6228 HONEYWELL-HX6228 Datasheet
153Kb / 12P
   128K x 8 STATIC RAM-SOI HX6228
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
logo
List of Unclassifed Man...
U637256 ETC1-U637256 Datasheet
146Kb / 14P
   CapStore 32K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com