Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-K213-FH000 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HDSP-K213-FH000
Description  Black Surface Seven Segment Displays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-K213-FH000 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HDSP-K213-FH000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-K213-FH000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-K213-FH000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-K213-FH000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-K213-FH000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-K213-FH000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-K213-FH000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-K213-FH000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDSP-K213-FH000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
AlGaAs Red
Device Series
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
A11X
Luminous Intensity/Segment[1,2]
IV
315
600
µcd
IF = 1 mA
(Digit Average)
3600
IF = 5 mA
F11X, G11X
330
650
IF = 1 mA
3900
IF = 5 mA
H11X, K11X
400
700
IF = 1 mA
4200
IF = 5 mA
All Devices
Forward Voltage/Segment or DP
VF
1.6
2.0
V
IF = 1 mA
1.7
IF = 5 mA
1.8
22
IF = 20 mA Peak
Peak Wavelength
λ
PEAK
645
nm
Dominant Wavelength[3]
λ
d
637
nm
Reverse Voltage/Segment or DP[4]
VR
3.0
15
V
IR = 100 µA
Temperature Coefficient of
∆V
F / °C-2
mV/
°C
VF/Segment or DP
A11X
Thermal Resistance LED
R
θ
J-PIN
255
°C/W/
Junction-to-Pin
Seg.
F11X, G11X
320
H11X, K12X
400
Electrical/Optical Characteristics at TA = 25°C
Absolute Maximum Ratings
AlGaAs Red
HER/Orange
Green
HDSP-X11X
HDSP-X21X/X41X
HDSP-X51X
Description
Series
Series
Series
Units
Average Power per Segment
37
105
105
mW
or DP
Peak Forward Current per
45
90[1]
90[3]
mA
Segment or DP
DC Forward Current per
15[5]
30[2]
30[4]
mA
Segment or DP
Operating Temperature Range
–20 to +100
–40 to +100
°C
Storage Temperature Range
–55 to +100
°C
Reverse Voltage per
3.0
V
Segment or DP
Wave Soldering Temperature for
250
°C
3 Seconds (1.60 mm [0.063 in.]
below Body)
Notes:
1. See Figure 5 to establish pulsed conditions.
2. Derate above 53
°C at 0.45 mA/°C (see Figure 7).
3. See Figure 6 to establish pulsed conditions.
4. Derate above 39
°C at 0.37 mA/°C (see Figure 7).
5. Derate above 91
°C at 0.53 mA/°C (see Figure 1).


Similar Part No. - HDSP-K213-FH000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-K213 AVAGO-HDSP-K213 Datasheet
264Kb / 14P
   Black Surface Seven Segment Displays
HDSP-K213 AVAGO-HDSP-K213 Datasheet
1Mb / 13P
   Black Surface Seven Segment Displays
More results

Similar Description - HDSP-K213-FH000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-A413 AVAGO-HDSP-A413_10 Datasheet
1Mb / 13P
   Black Surface Seven Segment Displays
HDSP-AX11 AVAGO-HDSP-AX11 Datasheet
264Kb / 14P
   Black Surface Seven Segment Displays
logo
Fairchild Semiconductor
MAN70A FAIRCHILD-MAN70A Datasheet
721Kb / 9P
   SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-550X AVAGO-HDSP-550X Datasheet
352Kb / 10P
   Seven Segment Displays
logo
QT Optoelectronics
FND367 QT-FND367 Datasheet
409Kb / 4P
   SEVEN SEGMENT DISPLAYS
MAN6600 QT-MAN6600 Datasheet
527Kb / 5P
   0.560-INCH SEVEN SEGMENT DISPLAYS
5082-7650 QT-5082-7650 Datasheet
526Kb / 5P
   0.43-INCH SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-335X AVAGO-HDSP-335X Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-H103 AVAGO-HDSP-H103 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
logo
QT Optoelectronics
MAN8900 QT-MAN8900 Datasheet
453Kb / 4P
   0.800-INCH SEVEN SEGMENT DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com