Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3BT10G38 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3BT10G38
Description  Reprogrammable Connectivity Processor with Bluetooth and USB Interfaces
Download  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3BT10G38 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button CP3BT10G38 Datasheet HTML 2Page - National Semiconductor (TI) CP3BT10G38 Datasheet HTML 3Page - National Semiconductor (TI) CP3BT10G38 Datasheet HTML 4Page - National Semiconductor (TI) CP3BT10G38 Datasheet HTML 5Page - National Semiconductor (TI) CP3BT10G38 Datasheet HTML 6Page - National Semiconductor (TI) CP3BT10G38 Datasheet HTML 7Page - National Semiconductor (TI) CP3BT10G38 Datasheet HTML 8Page - National Semiconductor (TI) CP3BT10G38 Datasheet HTML 9Page - National Semiconductor (TI) CP3BT10G38 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 210 page
background image
www.national.com
6
3.16
ACCESS.BUS INTERFACE
The ACCESS.bus interface module (ACB) is a two-wire se-
rial interface with the ACCESS.bus physical layer. It is also
compatible with Intel’s System Management Bus (SMBus)
and Philips’ I2C bus. The ACB module can be configured as
a bus master or slave, and can maintain bidirectional com-
munications with both multiple master and slave devices.
The ACCESS.bus receiver can trigger a wake-up condition
out of the low-power modes using the Multi-Input Wake-Up
module.
3.17
DMA CONTROLLER
The Direct Memory Access Controller (DMAC) can speed
up data transfer between memory and I/O devices or be-
tween two memories, relative to data transfers performed di-
rectly by the CPU. A method called cycle-stealing allows the
CPU and the DMAC to use the core bus in parallel. The
DMAC implements four independent DMA channels. DMA
requests from a primary and a secondary source are recog-
nized for each DMA channel, as well as a software DMA re-
quest issued directly by the CPU. Table 1 shows the DMA
channel assignment on the CP3BT10 architecture. The fol-
lowing on-chip modules can assert a DMA request to the
DMAC:
CR16C (Software DMA request)
USB
UART
Advanced Audio Interface
CVSD/PCM Converter
Table 1 shows how the four DMA channels are assigned
to the modules listed above.
Table 1
DMA Channel Assignment
3.18
ADVANCED AUDIO INTERFACE
The audio interface provides a serial synchronous, full-du-
plex interface to codecs and similar serial devices. Transmit
and receive paths operate asynchronously with respect to
each other. Each path uses three signals for communica-
tion: shift clock, frame synchronization, and data.
In case receive and transmit use separate shift clocks and
frame sync signals, the interface operates in its asynchro-
nous mode. Alternatively, the transmit and receive path can
share the same shift clock and frame sync signals for syn-
chronous mode operation.
The interface can handle data words of either 8- or 16-bit
length and data frames can consist of up to four slots.
In the normal mode of operation, the interface only transfers
one word at a periodic rate. In the network mode, the inter-
face transfers multiple words at a periodic rate. The periodic
rate is also called a data frame and each word within one
frame is called a slot. The beginning of each new data frame
is marked by the frame sync signal.
3.19
CVSD/PCM CONVERSION MODULE
The CVSD/PCM module performs conversion between
CVSD and PCM data, in which the CVSD encoding is as de-
fined in the Bluetooth specification 1.0 and the PCM data
can be 8-bit µ-Law, 8-bit A-Law, or 13-bit to 16-bit Linear.
3.20
SERIAL DEBUG INTERFACE
The Serial Debug Interface module (SDI module) provides
a JTAG-based serial link to an external debugger, for exam-
ple running on a PC. In addition, the SDI module integrates
an on-chip debug module, which allows the user to set up to
four hardware breakpoints on instruction execution and data
transfer. The SDI module can act as a CPU bus master to
access all memory mapped resources, such as RAM and
peripherals. It also provides fast program download into the
on-chip Flash program memory using the JTAG interface.
Note: The SDI module may assert Freeze mode to gather
information, which may cause periodic fluctuations in re-
sponse (bus availability, interrupt latency, etc.). Anomalous
behavior often may be traced to SDI activity.
3.21
DEVELOPMENT SUPPORT
In addition to providing the features needed for the next gen-
eration of embedded Bluetooth products, the CP3BT10 is
backed up by the software resources designers need for
rapid time-to-market, including an operating system, Blue-
tooth protocol stack implementation, peripheral drivers, ref-
erence
designs,
and
an
integrated
development
environment. Combined with National’s LMX5252 Bluetooth
radio transceiver, the CP3BT10 provides a total Bluetooth
system solution.
National Semiconductor offers a complete and industry-
proven application development environment for CP3BT10
applications, including the IAR Embedded Workbench,
iSYSTEM winIDEA and iC3000 Active Emulator, Bluetooth
Development Board, Bluetooth Protocol Stack, and Applica-
tion Software. See your National Semiconductor sales rep-
resentative for current information on availability and
features of emulation equipment and evaluation boards.
Channel
Primary/
Secondary
Peripheral
Transaction
0
Primary
USB
Read/Write
Secondary
UART
Read
1
Primary
UART
Write
Secondary
Unused
N/A
2
Primary
AAI
Read
Secondary
CVSD/PCM
Read
3
Primary
AAI
Write
Secondary
CVSD/PCM
Write


Similar Part No. - CP3BT10G38

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CP3BT13 NSC-CP3BT13 Datasheet
3Mb / 232P
   CP3BT13 Reprogrammable Connectivity Processor with Bluetooth-R and CAN Interfaces
More results

Similar Description - CP3BT10G38

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CP3BT26 NSC-CP3BT26 Datasheet
3Mb / 278P
   Reprogrammable Connectivity Processor with Bluetooth-R, USB, and CAN Interfaces
CP3UB26 NSC-CP3UB26 Datasheet
3Mb / 268P
   Reprogrammable Connectivity Processor with USB and CAN Interfaces
logo
Texas Instruments
CP3BT23 TI1-CP3BT23 Datasheet
1Mb / 260P
[Old version datasheet]   CP3BT23 Reprogrammable Connectivity Processor with Bluetooth and Dual CAN Interfaces
CP3BT23 TI1-CP3BT23_14 Datasheet
3Mb / 324P
[Old version datasheet]   CP3BT23 Reprogrammable Connectivity Processor with Bluetooth and Dual CAN Interfaces
logo
National Semiconductor ...
CP3BT13 NSC-CP3BT13 Datasheet
3Mb / 232P
   CP3BT13 Reprogrammable Connectivity Processor with Bluetooth-R and CAN Interfaces
CP3CN23 NSC-CP3CN23 Datasheet
3Mb / 246P
   CP3CN23 Reprogrammable Connectivity Processor with Dual CAN Interfaces
CP3UB17 NSC-CP3UB17 Datasheet
3Mb / 200P
   CP3UB17 Reprogrammable Connectivity Processor with USB Interface
logo
Texas Instruments
CP3UB26 TI1-CP3UB26 Datasheet
4Mb / 364P
[Old version datasheet]   CP3UB26 Reprogrammable Connectivity Processor with USB Interface
logo
National Semiconductor ...
CP3SP33 NSC-CP3SP33 Datasheet
146Kb / 6P
   CP3SP33 Connectivity Processor with Cache, DSP, and Bluetooth, USB, and Dual CAN Interfaces
CP3CN17 NSC-CP3CN17 Datasheet
3Mb / 220P
   Reprogrammable Connectivity Processor with CAN Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com