Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8381IBPFBTG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS8381IBPFBTG4
Description  18-BIT, 580-kHz, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8381IBPFBTG4 Datasheet(HTML) 2 Page - Texas Instruments

  ADS8381IBPFBTG4 Datasheet HTML 1Page - Texas Instruments ADS8381IBPFBTG4 Datasheet HTML 2Page - Texas Instruments ADS8381IBPFBTG4 Datasheet HTML 3Page - Texas Instruments ADS8381IBPFBTG4 Datasheet HTML 4Page - Texas Instruments ADS8381IBPFBTG4 Datasheet HTML 5Page - Texas Instruments ADS8381IBPFBTG4 Datasheet HTML 6Page - Texas Instruments ADS8381IBPFBTG4 Datasheet HTML 7Page - Texas Instruments ADS8381IBPFBTG4 Datasheet HTML 8Page - Texas Instruments ADS8381IBPFBTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
ADS8381
SLAS364D − APRIL 2002 − REVISED FEBRUARY 2005
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
MODEL
MAXIMUM
INTEGRAL
LINEARITY
(LSB)
MAXIMUM
DIFFERENTIAL
LINEARITY
(LSB)
NO
MISSING
CODES
RESOLU-
TION (BIT)
PACKAGE
TYPE
PACKAGE
DESIGNATOR
TEMPER-
ATURE
RANGE
ORDERING
INFORMATION
TRANS-
PORT
MEDIA
QUANTITY
ADS8381I
±6
−2/3
17
48 Pin
PFB
−40
°C to
ADS8381IPFBT
Tape and
reel 250
ADS8381I
±6
−2/3
17
48 Pin
TQFP
PFB
−40 C to
85
°C
ADS8381IPFBR
Tape and
reel 1000
ADS8381IB
±5
−1/2
18
48 Pin
PFB
−40
°C to
ADS8381IBPFBT
Tape and
reel 250
ADS8381IB
±5
−1/2
18
48 Pin
TQFP
PFB
−40 C to
85
°C
ADS8381IBPFBR
Tape and
reel 1000
NOTE: For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website
at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNIT
Voltage
+IN to AGND
−0.4 V to +VA + 0.1 V
Voltage
−IN to AGND
−0.4 V to 0.5 V
+VA to AGND
−0.3 V to 7 V
Voltage range
+VBD to BDGND
−0.3 V to 7 V
Voltage range
+VA to +VBD
−0.3 V to 2.55 V
Digital input voltage to BDGND
−0.3 V to +VBD + 0.3 V
Digital output voltage to BDGND
−0.3 V to +VBD + 0.3 V
Operating free-air temperature range, TA
−40
°C to 85°C
Storage temperature range, Tstg
−65
°C to 150°C
Junction temperature (TJ max)
150
°C
TQFP package
Power dissipation
(TJMax − TA)/θJA
TQFP package
θJA thermal impedance
86
°C/W
Lead temperature, soldering
Vapor phase (60 sec)
215
°C
Lead temperature, soldering
Infrared (15 sec)
220
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.


Similar Part No. - ADS8381IBPFBTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8381 BURR-BROWN-ADS8381 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8381 TI-ADS8381 Datasheet
959Kb / 29P
[Old version datasheet]   16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER
More results

Similar Description - ADS8381IBPFBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8383 TI-ADS8383 Datasheet
166Kb / 29P
[Old version datasheet]   18-BIT, 500-kHz, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Burr-Brown (TI)
ADS8371 BURR-BROWN-ADS8371 Datasheet
350Kb / 32P
   16BIT 750KHZ UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG TO DIGITAL CONVERTER WITH PARALLEL INTERFACE
ADS8411 BURR-BROWN-ADS8411 Datasheet
778Kb / 23P
   16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8411 BURR-BROWN-ADS8411 Datasheet
778Kb / 23P
   16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8402 BURR-BROWN-ADS8402 Datasheet
212Kb / 25P
   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8402 TI1-ADS8402 Datasheet
249Kb / 27P
[Old version datasheet]   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8481 BURR-BROWN-ADS8481 Datasheet
921Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8401 BURR-BROWN-ADS8401 Datasheet
238Kb / 10P
   16-BIT, 1.25 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TODIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8405IPFBT TI-ADS8405IPFBT Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Burr-Brown (TI)
ADS8412 BURR-BROWN-ADS8412 Datasheet
736Kb / 26P
   16-BIT, 2 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com