Electronic Components Datasheet Search |
|
MIW3022 Datasheet(PDF) 3 Page - Total Power International |
|
MIW3022 Datasheet(HTML) 3 Page - Total Power International |
3 / 8 page Pi Filter Input Filter mW 3000 1000 --- Short Circuit Input Power A 1 --- --- All Models Reverse Polarity Input Current 32 --- --- 48V Input Models 16 --- --- 24V Input Models 8 --- --- 12V Input Models 4 --- --- 5V Input Models Under Voltage Shutdown 32 24 16 48V Input Models 16 12 8 24V Input Models 8 6 4.5 12V Input Models VDC 4.4 3.5 3 5V Input Models Start Voltage Unit Max. Typ. Min. Model Parameter Input Specifications Continuous Output Short Circuit %/] {0.02 {0.01 --- Temperature Coefficient % {6 {2 --- Transient Response Deviation uS 300 150 --- 25% Load Step Change Transient Recovery Time % --- --- 120 Over Power Protection mV rms 15 --- --- Ripple & Noise (20MHz) mV P-P 100 --- --- Over Line, Load & Temp. Ripple & Noise (20MHz) mV P-P 75 50 --- Ripple & Noise (20MHz) % {1.0 {0.3 --- Io=20% to 100% Load Regulation % {0.3 {0.1 --- Vin=Min. to Max. Line Regulation % {2.0 {0.5 --- Dual Output, Balanced Loads Output Voltage Balance % {1.0 {0.5 --- Output Voltage Accuracy Unit Max. Typ. Min. Conditions Parameter Output Specifications K Hours --- --- 1,000 MIL-HDBK-217F @ 25], Ground Benign MTBF KHz --- 300 --- Switching Frequency pF 500 380 --- 100KHz,1V Isolation Capacitance M[ --- --- 1000 500VDC Isolation Resistance VDC --- --- 1650 Flash Tested for 1 Second Isolation Voltage Test VDC --- --- 1500 60 Seconds Isolation Voltage Rated Unit Max. Typ. Min. Conditions Parameter General Specifications # For each output uF 1000 1000 1000 6800 6800 6800 6800 Maximum Capacitive Load Unit {15V # {12V # {5V # 15V 12V 5V 3.3V Models by Vout Capacitive Load MIW3000 Series REV:0 2005/04 MINMAX 3 |
Similar Part No. - MIW3022 |
|
Similar Description - MIW3022 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |