Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIW3021 Datasheet(PDF) 1 Page - Total Power International

Part # MIW3021
Description  5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MIW3021 Datasheet(HTML) 1 Page - Total Power International

  MIW3021 Datasheet HTML 1Page - Total Power International MIW3021 Datasheet HTML 2Page - Total Power International MIW3021 Datasheet HTML 3Page - Total Power International MIW3021 Datasheet HTML 4Page - Total Power International MIW3021 Datasheet HTML 5Page - Total Power International MIW3021 Datasheet HTML 6Page - Total Power International MIW3021 Datasheet HTML 7Page - Total Power International MIW3021 Datasheet HTML 8Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Dual Output
+Vo
PFM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
Com.
-Vo
Single Output
PFM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
-Vo
+Vo
Block Diagram
Wide Range
2:1
EN55022
EMI
I/O Isolation
1500
VDC
More Power
High
Power
Density
Minmax's MIW3000-Series Power modules are low-profile dc-dc
converters that operate over input voltage ranges of 4.5-7VDC,
9-18VDC, 18-36VDC and 36-75VDC which provide precisely regulated
output voltages of 3.3V, 5V, 12V, 15V, {5V, {12V and {15VDC.
The -40] to +71] operating temperature range makes it ideal for
data communication equipments, mobile battery driven equipments,
distributed power systems, telecommunication equipments, mixed
analog/digital subsystems, process/machine control equipments,
computer peripheral systems and industrial robot systems.
The modules have a maximum power rating of 6W and a typical
full-load efficiency of 86%, continuous short circuit, 50mA output ripple,
EN55022 Class A conducted noise compliance minimize design-in time,
cost and eliminate the need for external filtering.
Internal SMD Construction
UL 94V-0 Package Material
Industry Standard Pinout
Temperature Performance -40] to +71]
Complies with EN55022 Class A
UL1950 Safety Approval
2:1 Wide Input Range
MTBF > 1,000,000 Hours
1500VDC Isolation
Efficiency up to 86%
Key Features
5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW3000 Series
REV:0 2005/04
MINMAX
1


Similar Part No. - MIW3021

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW3021 MINMAX-MIW3021 Datasheet
246Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW3021 MINMAX-MIW3021 Datasheet
285Kb / 4P
   DC/DC CONVERTER 5-6W, DIP-24 Metal Package
More results

Similar Description - MIW3021

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW3000 MINMAX-MIW3000 Datasheet
246Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW3100 MINMAX-MIW3100 Datasheet
213Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW4000 MINMAX-MIW4000 Datasheet
224Kb / 8P
   5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW4100 MINMAX-MIW4100 Datasheet
221Kb / 7P
   5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW4100 TOTAL-POWER-MIW4100 Datasheet
208Kb / 7P
   5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A600ERU MPD-A600ERU Datasheet
193Kb / 2P
   Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100 Datasheet
240Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MDW1000 MINMAX-MDW1000 Datasheet
212Kb / 8P
   2W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW5000 MINMAX-MIW5000 Datasheet
243Kb / 8P
   10W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIHW1000 MINMAX-MIHW1000 Datasheet
181Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com