Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61318 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS61318
Description  E1 LINE INTERFACE UNIT
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61318 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS61318 Datasheet HTML 20Page - Cirrus Logic CS61318 Datasheet HTML 21Page - Cirrus Logic CS61318 Datasheet HTML 22Page - Cirrus Logic CS61318 Datasheet HTML 23Page - Cirrus Logic CS61318 Datasheet HTML 24Page - Cirrus Logic CS61318 Datasheet HTML 25Page - Cirrus Logic CS61318 Datasheet HTML 26Page - Cirrus Logic CS61318 Datasheet HTML 27Page - Cirrus Logic CS61318 Datasheet HTML 28Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
CS61318
DS441PP2
27
Control
&
Monitor
Frame
Format
Encoder/
Decoder
CS61318
IN
HARDWARE
MODE
28
1
26
27
5
7
6
8
3
4
2
9
10
+
33 µF
RGND
0.1 µF
+5V
21
15
+
1.0 µF
TGND
RV+
TV+
TAOS
MCLK
RLOOP
LLOOP
MODE
RPOS
RNEG
RCLK
TPOS
TNEG
TCLK
XTALIN
XTALOUT
RGND
TGND
22
14
RTIP
RRING
TRING
TTIP
24
25
12
23
LOS
NLOOP
11
JASEL
RECEIVE
LINE
19
20
R1
R2
1
5
2
6
T1 1:1
0.47 µF
TRANSMIT
LINE
16
13
0.47 µF
2
6
1
5
R3
R4
SD I
SDO
T2 1:N
Figure 13. Hardware Mode Configuration
NOTE: The 0.47
µF capacitor between R1 & R2 may be omitted if common mode noise is not an issue.
NOTE: The optional 0.47
µF DC blocking cap eliminates DC saturation current through T2
E1
75
Coaxial Cable
E1
120
Twisted Pair
R1 (
Ω)
37.5
60
R2 (
Ω)
37.5
60
R3 (
Ω)
15
15
R4 (
Ω)
15
15
T2
1:1.58
1:2


Similar Part No. - CS61318

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61310 CIRRUS-CS61310 Datasheet
515Kb / 30P
   T1 INE INTERFACE UNIT
CS61310-IL CIRRUS-CS61310-IL Datasheet
515Kb / 30P
   T1 INE INTERFACE UNIT
More results

Similar Description - CS61318

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
LXT381II INTEL-LXT381II Datasheet
226Kb / 36P
   Octal E1 Line Interface Unit
logo
Cirrus Logic
CS61880 CIRRUS-CS61880 Datasheet
791Kb / 70P
   OCTAL E1 LINE INTERFACE UNIT
logo
Exar Corporation
XR-T5793 EXAR-XR-T5793 Datasheet
164Kb / 16P
   Quad E1 Line Interface Unit
XRT5997 EXAR-XRT5997 Datasheet
257Kb / 37P
   Seven-Channel E1 Line Interface Unit
XRT59L91 EXAR-XRT59L91 Datasheet
292Kb / 28P
   Single-Chip E1 Line Interface Unit
XRT82D20 EXAR-XRT82D20 Datasheet
206Kb / 27P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
logo
PMC-Sierra, Inc
PM4314 PMC-PM4314 Datasheet
87Kb / 2P
   Quad T1/E1 Line Interface Unit
logo
Level One
LXT331 LVL1-LXT331 Datasheet
692Kb / 20P
   Dual T1/E1 Line Interface Unit
logo
Exar Corporation
XRT82D20 EXAR-XRT82D20_06 Datasheet
411Kb / 24P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82V2058 IDT-IDT82V2058 Datasheet
609Kb / 52P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com