Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79Q021 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AM79Q021
Description  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q021 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AM79Q021 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM79Q021 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM79Q021 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM79Q021 Datasheet HTML 9Page - List of Unclassifed Manufacturers AM79Q021 Datasheet HTML 10Page - List of Unclassifed Manufacturers AM79Q021 Datasheet HTML 11Page - List of Unclassifed Manufacturers AM79Q021 Datasheet HTML 12Page - List of Unclassifed Manufacturers AM79Q021 Datasheet HTML 13Page - List of Unclassifed Manufacturers AM79Q021 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
10
Am79Q02/021/031 Data Sheet
Power Supply
 AGND
Analog ground
 DGND
Digital ground
 VCCA
+5.0 V analog power supply
 VCCD
+5.0 V digital power supply
Two separate power supply inputs are provided to
allow for noise isolation and proper power supply
decoupling techniques; however, the two pins have a
low impedance connection inside the part. For best
performance, all of the +5.0 power supply pins should
be connected together at the connector of the printed
circuit board, and all of the grounds should be
connected together at the connector of the printed
circuit board.
FUNCTIONAL DESCRIPTION
The QSLAC device performs the codec/filter and two-
to four-wire conversion functions required of the
subs cr iber
line
inter f ac e
cir c uitr y
in
telecommunications equipment. These functions
involve converting audio signals into digital PCM
samples and converting digital PCM samples back into
audio signals. During conversion, digital filters are
used to band limit the voice signals. All of the digital
filtering is performed in digital signal processors
operating from a master clock, which can be derived
either from PCLK or MCLK.
Four independent channels allow the QSLAC device to
function as four SLAC devices or two DSLAC
ä
devices. For programming information, each channel
has its own enable bit (EC1, EC2, EC3, and EC4) to
allow individual channel programming. If more than
one Channel Enable bit is High or if all Channel Enable
bits are High, all channels enabled will receive the
p ro gram min g in fo r m ation wr itten ; therefore, a
Broadcast state can be implemented by simply
enabling all channels in the device to receive the
information. The Channel Enable bits are contained in
the Channel Enable register, which is written and read
using Commands 14 and 15. The Broadcast state is
useful in initializing QSLAC devices in a large system.
The user-programmable filters set the receive and
transmit gain, perform the transhybrid balancing
function, permit adjustment of the two-wire termination
impedance, and provide equalization of the receive and
t ransm it p at hs. All program ma ble d ig ital filt er
coefficients can be calculated using the AmSLAC4 or
WinSLAC™ software.
Data transmitted or received on the PCM highway can
be 8-bit companded code (with an optional 8-bit
signaling byte in the transmit direction) or 16-bit linear
code. The 8-bit codes appear 1 byte per time slot,
while the 16-bit code appears in two consecutive time
slots. The compressed PCM codes can be either 8-bit
companded A-law or µ-law. The PCM data is read from
and written to the PCM highway in user-programmable
time slots at rates of 128 kHz to 8.192 MHz. The
transmit clock edge and clock slot can be selected for
compatibility with other devices that can be connected
to the PCM highway.
Three configurations of the QSLAC device are
offered with single or dual PCM highways. The
Am79Q02 and Am79Q021 QSLAC devices with dual
and single PCM highways respectively are available
in the 44-pin packages. The Am79Q031JC QSLAC
device is a single PCM highway version in a 32-pin
PLCC package.
VOUT1
VOUT4
Outputs
Analog. The received digital data at DRA or DRB is processed and converted to an analog
signal at the VOUT pin. VOUT1 is the output from channel 1, VOUT2 is the output for channel
2, VOUT3 is the output from channel 3, and VOUT4 is the output for channel 4. The VOUT
voltages are referenced to VREF.
VREF
Output
Analog Voltage Reference. The VREF output is provided in order for an external 0.1 µF ca-
pacitor to be connected from VREF to ground, filtering noise present on the internal voltage
reference. VREF is buffered before it is used by internal circuitry. The voltage on VREF is
nominally 2.1 V, and the output resistance is 100 k
Ω ±30%. The leakage current in the ca-
pacitor must be less than 20 nA.
Pin Names
Type
Description
PCM Highway
Programmable I/O
Chopper Clock
Package
Part Number
Dual
Four
Yes
44 PLCC/TQFP
Am79Q02 JC
Single
Five
No
44 PLCC/TQFP
Am79Q021 JC (or VC)
Single
Two
No
32 PLCC
Am79Q031 JC


Similar Part No. - AM79Q021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM79Q4457 ETC1-AM79Q4457 Datasheet
661Kb / 44P
   Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
AM79Q4457J ETC1-AM79Q4457J Datasheet
661Kb / 44P
   Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
AM79Q4457JC ETC1-AM79Q4457JC Datasheet
661Kb / 44P
   Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
AM79Q4457V ETC1-AM79Q4457V Datasheet
661Kb / 44P
   Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
AM79Q4457VC ETC1-AM79Q4457VC Datasheet
661Kb / 44P
   Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
More results

Similar Description - AM79Q021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM79Q4457 ETC1-AM79Q4457 Datasheet
661Kb / 44P
   Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
logo
Advanced Micro Devices
AM79C03 AMD-AM79C03 Datasheet
723Kb / 48P
   Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
AM7905A AMD-AM7905A Datasheet
1Mb / 33P
   Subscriber Line Audio-Processing Circuit(SLAC)Device
AM79D2251 AMD-AM79D2251 Datasheet
410Kb / 35P
   Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com