Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C1M16F5-60JC Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AS4C1M16F5-60JC
Description  5V 1M X 16 CMOS DRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS4C1M16F5-60JC Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AS4C1M16F5-60JC Datasheet HTML 2Page - List of Unclassifed Manufacturers AS4C1M16F5-60JC Datasheet HTML 3Page - List of Unclassifed Manufacturers AS4C1M16F5-60JC Datasheet HTML 4Page - List of Unclassifed Manufacturers AS4C1M16F5-60JC Datasheet HTML 5Page - List of Unclassifed Manufacturers AS4C1M16F5-60JC Datasheet HTML 6Page - List of Unclassifed Manufacturers AS4C1M16F5-60JC Datasheet HTML 7Page - List of Unclassifed Manufacturers AS4C1M16F5-60JC Datasheet HTML 8Page - List of Unclassifed Manufacturers AS4C1M16F5-60JC Datasheet HTML 9Page - List of Unclassifed Manufacturers AS4C1M16F5-60JC Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
AS4C1M16F5
4/11/01; v.0.9.1
Alliance Semiconductor
P. 6 of 21
®
Fast page mode cycle
Output enable
Symbol
Parameter
-50
-60
Unit
Notes
Min
Max
Min
Max
tCPA
Access time from CAS precharge
28
35
ns
13
tRASP
RAS
pulse width
50
100K
60
100K
ns
tPC
Read-write cycle time
30
35
ns
tCP
CAS
precharge time (fast page)
10
10
ns
tPCM
Fast page mode RMW cycle
80
85
ns
tCRW
Page mode CAS pulse width (RMW)
54
60
ns
Symbol
Parameter
-50
-60
Unit
Notes
MinMax
MinMax
tCLZ
CAS
to output in Low Z
0
0
ns
8
tROH
RAS
hold time referenced to OE
8–
10
ns
tOEA
OE
access time
13
15
ns
tOED
OE
to data delay
13
15
ns
tOEZ
Output buffer turnoff delay from OE
0130
15
ns
8
tOEH
OE
command hold time
10
10
ns
tOLZ
OE
to output in Low Z
0
0
ns
tOFF
Output buffer turn-off time
0
13
0
15
ns
8,10


Similar Part No. - AS4C1M16F5-60JC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C1M16E5 ALSC-AS4C1M16E5 Datasheet
603Kb / 22P
   5V 1M횞16 CMOS DRAM (EDO)
AS4C1M16E5-45JC ALSC-AS4C1M16E5-45JC Datasheet
603Kb / 22P
   5V 1M횞16 CMOS DRAM (EDO)
AS4C1M16E5-45TC ALSC-AS4C1M16E5-45TC Datasheet
603Kb / 22P
   5V 1M횞16 CMOS DRAM (EDO)
AS4C1M16E5-50JC ALSC-AS4C1M16E5-50JC Datasheet
603Kb / 22P
   5V 1M횞16 CMOS DRAM (EDO)
AS4C1M16E5-50JI ALSC-AS4C1M16E5-50JI Datasheet
603Kb / 22P
   5V 1M횞16 CMOS DRAM (EDO)
More results

Similar Description - AS4C1M16F5-60JC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4LC2M8S1 ALSC-AS4LC2M8S1 Datasheet
712Kb / 28P
   3.3V 2M x 8/1M x 16 CMOS synchronous DRAM
logo
List of Unclassifed Man...
HY514400 ETC1-HY514400 Datasheet
916Kb / 18P
   1M x 4-bit CMOS DRAM
HY514400A ETC1-HY514400A Datasheet
804Kb / 18P
   1M x 4-bit CMOS DRAM
logo
Alliance Semiconductor ...
AS4C1M16S ALSC-AS4C1M16S Datasheet
2Mb / 53P
   1M x 16 bit Synchronous DRAM
AS4C256K16FO ALSC-AS4C256K16FO Datasheet
526Kb / 25P
   5V 256K X 16 CMOS DRAM (Fast Page Mode)
logo
List of Unclassifed Man...
AS4LC1M16E5 ETC-AS4LC1M16E5 Datasheet
604Kb / 22P
   3V 1M X 6 CMOS DRAM (EDO)
logo
Alliance Semiconductor ...
AS4C1M16S-7TCN ALSC-AS4C1M16S-7TCN Datasheet
1Mb / 54P
   1M x 16 bit Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM636165TS ETRON-EM636165TS Datasheet
489Kb / 52P
   1M x 16 bit Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323616A GENERALPLUS-GPR323616A Datasheet
1Mb / 56P
   1M x 16 bit Synchronous DRAM (SDRAM)
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com