Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1742-28ACVTR Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1742-28ACVTR
Description  Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1742-28ACVTR Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1742-28ACVTR Datasheet HTML 1Page - Analog Intergrations Corporation AIC1742-28ACVTR Datasheet HTML 2Page - Analog Intergrations Corporation AIC1742-28ACVTR Datasheet HTML 3Page - Analog Intergrations Corporation AIC1742-28ACVTR Datasheet HTML 4Page - Analog Intergrations Corporation AIC1742-28ACVTR Datasheet HTML 5Page - Analog Intergrations Corporation AIC1742-28ACVTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC1742-28ACVTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC1742-28ACVTR Datasheet HTML 8Page - Analog Intergrations Corporation AIC1742-28ACVTR Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AIC1742
TYPICAL PERFORMANCE CHARACTERISTICS
2
3
4
5
6
7
8
9
10
0
10
20
30
40
50
60
Fig. 1 Quiescent Current
Input Voltage (V)
AIC1742
TA=25°C
VSHDN=1.6V
IOUT=0mA
Fig. 2 Ground Current
0
20
40
60
80
100
120
140
0
2
4
6
8
10
12
14
Output Current (mA)
TA=25°C
AIC1742
Fig. 3 Short-Circuit Current
0
1
2
3
4
5
6
7
0
50
100
150
200
250
300
350
Input Voltage (V)
AIC1742
T=25
°C
Fig. 4 Output Voltage
-40
-20
0
20
40
60
80
100
120
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
AIC1742-33
AIC1742-15
Temperature (
°C)
VIN=5V
VSHDN=1.6V
IOUT=0mA
Fig. 5 Load Regulation
10
20
30
40
50
60
70
80
90 100 110 120 130 140 150
0
5
10
15
20
25
30
35
AIC1742-33
AIC1742-15
Output Current (mA)
AIC1742
VIN=5V
VSHDN=1.6V
TA=25°C
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
10
20
30
40
50
IOUT=100mA
IOUT=150mA
Fig. 6 Load Regulation
Input Voltage (V)
AIC1742-15
VSHDN=1.6V
TA=25°C
5


Similar Part No. - AIC1742-28ACVTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1742-28AXV AIC-AIC1742-28AXV Datasheet
328Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
More results

Similar Description - AIC1742-28ACVTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1742 AIC-AIC1742_15 Datasheet
328Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
logo
Semtech Corporation
SC1453 SEMTECH-SC1453_08 Datasheet
253Kb / 15P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453 SEMTECH-SC1453_06 Datasheet
245Kb / 14P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453 SEMTECH-SC1453 Datasheet
119Kb / 5P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
logo
Monolithic Power System...
MP2011A MPS-MP2011A Datasheet
523Kb / 14P
   24V, 150mA, Low Quiescent Current Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com