Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH616UV8010DI-70 Datasheet(PDF) 2 Page - Brilliance Semiconductor

Part # BH616UV8010DI-70
Description  Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BH616UV8010DI-70 Datasheet(HTML) 2 Page - Brilliance Semiconductor

  BH616UV8010DI-70 Datasheet HTML 1Page - Brilliance Semiconductor BH616UV8010DI-70 Datasheet HTML 2Page - Brilliance Semiconductor BH616UV8010DI-70 Datasheet HTML 3Page - Brilliance Semiconductor BH616UV8010DI-70 Datasheet HTML 4Page - Brilliance Semiconductor BH616UV8010DI-70 Datasheet HTML 5Page - Brilliance Semiconductor BH616UV8010DI-70 Datasheet HTML 6Page - Brilliance Semiconductor BH616UV8010DI-70 Datasheet HTML 7Page - Brilliance Semiconductor BH616UV8010DI-70 Datasheet HTML 8Page - Brilliance Semiconductor BH616UV8010DI-70 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
BSI
BH616UV8010
R0201-BH616UV8010
Revision
1.0
Jul.
2005
2
n PIN DESCRIPTIONS
Name
Function
A0-A18 Address Input
These 19 address inputs select one of the 524,288 x 16 bit in the RAM
CE1 Chip Enable 1 Input
CE2 Chip Enable 2 Input
CE1 is active LOW and CE2 is active HIGH. Both chip enables must be active when
data read from or write to the device. If either chip enable is not active, the device is
deselected and is in standby power mode. The DQ pins will be in the high impedance
state when the device is deselected.
WE Write Enable Input
The write enable input is active LOW and controls read and write operations. With the
chip selected, when WE is HIGH and OE is LOW, output data will be present on the
DQ pins; when WE is LOW, the data present on the DQ pins will be written into the
selected memory location.
OE Output Enable Input
The output enable input is active LOW. If the output enable is active while the chip is
selected and the write enable is inactive, data will be present on the DQ pins and they
will be enabled. The DQ pins will be in the high impendence state when OE is inactive.
LB and UB Data Byte Control Input
Lower byte and upper byte data input/output control pins.
DQ0-DQ15 Data Input/Output
Ports
16 bi-directional ports are used to read data from or write data into the RAM.
VCC
Power Supply
VSS
Ground
n TRUTH TABLE
MODE
CE1
CE2
WE
OE
LB
UB
DQ0~DQ7 DQ8~DQ15 VCC CURRENT
H
X
X
X
X
X
High Z
High Z
ICCSB, ICCSB1
X
L
X
X
X
X
High Z
High Z
ICCSB, ICCSB1
Chip De-selected
(Power Down)
X
X
X
X
H
H
High Z
High Z
ICCSB, ICCSB1
Output Disabled
L
H
H
H
X
X
High Z
High Z
ICC
L
L
DOUT
DOUT
ICC
H
L
High Z
DOUT
ICC
Read
L
H
H
L
L
H
DOUT
High Z
ICC
L
L
DIN
DIN
ICC
H
L
X
DIN
ICC
Write
L
H
L
X
L
H
DIN
X
ICC
NOTES: H means VIH; L means VIL; X means don’t care (Must be VIH or VIL state)


Similar Part No. - BH616UV8010DI-70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BH616UV8010DI55 BSI-BH616UV8010DI55 Datasheet
164Kb / 11P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
BH616UV8010DI70 BSI-BH616UV8010DI70 Datasheet
164Kb / 11P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
BH616UV8010DIG55 BSI-BH616UV8010DIG55 Datasheet
164Kb / 11P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
BH616UV8010DIG70 BSI-BH616UV8010DIG70 Datasheet
164Kb / 11P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
BH616UV8010DIP55 BSI-BH616UV8010DIP55 Datasheet
164Kb / 11P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
More results

Similar Description - BH616UV8010DI-70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BH616UV8011 BSI-BH616UV8011 Datasheet
152Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
BH616UV8011 BSI-BH616UV8011_08 Datasheet
238Kb / 11P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
BH616UV8010 BSI-BH616UV8010_06 Datasheet
164Kb / 11P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
logo
Lyontek Inc.
LY61L51216A LYONTEK-LY61L51216A_13 Datasheet
300Kb / 12P
   512K X 16 BIT HIGH SPEED CMOS SRAM
logo
Alliance Semiconductor ...
AS7C38098A-10TIN ALSC-AS7C38098A-10TIN Datasheet
505Kb / 12P
   512K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L51216A LYONTEK-LY61L51216A_16 Datasheet
793Kb / 15P
   512K X 16 BIT HIGH SPEED CMOS SRAM
logo
Brilliance Semiconducto...
BH62UV4000 BSI-BH62UV4000 Datasheet
397Kb / 12P
   Ultra Low Power/High Speed CMOS SRAM 512K X 8 bit
BS616UV8011 BSI-BS616UV8011 Datasheet
221Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616UV8010 BSI-BS616UV8010 Datasheet
208Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 512K X 16 bit
logo
Lyontek Inc.
LY6251216 LYONTEK-LY6251216 Datasheet
190Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com