Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28RS480ZXCT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY28RS480ZXCT
Description  Clock Generator for ATI RS480 Chipset
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28RS480ZXCT Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY28RS480ZXCT Datasheet HTML 1Page - Cypress Semiconductor CY28RS480ZXCT Datasheet HTML 2Page - Cypress Semiconductor CY28RS480ZXCT Datasheet HTML 3Page - Cypress Semiconductor CY28RS480ZXCT Datasheet HTML 4Page - Cypress Semiconductor CY28RS480ZXCT Datasheet HTML 5Page - Cypress Semiconductor CY28RS480ZXCT Datasheet HTML 6Page - Cypress Semiconductor CY28RS480ZXCT Datasheet HTML 7Page - Cypress Semiconductor CY28RS480ZXCT Datasheet HTML 8Page - Cypress Semiconductor CY28RS480ZXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CY28RS480
Document #: 38-07638 Rev. *C
Page 4 of 15
Control Registers
18:11
Command Code – 8 bits
18:11
Command Code – 8 bits
19
Acknowledge from slave
19
Acknowledge from slave
27:20
Data byte – 8 bits
20
Repeated start
28
Acknowledge from slave
27:21
Slave address – 7 bits
29
Stop
28
Read
29
Acknowledge from slave
37:30
Data from slave – 8 bits
38
NOT Acknowledge
39
Stop
Table 3. Byte Read and Byte Write Protocol (continued)
Byte Write Protocol
Byte Read Protocol
Bit
Description
Bit
Description
Byte 0:Control Register 0
Bit
@Pup
Name
Description
7
1
SRC[T/C]5
SRC[T/C]5 Output Enable
0 = Disable (Hi-Z), 1 = Enable
6
1
SRC[T/C]4
SRC[T/C]4 Output Enable
0 = Disable (Hi-Z), 1 = Enable
5
1
SRC[T/C]3
SRC[T/C]3 Output Enable
0 = Disable (Hi-Z), 1 = Enable
4
1
SRC[T/C]2
SRC[T/C]2 Output Enable
0 = Disable (Hi-Z), 1 = Enable
3
1
SRC[T/C]1
SRC[T/C]1 Output Enable
0 = Disable (Hi-Z), 1 = Enable
2
1
SRC [T/C]0
SRC[T/C]0 Output Enable
0 = Disable (Hi-Z), 1 = Enable
1
1
SRCS[T/C]1
SRCS[T/C]1 Output Enable
0 = Disable (Hi-Z), 1 = Enable
0
1
SRCS[T/C]0
SRCS[T/C]0 Output Enable
0 = Disable (Hi-Z), 1 = Enable
Byte 1: Control Register 1
Bit
@Pup
Name
Description
7
1
REF2
REF2 Output Enable
0 = Disable, 1 = Enable
6
1
REF1
REF1 Output Enable
0 = Disable, 1 = Enable
5
1
REF0
REF0 Output Enable
0 = Disable, 1 = Enable
4
1
PCI0
PCI0 Output Enable
0 = Disable, 1 = Enable
3
1
USB_48
USB_48MHz Output Enable
0 = Disable, 1 = Enable
2
1
RESERVED
RESERVED
1
1
CPU[T/C]1
CPU[T/C]1 Output Enable
0 = Disable (Hi-Z), 1 = Enable
0
1
CPU[T/C]0
CPU[T/C]0 Output Enable
0 = Disable (Hi-Z), 1 = Enable


Similar Part No. - CY28RS480ZXCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28RS480ZXCT SPECTRALINEAR-CY28RS480ZXCT Datasheet
144Kb / 14P
   Clock Generator for ATI RS480 Chipset
More results

Similar Description - CY28RS480ZXCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28RS480 SPECTRALINEAR-CY28RS480 Datasheet
144Kb / 14P
   Clock Generator for ATI RS480 Chipset
logo
Cypress Semiconductor
CY28RS480-1 CYPRESS-CY28RS480-1 Datasheet
231Kb / 16P
   Clock Generator for ATI RS480 Chipset
CY28RS400 CYPRESS-CY28RS400 Datasheet
256Kb / 19P
   Clock Generator for ATI RS400 Chipset
logo
SpectraLinear Inc
CY28RS400 SPECTRALINEAR-CY28RS400 Datasheet
179Kb / 18P
   Clock Generator for ATI RS400 Chipset
logo
Renesas Technology Corp
ICS951416 RENESAS-ICS951416 Datasheet
435Kb / 26P
   System Clock Chip for ATI RS480
2019
ICS951412B RENESAS-ICS951412B Datasheet
395Kb / 22P
   System Clock Chip for ATI RS480 K8-based Systems
2019
logo
Integrated Circuit Syst...
ICS951412 ICST-ICS951412 Datasheet
283Kb / 10P
   System Clock Chip for ATI RS480 K8-based Systems
logo
Renesas Technology Corp
IDTCV137 RENESAS-IDTCV137 Datasheet
323Kb / 18P
   PROGRAMMABLE FLEXPC™ CLOCK FOR AMD K8 PROCESSOR ATI RS480
MARCH 2005
IDTCV149 RENESAS-IDTCV149 Datasheet
595Kb / 18P
   PROGRAMMABLE FLEXPC™ CLOCK FOR AMD K8 PROCESSOR ATI RS480
MAY 2004
logo
Silicon Laboratories
SL28541 SILABS-SL28541 Datasheet
307Kb / 31P
   Clock Generator for Intel짰Mobile Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com