Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28RS480ZXCT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY28RS480ZXCT
Description  Clock Generator for ATI RS480 Chipset
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28RS480ZXCT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY28RS480ZXCT Datasheet HTML 1Page - Cypress Semiconductor CY28RS480ZXCT Datasheet HTML 2Page - Cypress Semiconductor CY28RS480ZXCT Datasheet HTML 3Page - Cypress Semiconductor CY28RS480ZXCT Datasheet HTML 4Page - Cypress Semiconductor CY28RS480ZXCT Datasheet HTML 5Page - Cypress Semiconductor CY28RS480ZXCT Datasheet HTML 6Page - Cypress Semiconductor CY28RS480ZXCT Datasheet HTML 7Page - Cypress Semiconductor CY28RS480ZXCT Datasheet HTML 8Page - Cypress Semiconductor CY28RS480ZXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CY28RS480
Document #: 38-07638 Rev. *C
Page 2 of 15
Pin Description
Pin No.
Name
Type
Description
41,40,45,44
CPUT/C
O, DIF Differential CPU clock outputs. AMD K8 buffer (200 Mhz).
50
PCI0
O
33-MHz clock output.
37
IREF
I
A precision resistor attached to this pin is connected to the internal current
reference.
52, 53, 54
REF[2:0]
O, SE 14.318-MHz REF clock output. IntelType-5 buffer.
7SCLK
I,PU
SMBus-compatible SCLOCK.This pin has an internal pull-up, but is tri-stated in
power-down.
8
SDATA
I/O,PU SMBus-compatible SDATA.This pin has an internal pull-up, but is tri-stated in
power-down.
27, 28, 30, 29
SRCST/C[1:0]
O, DIF Differentials Selectable serial reference clock. Intel Type-X buffer.
Includes overclock support through SMBUS
12, 13, 16,
17, 18, 19,
22, 23, 24,
25, 34, 33
SRCT/C[5:0]
O, DIF 100-MHz differential serial reference clock. Intel Type-X buffer.
10,11
CLKREQ#[0:1]
I, SE,
PD
Output Enable control for SRCT/C. Output enable control required by Minicard
specification. This pin has an internal pull-down.
0 = Selected SRC outputs are enabled, 1 = Selected SRC outputs are disabled
4
USB_48
O, SE 48-MHz clock output. Intel Type-3A buffer.
47
HTT66
O, SE 66-MHz clock output. Intel Type-5 buffer.
3
VDD_48
PWR 3.3V power supply for USB outputs
43
VDD_CPU
PWR 3.3V power supply for CPU outputs
51
VDD_PCI
PWR 3.3V power supply for PCI outputs
56
VDD_REF
PWR 3.3V power supply for REF outputs
48
VDD_HTT
PWR 3.3V power supply for Hyper Transport outputs
14, 21
VDD_SRC
PWR 3.3V power supply for SRC outputs
35
VDD_SRC1
PWR 3.3V power supply for SRC outputs
32
VDD_SRCS
PWR 3.3V power supply for SRCS outputs
39
VDDA
PWR 3.3V Analog Power for PLLs
5
VSS_48
GND Ground for USB outputs
42
VSS_CPU
GND Ground for CPU outputs
49
VSS_PCI
GND Ground for PCI outputs
55
VSS_REF
GND Ground for REF outputs
15, 20, 26
VSS_SRC
GND Ground for SRC outputs
36
VSS_SRC1
GND Ground for SRC outputs
31
VSS_SRCS
GND Ground for SRCS outputs
46
VSS_HTT
GND Ground for HyperTransport outputs
38
VSSA
GND Analog Ground
1
XIN
I
14.318-MHz Crystal Input
2
XOUT
O
14.318-MHz Crystal Output
6, 9
NC
No Connects


Similar Part No. - CY28RS480ZXCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28RS480ZXCT SPECTRALINEAR-CY28RS480ZXCT Datasheet
144Kb / 14P
   Clock Generator for ATI RS480 Chipset
More results

Similar Description - CY28RS480ZXCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28RS480 SPECTRALINEAR-CY28RS480 Datasheet
144Kb / 14P
   Clock Generator for ATI RS480 Chipset
logo
Cypress Semiconductor
CY28RS480-1 CYPRESS-CY28RS480-1 Datasheet
231Kb / 16P
   Clock Generator for ATI RS480 Chipset
CY28RS400 CYPRESS-CY28RS400 Datasheet
256Kb / 19P
   Clock Generator for ATI RS400 Chipset
logo
SpectraLinear Inc
CY28RS400 SPECTRALINEAR-CY28RS400 Datasheet
179Kb / 18P
   Clock Generator for ATI RS400 Chipset
logo
Renesas Technology Corp
ICS951416 RENESAS-ICS951416 Datasheet
435Kb / 26P
   System Clock Chip for ATI RS480
2019
ICS951412B RENESAS-ICS951412B Datasheet
395Kb / 22P
   System Clock Chip for ATI RS480 K8-based Systems
2019
logo
Integrated Circuit Syst...
ICS951412 ICST-ICS951412 Datasheet
283Kb / 10P
   System Clock Chip for ATI RS480 K8-based Systems
logo
Renesas Technology Corp
IDTCV137 RENESAS-IDTCV137 Datasheet
323Kb / 18P
   PROGRAMMABLE FLEXPC™ CLOCK FOR AMD K8 PROCESSOR ATI RS480
MARCH 2005
IDTCV149 RENESAS-IDTCV149 Datasheet
595Kb / 18P
   PROGRAMMABLE FLEXPC™ CLOCK FOR AMD K8 PROCESSOR ATI RS480
MAY 2004
logo
Silicon Laboratories
SL28541 SILABS-SL28541 Datasheet
307Kb / 31P
   Clock Generator for Intel짰Mobile Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com