Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GCDA15C-1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GCDA15C-1
Description  Low Capacitance Bidirectional ESD Protection Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GCDA15C-1 Datasheet(HTML) 1 Page - Vishay Siliconix

  GCDA15C-1 Datasheet HTML 1Page - Vishay Siliconix GCDA15C-1 Datasheet HTML 2Page - Vishay Siliconix GCDA15C-1 Datasheet HTML 3Page - Vishay Siliconix GCDA15C-1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GCDA15C-1
Document Number 85856
Rev. 1.1, 19-Oct-04
Vishay Semiconductors
www.vishay.com
1
18909
34
21
Low Capacitance Bidirectional ESD Protection Diodes
Features
• Low capacitance
• Very low leakage current
• Bidirectional ESD protection
• ESD protection to IEC 61000 - 4 - 2 Level 4
Mechanical Data
Case: SOT-143 Plastic case
Weight: approx. 8 mg
Molding Compound Flammability Rating:
UL 94 V-0
Terminals: High temperature soldering guaranteed:
260 °C/10 sec. at terminals
Packaging: TBD
Packaging Codes/Options:
GS08 / 3 k per 7" reel (8 mm tape), 15 k/box
Parts Table
Absolute Maximum Ratings
Ratings at 25 °C, ambient temperature unless otherwise specified
Thermal Characteristics
Ratings at 25 °C, ambient temperature unless otherwise specified
Part
Ordering code
Marking
Remarks
GCDA15C-1
GCDA15C-1-GS08
GC1
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Maximum Peak pulse current
8/20
µs waveform
IPPM
10
A
Peak pulse power
8/20
µs waveform
PPPM
350
W
ESD Air discharge per
IEC 61000-4-2
VPP
15
kV
ESD Contact discharge per
IEC 61000-4-2
VPP
8kV
Parameter
Test condition
Symbol
Value
Unit
Operation temperature
TJ
- 40 to + 125
°C
Storage temperature
TSTG
- 55 to + 150
°C


Similar Part No. - GCDA15C-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GCDA05 VISHAY-GCDA05 Datasheet
86Kb / 3P
   Low Capacitance ESD Protection Diode Array for High-Speed Data Interfaces
Rev. 3, 18-Jul-03
More results

Similar Description - GCDA15C-1

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0S1BA NEXPERIA-PESD5V0S1BA_V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
logo
NXP Semiconductors
PESD5V0S1B NXP-PESD5V0S1B Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
PESD5V0S1BL PHILIPS-PESD5V0S1BL Datasheet
84Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 03-17 December 2004
PESD5V0S1BA NXP-PESD5V0S1BA Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
logo
Nexperia B.V. All right...
PESD5V0S1BA-V01 NEXPERIA-PESD5V0S1BA-V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
logo
Pan Jit International I...
PJEC24MTA PANJIT-PJEC24MTA Datasheet
126Kb / 5P
   LOW CAPACITANCE DOUBLE BIDIRECTIONAL ESD PROTECTION DIODES
logo
NXP Semiconductors
PESD5V0V2BMB PHILIPS-PESD5V0V2BMB_15 Datasheet
219Kb / 12P
   Very low capacitance bidirectional ESD protection diodes
17 August 2015
PESD5V0V1BA PHILIPS-PESD5V0V1BA_15 Datasheet
272Kb / 14P
   Very low capacitance bidirectional ESD protection diodes
Rev. 2-9 November 2012
logo
Nexperia B.V. All right...
PESD5V0X1BQ NEXPERIA-PESD5V0X1BQ Datasheet
208Kb / 12P
   Ultra low capacitance bidirectional ESD protection diodes
28 December 2022
logo
NXP Semiconductors
PESD5V0X1BT NXP-PESD5V0X1BT Datasheet
83Kb / 13P
   Ultra low capacitance bidirectional ESD protection diodes
Rev. 01-30 October 2008
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com