Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV1G32A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LV1G32A
Description  2-input OR Gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1G32A Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LV1G32A Datasheet HTML 1Page - Renesas Technology Corp HD74LV1G32A Datasheet HTML 2Page - Renesas Technology Corp HD74LV1G32A Datasheet HTML 3Page - Renesas Technology Corp HD74LV1G32A Datasheet HTML 4Page - Renesas Technology Corp HD74LV1G32A Datasheet HTML 5Page - Renesas Technology Corp HD74LV1G32A Datasheet HTML 6Page - Renesas Technology Corp HD74LV1G32A Datasheet HTML 7Page - Renesas Technology Corp HD74LV1G32A Datasheet HTML 8Page - Renesas Technology Corp HD74LV1G32A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HD74LV1G32A
Rev.6.00, Aug.29.2003, page 4 of 10
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Test Conditions
Supply voltage range
VCC
–0.5 to 7.0
V
Input voltage range
*1
VI
–0.5 to 7.0
V
–0.5 to VCC + 0.5
Output : H or L
Output voltage range
*1, 2
VO
–0.5 to 7.0
V
VCC : OFF
Input clamp current
IIK
–20
mA
VI < 0
Output clamp current
IOK
±50
mA
VO < 0 or VO > VCC
Continuous output current
IO
±25
mA
VO = 0 to VCC
Continuous current through
VCC or GND
ICC or IGND
±50
mA
Maximum power dissipation
at Ta = 25°C (in still air)
*3
PT
200
mW
Storage temperature
Tstg
–65 to 150
°C
Notes:
The absolute maximum ratings are values, which must not individually be exceeded, and
furthermore no two of which may be realized at the same time.
1. The input and output voltage ratings may be exceeded if the input and output clamp-current
ratings are observed.
2. This value is limited to 5.5 V maximum.
3. The maximum package power dissipation was calculated using a junction temperature of 150°C.


Similar Part No. - HD74LV1G32A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1G32A RENESAS-HD74LV1G32A Datasheet
112Kb / 8P
   2.input OR Gate
HD74LV1G32ACME RENESAS-HD74LV1G32ACME Datasheet
112Kb / 8P
   2.input OR Gate
HD74LV1G32ACME RENESAS-HD74LV1G32ACME Datasheet
166Kb / 9P
   2?밿nput OR Gate
HD74LV1G32AVSE RENESAS-HD74LV1G32AVSE Datasheet
112Kb / 8P
   2.input OR Gate
HD74LV1G32AVSE RENESAS-HD74LV1G32AVSE Datasheet
166Kb / 9P
   2?밿nput OR Gate
More results

Similar Description - HD74LV1G32A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
   2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
   2-INPUT OR GATE
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
   2-input OR gate
1999 Jan 27
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Toshiba Semiconductor
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
   2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
   2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
   2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
   2-input OR Gate
logo
Toshiba Semiconductor
TC7SH32F TOSHIBA-TC7SH32F_09 Datasheet
173Kb / 7P
   2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com