Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS93C56-3PI Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS93C56-3PI
Description  2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS93C56-3PI Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS93C56-3PI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS93C56-3PI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS93C56-3PI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS93C56-3PI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS93C56-3PI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS93C56-3PI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS93C56-3PI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS93C56-3PI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS93C56-3PI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. G
04/26/01
IS93C56-3
ISSI®
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VGND
Voltage with Respect to GND
–0.3 tp +6.5
V
TBIAS
Temperature Under Bias (IS93C56-3)
0 to +70
°C
TBIAS
Temperature Under Bias (IS93C56-3I)
–40 to +85
°C
TSTG
Storage Temperature
–65 to +125
°C
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of the
device at these or any other conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
CAPACITANCE
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
5
pF
COUT
Output Capacitance
VOUT = 0V
5
pF
OPERATING RANGE
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
2.7V to 6.0V
Industrial
–40°C to +85°C
2.7V to 6.0V
FIGURE 1. AC TEST CONDITIONS
800
100 pF
+2.08V
DOUT
Vcc = 5.0V


Similar Part No. - IS93C56-3PI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C56A ISSI-IS93C56A Datasheet
131Kb / 16P
   2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C56A-2GRI ISSI-IS93C56A-2GRI Datasheet
131Kb / 16P
   2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C56A-2GRLI ISSI-IS93C56A-2GRLI Datasheet
131Kb / 16P
   2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C56A-2PI ISSI-IS93C56A-2PI Datasheet
131Kb / 16P
   2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C56A-2PLI ISSI-IS93C56A-2PLI Datasheet
131Kb / 16P
   2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS93C56-3PI

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93LC56 ROHM-BR93LC56 Datasheet
127Kb / 12P
   2,048-Bit Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
XL9020 ETC-XL9020 Datasheet
156Kb / 12P
   2,048-Bit Serial Electrically Erasable PROM 2.7 to 5.5 Volt Operation
logo
Integrated Silicon Solu...
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS24C16 ISSI-IS24C16 Datasheet
76Kb / 10P
   16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3 ISSI-IS93C66-3 Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com