Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M467805BTP-6S Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M5M467805BTP-6S
Description  EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M467805BTP-6S Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M5M467805BTP-6S Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M467805BTP-6S Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M467805BTP-6S Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M467805BTP-6S Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M467805BTP-6S Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M467805BTP-6S Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M5M467805BTP-6S Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M5M467805BTP-6S Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M5M467805BTP-6S Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
MITSUBISHI
ELECTRIC
Jun. 1999
EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
EDO MODE 67108864-BIT (8388608-WORD BY 8-BIT) DYNAMIC RAM
EDO MODE 67108864-BIT (4194304-WORD BY 16-BIT) DYNAMIC RAM
MITSUBISHI LSIs
(Rev. 1.1)
M5M467405/465405BJ,BTP -5,-6,-5S,-6S
M5M467805/465805BJ,BTP -5,-6,-5S,-6S
M5M465165BJ,BTP -5,-6,-5S,-6S
8
ELECTRICAL CHARACTERISTICS (Ta=0
70
, Vcc=3.3
0.3V, Vss=0V, unless otherwise noted) (Note 2)
C
[M5M465405B / M5M465805B]
±
Symbol
VOH
VOL
IOZ
I I
ICC1 (AV)
High-level output voltage
Parameter
Low-level output voltage
Off-state output current
Input current
Average supply current
from Vcc
operating
(Note 3,4,5)
M5M465405B-5,5S
M5M465805B-5,5S
M5M465405B-6,6S
M5M465805B-6,6S
M5M465405B-5,5S
-6,6S
M5M465405B-5,6
M5M465805B-5,6
M5M465405B-5S,6S
M5M465805B-5S,6S
ICC2 (AV)
Average supply current
from Vcc
stand-by
ICC4 (AV)
(Note 3,4,5)
Average supply current
from Vcc
EDO-Mode
M5M465405B-5,5S
M5M465805B-5,5S
M5M465405B-6,6S
M5M465805B-6,6S
ICC6 (AV)
(Note 3,5)
Average supply current
from Vcc
CAS before RAS refresh
mode
M5M465405B-5,5S
M5M465805B-5,5S
M5M465405B-6,6S
M5M465805B-6,6S
(Note 6)
M5M465805B-5,5S
-6,6S
Limits
Min
Max
Unit
Typ
Test conditions
IOH=-2mA
IOL=2mA
Q floating 0V
VOUT Vcc
0V
VIN Vcc+0.3V, Other input pins=0V
RAS, CAS cycling
tRC=tWC=min.
output open
V
V
mA
Vcc
0.4
10
10
130
2.4
0
-10
-10
µA
µA
RAS= CAS =VIH, output open
1
RAS= CAS
Vcc -0.2V,output open
mA
0.5
0.3
RAS=VIL, CAS cycling
tHPC=min.
output open
mA
mA
100
90
130
120
CAS before RAS refresh cycling
tRC=min.
output open
120
[M5M465165B]
Symbol
VOH
VOL
IOZ
I I
ICC1 (AV)
ICC2 (AV)
High-level output voltage
Parameter
Low-level output voltage
Off-state output current
Input current
Average supply current
from Vcc
operating
(Note 3,4,5)
Average supply current
from Vcc
stand-by
M5M465165B-5,5S
M5M465165B-6,6S
ICC4 (AV)
ICC6 (AV)
Average supply current
from Vcc
EDO-Mode
(Note 3,4,5)
Average supply current
from Vcc
CAS before RAS refresh
mode
(Note 3,5)
M5M465165B-5,5S
M5M465165B-6,6S
M5M465165B-5,5S
M5M465165B-6,6S
Limits
Min
Max
Unit
Typ
Test conditions
IOH=-2mA
IOL=2mA
RAS= CAS =VIH, output open
V
V
mA
mA
Vcc
0.4
10
10
140
130
1
0.5
2.4
0
-10
-10
RAS, CAS cycling
output open
tRC=tWC=min.
Q floating 0V
VOUT
Vcc
0V
VIN
Vcc+0.3V, Other input pins=0V
RAS= CAS
Vcc -0.2V, output open
mA
mA
120
110
140
130
CAS before RAS refresh cycling
tRC=min.
output open
RAS=VIL, CAS cycling
output open
tHPC=min.
µA
µA
0.3
M5M465165B-5,5S
-6,6S
M5M465165B-5,6
M5M465165B-5S,6S
(Note 6)
~


Similar Part No. - M5M467805BTP-6S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M467805DJ MITSUBISHI-M5M467805DJ Datasheet
273Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M467805DTP-5 MITSUBISHI-M5M467805DTP-5 Datasheet
273Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M467805DTP-5S MITSUBISHI-M5M467805DTP-5S Datasheet
273Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M467805DTP-6 MITSUBISHI-M5M467805DTP-6 Datasheet
273Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M467805DTP-6S MITSUBISHI-M5M467805DTP-6S Datasheet
273Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
More results

Similar Description - M5M467805BTP-6S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M467405DTP-5 MITSUBISHI-M5M467405DTP-5 Datasheet
273Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M467400DTP-5 MITSUBISHI-M5M467400DTP-5 Datasheet
246Kb / 37P
   FAST PAGE MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M467400BJ MITSUBISHI-M5M467400BJ Datasheet
392Kb / 37P
   FAST PAGE MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M417400CJ MITSUBISHI-M5M417400CJ Datasheet
514Kb / 22P
   FAST PAGE MODE 16777216-BIT (4194304-WORD BY 4-BIT) DYNAMIC RAM
MH16V6445BWJ-5 MITSUBISHI-MH16V6445BWJ-5 Datasheet
127Kb / 22P
   HYPER PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V72AWJ-5 MITSUBISHI-MH16V72AWJ-5 Datasheet
195Kb / 20P
   FAST PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V64AWJ-5 MITSUBISHI-MH16V64AWJ-5 Datasheet
186Kb / 20P
   FAST PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V644AWJ-5 MITSUBISHI-MH16V644AWJ-5 Datasheet
186Kb / 20P
   FAST PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V725BATJ-5 MITSUBISHI-MH16V725BATJ-5 Datasheet
149Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V725BWJ-5 MITSUBISHI-MH16V725BWJ-5 Datasheet
129Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com