Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1744CLQ Datasheet(PDF) 11 Page - Microsemi Corporation

Part # LX1744CLQ
Description  Dual Output Boost - LED Driver / LCD Bias
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1744CLQ Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button LX1744CLQ Datasheet HTML 7Page - Microsemi Corporation LX1744CLQ Datasheet HTML 8Page - Microsemi Corporation LX1744CLQ Datasheet HTML 9Page - Microsemi Corporation LX1744CLQ Datasheet HTML 10Page - Microsemi Corporation LX1744CLQ Datasheet HTML 11Page - Microsemi Corporation LX1744CLQ Datasheet HTML 12Page - Microsemi Corporation LX1744CLQ Datasheet HTML 13Page - Microsemi Corporation LX1744CLQ Datasheet HTML 14Page - Microsemi Corporation LX1744CLQ Datasheet HTML 15Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LX1744
PRODUCTION DATASHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 11
Dual Output Boost – LED Driver / LCD Bias
I N T E GR A T ED
PRODUCT S
Copyright
© 2000
Rev. 1.1b, 2005-03-01
EVALUATI ON BOA RD
Table 1: Input and Output Pin Assignments
Name
Input/Output
Range
Description
VIN
0 to 6V
Main power supply for outputs.
GNDx
0V
Common ground reference.
ADJ
0 to VIN-100mV
Apply a DC voltage or a PWM voltage to this pin to adjust the LCD1
output voltage. PWM inputs should be greater than 120Hz.
SHDN
Pulled up to VIN on board (10KΩ), Ground to inhibit the LED driver
output (VOUT).
SHDN
0 to VIN
Pulled up to VIN on board (10KΩ), Ground to inhibit the VLCD1.
VLCD
≤25V
Output voltage test point. Programmed for 18V output, adjustable up to
25V.
-VLCD
≥-25V
Output voltage mirror of VLCD1
VOUT
≤25V
LED drive voltage probe point.
LFB
0 to VIN
LED current sense feedback.
BRT
0 to 350mV
Apply a DC voltage or a PWM voltage to this pin to adjust the LED
current. PWM inputs should be greater than 120Hz with a DC portion
less than 350mV.
DRV
0 to VIN
LED Driver MOSFET Gate Driver Output
REF
1.19V Typ.
Buffered IC reference output.
Note: All pins are referenced to ground.


Similar Part No. - LX1744CLQ

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
LX174 LUMINIS-LX174 Datasheet
95Kb / 2P
   Pedestal mount
logo
Microsemi Corporation
LX1741 MICROSEMI-LX1741 Datasheet
470Kb / 15P
   High Efficiency High Voltage Boost Controller
LX1741 MICROSEMI-LX1741 Datasheet
485Kb / 15P
   High Efficiency High Voltage Boost Controller
LX1741CDU MICROSEMI-LX1741CDU Datasheet
470Kb / 15P
   High Efficiency High Voltage Boost Controller
LX1741CDU MICROSEMI-LX1741CDU Datasheet
485Kb / 15P
   High Efficiency High Voltage Boost Controller
More results

Similar Description - LX1744CLQ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1745 MICROSEMI-LX1745_06 Datasheet
401Kb / 16P
   Triple Output Boost ??LED Driver / LCD Bias
LX1745 MICROSEMI-LX1745 Datasheet
439Kb / 16P
   Triple Output Boost - LED Driver / LCD Bias
logo
MagnaChip Semiconductor...
MAP7102 MGCHIP-MAP7102 Datasheet
1Mb / 17P
   Dual Output LCD Bias IC
logo
Kinetic Technologies.
KTZ8850 KINETIC-KTZ8850 Datasheet
223Kb / 2P
   High Efficiency Step-Up LED Driver with Dual Output LCD Bias Power
August 2020 - Revision 04c
logo
Zetex Semiconductors
ZXLB1600 ZETEX-ZXLB1600 Datasheet
232Kb / 7P
   LCD BIAS BOOST CONVERTER
logo
Sipex Corporation
SP4446 SIPEX-SP4446 Datasheet
169Kb / 10P
   High Output Voltage Boost Regulator LCD Bias Regulator
SP4446 SIPEX-SP4446_06 Datasheet
149Kb / 10P
   High Output Voltage Boost Regulator LCD Bias Regulator
logo
Exar Corporation
SP4446 EXAR-SP4446 Datasheet
262Kb / 10P
   High Output Voltage Boost Regulator LCD Bias Regulator
logo
Lowpower Semiconductor ...
LP6280 POWER-LP6280 Datasheet
781Kb / 12P
   Dual Channel Output LCD Bias Power
logo
Kinetic Technologies.
KTD2151 KINETIC-KTD2151 Datasheet
876Kb / 21P
   Programmable Dual Output LCD Bias Power
April 2020 - Revision 04f
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com