Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1742-30BPVBG Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1742-30BPVBG
Description  Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1742-30BPVBG Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1742-30BPVBG Datasheet HTML 1Page - Analog Intergrations Corporation AIC1742-30BPVBG Datasheet HTML 2Page - Analog Intergrations Corporation AIC1742-30BPVBG Datasheet HTML 3Page - Analog Intergrations Corporation AIC1742-30BPVBG Datasheet HTML 4Page - Analog Intergrations Corporation AIC1742-30BPVBG Datasheet HTML 5Page - Analog Intergrations Corporation AIC1742-30BPVBG Datasheet HTML 6Page - Analog Intergrations Corporation AIC1742-30BPVBG Datasheet HTML 7Page - Analog Intergrations Corporation AIC1742-30BPVBG Datasheet HTML 8Page - Analog Intergrations Corporation AIC1742-30BPVBG Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AIC1742
ORDERING INFORMATION
PIN CONFIGURATION
Example:
AIC1742-15ACVTR
1.5V Version, in SOT-23-5 Package & Tape &
Reel Packing Type
AIC1742-15APVTR
1.5V Version, in SOT-23-5 Lead Free
Package & Tape & Reel Packing Type
AIC1742-XXX XXX XX
PACKING TYPE
TR: TAPE & REEL
BG: BAG
C: COMMERCIAL
ACV: SOT-23-5
BCV: SOT-23-5
P: LEAD FREE COMMERCIAL
APV: SOT-23-5
BPV: SOT-23-5
OUTPUT VOLTAGE
15: 1.5V
18
: 1.8V
20: 2.0V
25: 2.5V
28: 2.8V
285: 2.85V
29: 2.9V
30: 3.0V
33: 3.3V
(Of a unit of 0.1V within the voltage
range from 1.5V to 3.3V, additional
voltage versions for this product line
may be available on demand with prior
consultation with AIC.)
3
2
1
4
5
SOT-23-5
FRONT VIEW
(AXV)
1. VIN
2. GND
3. SHDN
4. BP
5. VOUT
(BXV)
1. VOUT
2. GND
3. VIN
4. SHDN
5. BP
2


Similar Part No. - AIC1742-30BPVBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1742-30BXV AIC-AIC1742-30BXV Datasheet
328Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
More results

Similar Description - AIC1742-30BPVBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1742 AIC-AIC1742_15 Datasheet
328Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
logo
Semtech Corporation
SC1453 SEMTECH-SC1453_08 Datasheet
253Kb / 15P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453 SEMTECH-SC1453_06 Datasheet
245Kb / 14P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453 SEMTECH-SC1453 Datasheet
119Kb / 5P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
logo
Monolithic Power System...
MP2011A MPS-MP2011A Datasheet
523Kb / 14P
   24V, 150mA, Low Quiescent Current Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com