Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLT4116-40TC Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GLT4116-40TC
Description  64k x 16 CMOS Dynamic RAM with Fast Page Mode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GLT4116-40TC Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GLT4116-40TC Datasheet HTML 1Page - List of Unclassifed Manufacturers GLT4116-40TC Datasheet HTML 2Page - List of Unclassifed Manufacturers GLT4116-40TC Datasheet HTML 3Page - List of Unclassifed Manufacturers GLT4116-40TC Datasheet HTML 4Page - List of Unclassifed Manufacturers GLT4116-40TC Datasheet HTML 5Page - List of Unclassifed Manufacturers GLT4116-40TC Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT4116-40TC Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT4116-40TC Datasheet HTML 8Page - List of Unclassifed Manufacturers GLT4116-40TC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
G-LINK Technology
GLT41116
July 1998 (Rev. 1)
AC Characteristics (0
°C ≤ T
A ≤ 70 °C, VCC = 5.0V ± 10%)
[1] [2]
Parameter
Symbol
-30
-35
-40
-45
Units
Notes
Min
Max
Min
Max
Min
Max
Min
Max
Read/Write Cycle Time
tRC
65–70–75–80–
ns
Read Modify Write Cycle Time
tRWC
80
99
105
110
ns
Access Time for RAS
tRAC
–30–35–40–45
ns
[3] [4]
Access Time for CAS
tCAC
–10
11–12–
–12
ns
[3] [4]
Access TIme from Column Address
tAA
–15–18–20–22
ns
[3] [4]
CAS to output ion Low-Z
tCLZ
0–0–0–0–
ns
[3]
Output buffer turn-off delay from CAS
tOFF
38383838
ns
[5]
Transition Time (Rise and Fall)
tT
350350350350
ns
[2]
RAS Precharge Time
tRP
25–25–25–25–
ns
RAS Pulse Width
tRAS
30
100k
35
100k
40
100k
45
100k
ns
RAS Hold Time
tRSH
10–12–12–13–
ns
CAS Hold Time
tCSH
30–36–40–46–
ns
CAS Pulse Width
tCAS
10
10k
12
10k
12
10k
13
10k
ns
RAS to CAS Delay Time
tRCD
13
20
17
24
18
28
18
33
ns
[4]
RAS to Column Address Delay Time
tRAD
10
15
12
17
13
20
12
23
ns
[4]
CAS To RAS Precharge Time
tCPRP
5–5–5–5–
ns
[6]
Row Address Setup TIme
tASR
0–0–0–0–
ns
Row Address Hold Time
tRAH
6–6–6–6–
ns
Column Address Setup Time
tASC
26–30–34–39–
ns
Column Address Hold Time
tCAH
15–18–20–23–
ns
Column Address Hold Time Referenced to RAS
tAR
26–30–34–39–
ns
Column Address Lead Time Referenced to RAS
tRAL
15–18–20–23–
ns
Read Command Setup Time
tRCS
0–0–0–0–
ns
Read Command Hold Time Referenced to RAS
tRRH
0–0–0–0–
ns
[7]
Read Command Hold Time Referenced to CAS
tRCH
0–0–0–0–
ns
[7]
WE Hold Time Referenced to CAS
tWCH
6–6–6–6–
ns
[8]
Write Command Hold time Referenced to RAS
tWCR
26–30–34–39–
ns
[9]
WE Pulse Width
tWP
6–6–6–6–
ns
[8]
WE Lead Time Referenced to RAS
tRWL
10–11–12–12–
ns
WE Lead Time Referenced to CAS
tCWL
10–11–12–12–
ns
Data-In Setup Time
tDS
0–0–0–0–
ns
[10]
Data-In Hold Time
tDH
7–6–8–8–
ns
[10]
Data Hold Time Referenced to RAS
tDHR
27–31–36–41–
ns
[11]
WE Setup Time
tWCS
0–0–0–0–
ns
[9]
RAS to WE Delay Time
tRWD
47–58–63–68–
ns
[9]
CAS to WE Delay Time
tCWD
24–29–30–30–
ns
[9]
Column Address to WE Delay Time
tAWD
29–36–38–40–
ns
[9]
CAS Setup TIme (CAS Before RAS Refresh)
tCSR
5–5–5–5–
ns
CAS Hold Time (CAS Before RAS Refresh)
tCHR
10–10–10–10–
ns
RAS to CAS Precharge Time
tRPC
5–5–5–5–
ns
CAS Precharge Time (CBR Counter Test Cycle)
tCPT
20–20–20–20–
ns
Access Time From CAS Precharge
tCPA
–18–21–23–25
ns
[3]
Fast Page Mode Read/Write Cycle Time
tPC
18–21–23–25–
ns


Similar Part No. - GLT4116-40TC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT41016 ETC-GLT41016 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-30J4 ETC-GLT41016-30J4 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-30TC ETC-GLT41016-30TC Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-35J4 ETC-GLT41016-35J4 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-35TC ETC-GLT41016-35TC Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
More results

Similar Description - GLT4116-40TC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT41316 ETC-GLT41316 Datasheet
1Mb / 22P
   64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
AMIC Technology
A416316B AMICC-A416316B Datasheet
418Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Taiwan Memory Technolog...
T221160A TMT-T221160A Datasheet
134Kb / 14P
   64K x 16 DYNAMIC RAM FAST PAGE MODE
logo
AMIC Technology
A426316B AMICC-A426316B Datasheet
419Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A418316 AMICC-A418316 Datasheet
264Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Mosel Vitelic, Corp
V53C16256H MOSEL-V53C16256H Datasheet
146Kb / 19P
   256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM
V53C816H MOSEL-V53C816H Datasheet
213Kb / 18P
   512K X 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
logo
Mosel Vitelic, Corp
V53C1664H MOSEL-V53C1664H Datasheet
213Kb / 18P
   HIGH PERFORMANCE 64K X 16 BIT FAST PAGE MODE DUAL CAS CMOS DYNAMIC RAM
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
   256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com