Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF19045LSR3 Datasheet(PDF) 11 Page - Motorola, Inc

Part # MRF19045LSR3
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF19045LSR3 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MRF19045LSR3 Datasheet HTML 4Page - Motorola, Inc MRF19045LSR3 Datasheet HTML 5Page - Motorola, Inc MRF19045LSR3 Datasheet HTML 6Page - Motorola, Inc MRF19045LSR3 Datasheet HTML 7Page - Motorola, Inc MRF19045LSR3 Datasheet HTML 8Page - Motorola, Inc MRF19045LSR3 Datasheet HTML 9Page - Motorola, Inc MRF19045LSR3 Datasheet HTML 10Page - Motorola, Inc MRF19045LSR3 Datasheet HTML 11Page - Motorola, Inc MRF19045LSR3 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
MRF19045LR3 MRF19045LSR3
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
MRF19045LR3
CASE 465E-04
ISSUE E
NI-400
NOTES:
1. CONTROLLING DIMENSION: INCH.
2. INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M, 1994.
3. DIMENSION H IS MEASURED 0.030 (0.762)
AWAY FROM PACKAGE BODY.
4. INFORMATION ONLY: CORNER BREAK (4X) TO
BE .060
±.005 (1.52±0.13) RADIUS OR .06±.005
(1.52
±0.13) x 45° CHAMFER.
STYLE 1:
PIN 1. DRAIN
2. GATE
3. SOURCE
SEATING
PLANE
2X D
N (LID)
E
R (LID)
F
2X K
A
T
C
M
B
M
bbb
A M
T
H
B
B
G
A
M
A
M
ccc
B M
T
M
A
M
bbb
B M
T
1
2
3
2X
Q
M
(INSULATOR)
S
(INSULATOR)
M
A
M
ccc
B M
T
M
A
M
aaa
B M
T
M
A
M
aaa
B M
T
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
.795
.805
20.19
20.44
INCHES
B
.380
.390
9.65
9.9
C
.125
.163
3.17
4.14
D
.275
.285
6.98
7.24
E
.035
.045
0.89
1.14
F
.004
.006
0.10
0.15
G
H
.057
.067
1.45
1.7
K
.092
.122
2.33
3.1
M
.395
.405
10
10.3
N
.395
.405
10
10.3
Q
.120
.130
3.05
3.3
R
.395
.405
10
10.3
S
.395
.405
10
10.3
aaa
bbb
ccc
.600 BSC
15.24 BSC
.005 BSC
0.127 BSC
.010 BSC
0.254 BSC
.015 BSC
0.381 BSC
SEE NOTE 4
CASE 465F-04
ISSUE C
NI-400S
MRF19045LSR3
NOTES:
1. CONTROLLING DIMENSION: INCH.
2. INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M−1994.
3. DIMENSION H IS MEASURED 0.030 (0.762) AWAY
FROM PACKAGE BODY.
STYLE 1:
PIN 1. DRAIN
2. GATE
3. SOURCE
1
SEATING
PLANE
2
E
F
2X K
M
A
M
bbb
B M
T
A
T
C
H
B
A
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
.395
.405
10.03
10.29
INCHES
B
.395
.405
10.03
10.29
C
.125
.163
3.18
4.14
D
.275
.285
6.98
7.24
E
.035
.045
0.89
1.14
F
.004
.006
0.10
0.15
H
.057
.067
1.45
1.70
K
.092
.122
2.34
3.10
M
.395
.405
10.03
10.29
S
.395
.405
10.03
10.29
aaa
.005 REF
0.127 REF
2X D
M
A
M
ccc
B M
T
bbb
.010 REF
0.254 REF
ccc
.015 REF
0.38 REF
N
.395
.405
10.03
10.29
R
.395
.405
10.03
10.29
M
A
M
ccc
B M
T
M
A
M
aaa
B M
T
N (LID)
M (INSULATOR)
(FLANGE)
3
B
(FLANGE)
R (LID)
S (INSULATOR)
M
A
M
aaa
B M
T
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MRF19045LSR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF19045LSR3 FREESCALE-MRF19045LSR3 Datasheet
399Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF19045LSR3 FREESCALE-MRF19045LSR3 Datasheet
388Kb / 10P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF19045LSR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com