Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS41LV4100-35J Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS41LV4100-35J
Description  1Meg x 4 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41LV4100-35J Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS41LV4100-35J Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS41LV4100-35J Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS41LV4100-35J Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS41LV4100-35J Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41LV4100-35J Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41LV4100-35J Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41LV4100-35J Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41LV4100-35J Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41LV4100-35J Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
IS41C4100
IS41LV4100
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
5
PRELIMINARY INFORMATION
Rev. 00A
09/10/01
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameters
Rating
Unit
VT
Voltage on Any Pin Relative to GND
5V
–1.0 to +7.0
V
3.3V
-0.5 to 4.6
V
VCC
Supply Voltage
5V
–1.0 to +7.0
V
3.3V
-0.5 to 4.6
V
IOUT
Output Current
50
mA
PD
Power Dissipation
1
W
TA
Commercial Operation Temperature
0 to +70
°C
Industrail Temperature
–40 to +85
°C
TSTG
Storage Temperature
–55 to +125
°C
Note:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
reliability.
CAPACITANCE(1,2)
Symbol
Parameter
Max.
Unit
CIN1
Input Capacitance: A0-A9
5
pF
CIN2
Input Capacitance:
RAS, CAS, WE, OE
7pF
CIO
Data Input/Output Capacitance: I/O0-I/O3
7
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°C, f = 1 MHz,
RECOMMENDED OPERATING CONDITIONS (Voltages are referenced to GND.)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
5V
4.5
5.0
5.5
V
3.3V
3.0
3.3
3.6
VIH
Input High Voltage
5V
2.4
VCC + 1.0
V
3.3V
2.0
VCC + 0.3
VIL
Input Low Voltage
5V
–1.0
0.8
V
3.3V
–0.3
0.8
TA
Commercial Ambient Temperature
0
70
°C
Industrail Ambient Temperature
–40
85
°C


Similar Part No. - IS41LV4100-35J

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS41LV44002 ICSI-IS41LV44002 Datasheet
236Kb / 20P
   4Mx4 bit Dynamic RAM with EDO Page Mode
logo
Integrated Silicon Solu...
IS41LV44002 ISSI-IS41LV44002 Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV44002-50J ISSI-IS41LV44002-50J Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV44002-50JI ISSI-IS41LV44002-50JI Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV44002-60J ISSI-IS41LV44002-60J Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IS41LV4100-35J

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS41C8512 ICSI-IS41C8512 Datasheet
201Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C4400X ISSI-IS41C4400X Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C85120 ISSI-IS41C85120 Datasheet
145Kb / 19P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV44002B ISSI-IS41LV44002B Datasheet
163Kb / 21P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS45LV44002B ISSI-IS45LV44002B Datasheet
127Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV85120B ISSI-IS41LV85120B Datasheet
126Kb / 21P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com