Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX6356-SRT Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # HX6356-SRT
Description  32K x 8 STATIC RAM-SOI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HX6356-SRT Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button HX6356-SRT Datasheet HTML 4Page - List of Unclassifed Manufacturers HX6356-SRT Datasheet HTML 5Page - List of Unclassifed Manufacturers HX6356-SRT Datasheet HTML 6Page - List of Unclassifed Manufacturers HX6356-SRT Datasheet HTML 7Page - List of Unclassifed Manufacturers HX6356-SRT Datasheet HTML 8Page - List of Unclassifed Manufacturers HX6356-SRT Datasheet HTML 9Page - List of Unclassifed Manufacturers HX6356-SRT Datasheet HTML 10Page - List of Unclassifed Manufacturers HX6356-SRT Datasheet HTML 11Page - List of Unclassifed Manufacturers HX6356-SRT Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HX6356
10
The 32K x 8 SRAM is offered in two custom 36-lead flat
packs (FP). The packages are constructed of multilayer
ceramic (Al
2O3) and feature internal power and ground
planes. The 36-lead flat packs also feature a non-conduc-
tive ceramic tie bar on the lead frame. The tie bar allows
electrical testing of the device, while preserving the lead
integrity during shipping and handling, up to the point of
lead forming and insertion.
On the bottom braze 36-lead FP, ceramic chip capacitors
can be mounted to the package by the user to maximize
supply noise decoupling and increase board packing den-
sity. These capacitors attach directly to the internal pack-
age power and ground planes. This design minimizes
resistance and inductance of the bond wire and package.
All NC (no connect) pins should be connected to VSS to
prevent charge build up in the radiation environment.
PACKAGING
36-LEAD FP PINOUT
36-LEAD FLAT PACK—Bottom Braze (22018131-001)
VSS
VDD
NWE
CE
A13
A8
A9
A11
NOE
A10
NCS
DQ7
DQ6
DQ5
DQ4
DQ3
VDD
VSS
VSS
VDD
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
NC
VDD
VSS
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
Top
View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
[1] Parts delivered with leads unformed
[2] At tie bar
[3] Lid tied to VSS
A
b
C
D
E
e
F
G
H
I
J
L
0.095 ± 0.014
0.008 ± 0.002
0.005 to 0.0075
0.650 ± 0.010
0.630 ± 0.007
0.025 ± 0.002 [2]
0.425 ± 0.005 [2]
0.525 ± 0.005
0.135 ± 0.005
0.030 ± 0.005
0.080 typ.
0.285 ± 0.015
M
N
O
P
R
S
T
U
V
W
X
Y
0.008 ± 0.003
0.050 ± 0.010
0.090 ref
0.015 ref
0.075 ref
0.113 ± 0.010
0.050 ref
0.030 ref
0.080 ref
0.005 ref
0.450 ref
0.400 ref
All dimensions are in inches [1]
Kovar
Lid [3]
Ceramic
Body
A
J
I
C
M
0.004
N
X
VDD
Optional
Capacitors
1
VSS
V
S
W
P
U
Y
VDD
VSS
O
T
R
Non-
Conductive
Tie-Bar
b
(width)
e
(pitch)
E
1
H
L
L
Top
View
22018131-001


Similar Part No. - HX6356-SRT

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HX6001 HBH-HX6001 Datasheet
20Kb / 1P
   15-21 GHz Active Harmonic Mixer
logo
Pulse A Technitrol Comp...
HX6062FNL PULSE-HX6062FNL Datasheet
477Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6062NL PULSE-HX6062NL Datasheet
328Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6080FNL PULSE-HX6080FNL Datasheet
500Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
HX6080NL PULSE-HX6080NL Datasheet
343Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
More results

Similar Description - HX6356-SRT

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HLX6256 HONEYWELL-HLX6256 Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com