Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX6656NBNC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HX6656NBNC
Description  32K x 8 ROM-SOI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HX6656NBNC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HX6656NBNC Datasheet HTML 1Page - List of Unclassifed Manufacturers HX6656NBNC Datasheet HTML 2Page - List of Unclassifed Manufacturers HX6656NBNC Datasheet HTML 3Page - List of Unclassifed Manufacturers HX6656NBNC Datasheet HTML 4Page - List of Unclassifed Manufacturers HX6656NBNC Datasheet HTML 5Page - List of Unclassifed Manufacturers HX6656NBNC Datasheet HTML 6Page - List of Unclassifed Manufacturers HX6656NBNC Datasheet HTML 7Page - List of Unclassifed Manufacturers HX6656NBNC Datasheet HTML 8Page - List of Unclassifed Manufacturers HX6656NBNC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HX6656
4
VDD
Positive Supply Voltage (2)
-0.5
7.0
V
VPIN
Voltage on Any Pin (2)
-0.5
VDD+0.5
V
TSTORE
Storage Temperature (Zero Bias)
-65
150
°C
TSOLDER
Soldering Temperature • Time
270•5
°C•s
PD
Total Package Power Dissipation (3)
2.5
W
IOUT
DC or Average Output Current
25
mA
VPROT
ESD Input Protection Voltage (4)
2000
V
28 FP/36 FP
2
28 DIP
10
TJ
Junction Temperature
175
°C
Parameter
Symbol
ABSOLUTE MAXIMUM RATINGS (1)
Parameter
Max
Symbol
Test Conditions
Worst Case
Units
CAPACITANCE (1)
(1) Stresses in excess of those listed above may result in permanent damage. These are stress ratings only, and operation at these levels is not
implied. Frequent or extended exposure to absolute maximum conditions may affect device reliability.
(2) Voltage referenced to VSS.
(3) ROM power dissipation (IDDSB + IDDOP) plus ROM output driver power dissipation due to external loading must not exceed this specification.
(4) Class 2 electrostatic discharge (ESD) input protection. Tested per MIL-STD-883, Method 3015 by DESC certified lab.
ΘJC
Thermal Resistance (Jct-to-Case)
(1) This parameter is tested during initial design characterization only.
RECOMMENDED OPERATING CONDITIONS
Symbol
Max
Typ
Description
Parameter
Min
°C/W
Units
VDD
Supply Voltage (referenced to VSS)
4.5
5.0
5.5
V
TA
Ambient Temperature
-55
25
125
°C
VPIN
Voltage on Any Pin (referenced to VSS)
-0.3
VDD+0.3
V
Min
Typical
(1)
CI
Input Capacitance
7
pF
VI=VDD or VSS, f=1 MHz
CO
Output Capacitance
9
pF
VIO=VDD or VSS, f=1 MHz
Units
Rating
Min
Max


Similar Part No. - HX6656NBNC

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HX6001 HBH-HX6001 Datasheet
20Kb / 1P
   15-21 GHz Active Harmonic Mixer
logo
Pulse A Technitrol Comp...
HX6062FNL PULSE-HX6062FNL Datasheet
477Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6062NL PULSE-HX6062NL Datasheet
328Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6080FNL PULSE-HX6080FNL Datasheet
500Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
HX6080NL PULSE-HX6080NL Datasheet
343Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
More results

Similar Description - HX6656NBNC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX6356 ETC1-HX6356 Datasheet
145Kb / 12P
   32K x 8 STATIC RAM-SOI
logo
Honeywell Solid State E...
HLX6256 HONEYWELL-HLX6256 Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
logo
List of Unclassifed Man...
HM23C256A ETC1-HM23C256A Datasheet
74Kb / 1P
   32K x 8 MASK ROM
logo
Everspin Technologies I...
MR256A08B EVERSPIN-MR256A08B Datasheet
1Mb / 24P
   32K x 8 MRAM
Rev. 6.5 3/2018
logo
List of Unclassifed Man...
HLX6228 ETC-HLX6228 Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
logo
Honeywell Solid State E...
HX6228 HONEYWELL-HX6228 Datasheet
153Kb / 12P
   128K x 8 STATIC RAM-SOI HX6228
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
logo
List of Unclassifed Man...
U637256 ETC1-U637256 Datasheet
146Kb / 14P
   CapStore 32K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com