Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD20N06L-1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTD20N06L-1
Description  Power MOSFET 20 Amps, 60 Volts, Logic Level
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD20N06L-1 Datasheet(HTML) 4 Page - ON Semiconductor

  NTD20N06L-1 Datasheet HTML 1Page - ON Semiconductor NTD20N06L-1 Datasheet HTML 2Page - ON Semiconductor NTD20N06L-1 Datasheet HTML 3Page - ON Semiconductor NTD20N06L-1 Datasheet HTML 4Page - ON Semiconductor NTD20N06L-1 Datasheet HTML 5Page - ON Semiconductor NTD20N06L-1 Datasheet HTML 6Page - ON Semiconductor NTD20N06L-1 Datasheet HTML 7Page - ON Semiconductor NTD20N06L-1 Datasheet HTML 8Page - ON Semiconductor NTD20N06L-1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NTD20N06L
http://onsemi.com
4
POWER MOSFET SWITCHING
Switching behavior is most easily modeled and predicted
by recognizing that the power MOSFET is charge
controlled. The lengths of various switching intervals (
∆t)
are determined by how fast the FET input capacitance can
be charged by current from the generator.
The published capacitance data is difficult to use for
calculating rise and fall because drain−gate capacitance
varies greatly with applied voltage. Accordingly, gate
charge data is used. In most cases, a satisfactory estimate of
average input current (IG(AV)) can be made from a
rudimentary analysis of the drive circuit so that
t = Q/IG(AV)
During the rise and fall time interval when switching a
resistive load, VGS remains virtually constant at a level
known as the plateau voltage, VSGP. Therefore, rise and fall
times may be approximated by the following:
tr = Q2 x RG/(VGG − VGSP)
tf = Q2 x RG/VGSP
where
VGG = the gate drive voltage, which varies from zero to VGG
RG = the gate drive resistance
and Q2 and VGSP are read from the gate charge curve.
During the turn−on and turn−off delay times, gate current is
not constant. The simplest calculation uses appropriate
values from the capacitance curves in a standard equation for
voltage change in an RC network. The equations are:
td(on) = RG Ciss In [VGG/(VGG − VGSP)]
td(off) = RG Ciss In (VGG/VGSP)
The capacitance (Ciss) is read from the capacitance curve at
a voltage corresponding to the off−state condition when
calculating td(on) and is read at a voltage corresponding to the
on−state when calculating td(off).
At high switching speeds, parasitic circuit elements
complicate the analysis. The inductance of the MOSFET
source lead, inside the package and in the circuit wiring
which is common to both the drain and gate current paths,
produces a voltage at the source which reduces the gate drive
current. The voltage is determined by Ldi/dt, but since di/dt
is a function of drain current, the mathematical solution is
complex.
The
MOSFET
output
capacitance
also
complicates the mathematics. And finally, MOSFETs have
finite internal gate resistance which effectively adds to the
resistance of the driving source, but the internal resistance
is difficult to measure and, consequently, is not specified.
The resistive switching time variation versus gate
resistance (Figure 9) shows how typical switching
performance is affected by the parasitic circuit elements. If
the parasitics were not present, the slope of the curves would
maintain a value of unity regardless of the switching speed.
The circuit used to obtain the data is constructed to minimize
common inductance in the drain and gate circuit loops and
is believed readily achievable with board mounted
components. Most power electronic loads are inductive; the
data in the figure is taken with a resistive load, which
approximates an optimally snubbed inductive load. Power
MOSFETs may be safely operated into an inductive load;
however, snubbing reduces switching losses.
Crss
10
0
10
15
20
25
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 7. Capacitance Variation
2400
800
0
VGS
VDS
1200
400
55
VGS = 0 V
VDS = 0 V
TJ = 25°C
Ciss
Coss
Crss
Ciss
1600
2000


Similar Part No. - NTD20N06L-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD20N06L-1G ONSEMI-NTD20N06L-1G Datasheet
128Kb / 8P
   Power MOSFET 20 Amps, 60 Volts Logic Level, N?묬hannel DPAK
October, 2011 ??Rev. 3
NTD20N06L-1G ONSEMI-NTD20N06L-1G Datasheet
127Kb / 8P
   Power MOSFET
September, 2014 ??Rev. 4
logo
VBsemi Electronics Co.,...
NTD20N06L-1G VBSEMI-NTD20N06L-1G Datasheet
960Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
ON Semiconductor
NTD20N06L-1G ONSEMI-NTD20N06L-1G Datasheet
272Kb / 9P
   MOSFET - Power, N-Channel, Logic Level, DPAK/IPAK 20 A, 60 V
May, 2019 - Rev. 5
More results

Similar Description - NTD20N06L-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD15N06L ONSEMI-NTD15N06L Datasheet
93Kb / 10P
   Power MOSFET 15 Amps, 60 Volts, Logic Level
September, 2003 ??Rev. 1
NTP30N06L ONSEMI-NTP30N06L Datasheet
69Kb / 8P
   Power MOSFET 30 Amps, 60 Volts, Logic Level
March, 2002 ??Rev. 1
NTP75N06L ONSEMI-NTP75N06L Datasheet
72Kb / 8P
   POWER MOSFET 75 AMPS, 60 VOLTS, LOGIC LEVEL
April, 2001 ??Rev. 0
NTP18N06LG ONSEMI-NTP18N06LG Datasheet
91Kb / 8P
   Power MOSFET 15 Amps, 60 Volts, Logic Level
August, 2005 ??Rev. 4
MTD20N06HDL ONSEMI-MTD20N06HDL Datasheet
227Kb / 8P
   Power MOSFET 20 Amps, 60 Volts, Logic Level N?묬hannel DPAK
August, 2006 ??Rev. 6
NTD20N06LT4G ONSEMI-NTD20N06LT4G Datasheet
128Kb / 8P
   Power MOSFET 20 Amps, 60 Volts Logic Level, N?묬hannel DPAK
October, 2011 ??Rev. 3
MTD20N03HDLT ONSEMI-MTD20N03HDLT Datasheet
101Kb / 9P
   Power MOSFET 20 Amps, 30 Volts, Logic Level
June, 2006 ??Rev. 6
NTP60N06L ONSEMI-NTP60N06L Datasheet
94Kb / 8P
   Power MOSFET 60 Amps, 60 Volts, Logic Level N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 3
NTP45N06LG ONSEMI-NTP45N06LG Datasheet
86Kb / 8P
   Power MOSFET 45 Amps, 60 Volts Logic Level, N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 2
NTP18N06L ONSEMI-NTP18N06L Datasheet
92Kb / 12P
   Power MOSFET 15 Amps, 60 Volts, Logic Level (N?묬hannel TO??20 and DPAK)
October, 2003 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com