Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTB18N06LT4G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NTB18N06LT4G
Description  Power MOSFET 15 Amps, 60 Volts, Logic Level (N?묬hannel TO??20 and DPAK)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB18N06LT4G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NTB18N06LT4G Datasheet HTML 4Page - ON Semiconductor NTB18N06LT4G Datasheet HTML 5Page - ON Semiconductor NTB18N06LT4G Datasheet HTML 6Page - ON Semiconductor NTB18N06LT4G Datasheet HTML 7Page - ON Semiconductor NTB18N06LT4G Datasheet HTML 8Page - ON Semiconductor NTB18N06LT4G Datasheet HTML 9Page - ON Semiconductor NTB18N06LT4G Datasheet HTML 10Page - ON Semiconductor NTB18N06LT4G Datasheet HTML 11Page - ON Semiconductor NTB18N06LT4G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NTP18N06L, NTB18N06L
http://onsemi.com
8
SOLDER STENCIL GUIDELINES
Prior to placing surface mount components onto a printed
circuit board, solder paste must be applied to the pads.
Solder stencils are used to screen the optimum amount.
These stencils are typically 0.008 inches thick and may be
made of brass or stainless steel. For packages such as the
SC−59, SC−70/SOT−323, SOD−123, SOT−23, SOT−143,
SOT−223, SO−8, SO−14, SO−16, and SMB/SMC diode
packages, the stencil opening should be the same as the pad
size or a 1:1 registration. This is not the case with the DPAK
and D2PAK packages. If one uses a 1:1 opening to screen
solder onto the drain pad, misalignment and/or
“tombstoning” may occur due to an excess of solder. For
these two packages, the opening in the stencil for the paste
should be approximately 50% of the tab area. The opening
for the leads is still a 1:1 registration. Figure 15 shows a
typical stencil for the DPAK and D2PAK packages. The
pattern of the opening in the stencil for the drain pad is not
critical as long as it allows approximately 50% of the pad to
be covered with paste.
Figure 15. Typical Stencil for DPAK and
D2PAK Packages
SOLDER PASTE
OPENINGS
STENCIL
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated
temperature of the device. When the entire device is heated
to a high temperature, failure to complete soldering within
a short time could result in device failure. Therefore, the
following items should always be observed in order to
minimize the thermal stress to which the devices are
subjected.
• Always preheat the device.
• The delta temperature between the preheat and
soldering should be 100
°C or less.*
• When preheating and soldering, the temperature of the
leads and the case must not exceed the maximum
temperature ratings as shown on the data sheet. When
using infrared heating with the reflow soldering
method, the difference shall be a maximum of 10
°C.
• The soldering temperature and time shall not exceed
260
°C for more than 10 seconds.
• When shifting from preheating to soldering, the
maximum temperature gradient shall be 5
°C or less.
• After soldering has been completed, the device should
be allowed to cool naturally for at least three minutes.
Gradual cooling should be used as the use of forced
cooling will increase the temperature gradient and
result in latent failure due to mechanical stress.
• Mechanical stress or shock should not be applied
during cooling.
* * Soldering a device without preheating can cause
excessive thermal shock and stress which can result in
damage to the device.
* * Due to shadowing and the inability to set the wave
height to incorporate other surface mount components, the
D2PAK is not recommended for wave soldering.


Similar Part No. - NTB18N06LT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB18N06LT4G ONSEMI-NTB18N06LT4G Datasheet
91Kb / 8P
   Power MOSFET 15 Amps, 60 Volts, Logic Level
August, 2005 ??Rev. 4
More results

Similar Description - NTB18N06LT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD20N06LT4G ONSEMI-NTD20N06LT4G Datasheet
128Kb / 8P
   Power MOSFET 20 Amps, 60 Volts Logic Level, N?묬hannel DPAK
October, 2011 ??Rev. 3
MTD20N06HDL ONSEMI-MTD20N06HDL Datasheet
227Kb / 8P
   Power MOSFET 20 Amps, 60 Volts, Logic Level N?묬hannel DPAK
August, 2006 ??Rev. 6
NTD24N06L ONSEMI-NTD24N06L Datasheet
87Kb / 8P
   Power MOSFET 24 Amps, 60 Volts Logic Level, N?묬hannel DPAK
August, 2005 ??Rev. 2
NTD3055L170 ONSEMI-NTD3055L170 Datasheet
93Kb / 8P
   9.0 Amps, 60 Volts, Logic Level, N?묬hannel DPAK
August, 2004 ??Rev. 3
NTD3055L104-001 ONSEMI-NTD3055L104-001 Datasheet
126Kb / 8P
   12 Amps, 60 Volts, Logic Level N?묬hannel DPAK
June, 2008 ??Rev. 6
NTP60N06L ONSEMI-NTP60N06L Datasheet
94Kb / 8P
   Power MOSFET 60 Amps, 60 Volts, Logic Level N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 3
NTDV20N06T4G ONSEMI-NTDV20N06T4G Datasheet
162Kb / 7P
   Power MOSFET 20 Amps, 60 Volts, N?묬hannel DPAK
August, 2011 ??Rev. 8
NTD20N06-001 ONSEMI-NTD20N06-001 Datasheet
162Kb / 7P
   Power MOSFET 20 Amps, 60 Volts, N?묬hannel DPAK
August, 2011 ??Rev. 8
MTD20N06HD ONSEMI-MTD20N06HD Datasheet
293Kb / 11P
   Power MOSFET 20 Amps, 60 Volts N?묬hannel DPAK
August, 2006 ??Rev. 5
NTP45N06LG ONSEMI-NTP45N06LG Datasheet
86Kb / 8P
   Power MOSFET 45 Amps, 60 Volts Logic Level, N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com