Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C106MG Datasheet(PDF) 5 Page - ON Semiconductor

Part # C106MG
Description  Sensitive Gate Silicon Controlled Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

C106MG Datasheet(HTML) 5 Page - ON Semiconductor

  C106MG Datasheet HTML 1Page - ON Semiconductor C106MG Datasheet HTML 2Page - ON Semiconductor C106MG Datasheet HTML 3Page - ON Semiconductor C106MG Datasheet HTML 4Page - ON Semiconductor C106MG Datasheet HTML 5Page - ON Semiconductor C106MG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
C106 Series
http://onsemi.com
5
The dimensional diagrams below compare the critical dimensions of the ON Semiconductor C-106 package with
competitive devices. It has been demonstrated that the smaller dimensions of the ON Semiconductor package make it
compatible in most lead-mount and chassis-mount applications. The user is advised to compare all critical dimensions for
mounting compatibility.
ON Semiconductor C-106 Package
Competitive C-106 Package
.315
____
.285
.105
____
.095
.054
____
.046
.420
____
.400
.400
____
.360
.385
____
.365
.135
____
.115
.520
____
.480
.127
____
.123
DIA
.105
____
.095
.190
____
.170
.026
____
.019
.025
____
.035
.295
____
.305
.148
____
.158
.115
____
.130
_
.015
____
.025
.050
____
.095
.145
____
.155
5 TYP
.425
____
.435
.575
____
.655
.020
____
.026
12 3
.045
____
.055
.095
____
.105
.040
.094 BSC
PACKAGE INTERCHANGEABILITY


Similar Part No. - C106MG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C106M MOTOROLA-C106M Datasheet
98Kb / 4P
   SCRs 4 AMPERES RMS 50 thru 600 VOLTS
logo
GE Solid State
C106M GESS-C106M Datasheet
37Kb / 1P
   4-A Sensitive-Gate Silicon Controlled Rectifiers
logo
Tiger Electronic Co.,Lt...
C106M TGS-C106M Datasheet
57Kb / 1P
   Thyristors logic level
logo
Central Semiconductor C...
C106M CENTRAL-C106M Datasheet
82Kb / 2P
   4.0A SENSITIVE GATE SILICON CONTROLLED RECTIFIER 200 THRU 600 VOLTS
logo
Apollo Electron Co., Lt...
C106M APOLLOELECTRON-C106M Datasheet
2Mb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
More results

Similar Description - C106MG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com