Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT974BHC Datasheet(PDF) 9 Page - Intel Corporation

Part # LXT974BHC
Description  Fast Ethernet 10/100 Quad Transceivers
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT974BHC Datasheet(HTML) 9 Page - Intel Corporation

Back Button LXT974BHC Datasheet HTML 5Page - Intel Corporation LXT974BHC Datasheet HTML 6Page - Intel Corporation LXT974BHC Datasheet HTML 7Page - Intel Corporation LXT974BHC Datasheet HTML 8Page - Intel Corporation LXT974BHC Datasheet HTML 9Page - Intel Corporation LXT974BHC Datasheet HTML 10Page - Intel Corporation LXT974BHC Datasheet HTML 11Page - Intel Corporation LXT974BHC Datasheet HTML 12Page - Intel Corporation LXT974BHC Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
Fast Ethernet 10/100 Quad Transceivers — LXT974/LXT975
Datasheet
9
Figure 1. LXT974/975 Block Diagram
Global Functions
Tristate Control
Decoder &
Descrambler
RXDn<3:0>
TPON/FIBIPn
TPOP/FIBINn
+
-
+
-
TPIN/FIBONn
TPIP/FIBOPn
+
-
TP
Rcvr
+
-
ECL
Rcvr
Serial to
Parallel
Converter
Scrambler
& Encoder
TXDn<3:0>
Parallel/Serial
Converter
TX_ERn
TX_ENn
Carrier Sense
Collision Detect
Data Valid
Error Detect
COLn
CRSn
RX_ERn
RX_DVn
RX_CLKn
FDX Status
& LED
Drivers
TRSTEn
LEDn<2:0>
3
Clock
Generator
Auto
Negotiation
Baseline
Wander
Correction
Pwr Supply /
PwrDown
PWRDN
Slicer
Manchester
Decoder
Pulse
Shaper
Manchester
Encoder
10
100
10
100
Internal Clocks
CLK25M
Media Select &
Line Energy Monitor
PORT 0
PORT 1
PORT 2
PORT 3
VCC
GND
Management /
Mode Select
Logic
MII
MII
SerLED
Per-Port Functions
TP
Driver
ECL
Driver
TP Out
/
Fiber In
Fiber Out
/
TP In
3
TX_CLKn
SD/TXn
Register Set
RESET
LEDENA
LEDCLK
LEDDAT
MII_MD<1:0>
ADDR<4:2>
MDIO
MDC
CFG<2:0>
MDINT
VCCMII
MII Power
Supply
3.3V or 5V


Similar Part No. - LXT974BHC

ManufacturerPart #DatasheetDescription
logo
Level One
LXT970 LVL1-LXT970 Datasheet
3Mb / 56P
   Fast Ethernet Transceiver
logo
Intel Corporation
LXT970A INTEL-LXT970A Datasheet
1Mb / 74P
   Dual-Speed Fast Ethernet Transceiver
logo
Pulse A Technitrol Comp...
LXT970A PULSE-LXT970A Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Intel Corporation
LXT970AQC INTEL-LXT970AQC Datasheet
1Mb / 74P
   Dual-Speed Fast Ethernet Transceiver
LXT970ATC INTEL-LXT970ATC Datasheet
1Mb / 74P
   Dual-Speed Fast Ethernet Transceiver
More results

Similar Description - LXT974BHC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
88E1040 ETC2-88E1040 Datasheet
133Kb / 2P
   Alaska짰 Quad Gigabit Ethernet Transceivers
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
logo
STMicroelectronics
STE101P STMICROELECTRONICS-STE101P Datasheet
103Kb / 5P
   10/100 Fast ethernet 3.3V transceiver
STE100P STMICROELECTRONICS-STE100P_06 Datasheet
348Kb / 31P
   10/100 FAST ETHERNET 3.3V TRANSCEIVER
STE100P STMICROELECTRONICS-STE100P Datasheet
193Kb / 29P
   10/100 FAST ETHERNET 3.3V TRANSCEIVER
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
SIXNET Technology Park
FXFIBER-SFP SIXNET-FXFIBER-SFP Datasheet
1Mb / 2P
   INDUSTRIAL FAST ETHERNET FIBER TRANSCEIVERS
logo
OPLINK Communications I...
TRXNFEMM4BSS OPLINK-TRXNFEMM4BSS Datasheet
118Kb / 5P
   Fast Ethernet SFP Multimode Transceivers
logo
Red Lion Controls. Inc
FXFIBER-SFP REDLION-FXFIBER-SFP Datasheet
902Kb / 2P
   Industrial Fast Ethernet Fiber Transceivers
logo
OPLINK Communications I...
TRP3FE0L1C00000 OPLINK-TRP3FE0L1C00000 Datasheet
532Kb / 5P
   Fast Ethernet SFP Multimode Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com