Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC4D-JP-DC5V Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # NC4D-JP-DC5V
Description  FLAT/VERTICAL TYPE HIGH POWER BIFURCATED CONTACT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

NC4D-JP-DC5V Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  NC4D-JP-DC5V Datasheet HTML 1Page - Nais(Matsushita Electric Works) NC4D-JP-DC5V Datasheet HTML 2Page - Nais(Matsushita Electric Works) NC4D-JP-DC5V Datasheet HTML 3Page - Nais(Matsushita Electric Works) NC4D-JP-DC5V Datasheet HTML 4Page - Nais(Matsushita Electric Works) NC4D-JP-DC5V Datasheet HTML 5Page - Nais(Matsushita Electric Works) NC4D-JP-DC5V Datasheet HTML 6Page - Nais(Matsushita Electric Works) NC4D-JP-DC5V Datasheet HTML 7Page - Nais(Matsushita Electric Works) NC4D-JP-DC5V Datasheet HTML 8Page - Nais(Matsushita Electric Works) NC4D-JP-DC5V Datasheet HTML 9Page - Nais(Matsushita Electric Works) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
223
NC-RELAYS
FLAT/VERTICAL TYPE
HIGH POWER BIFURCATED
CONTACT
VDE
4C Flat type
2C Flat type
25.4
1.000
10.9
.429
38.1
1.500
25.4
1.000
10.9
.429
25.4
1.000
4C Vertical type (PC board)
2C Vertical type (PC board)
mm inch
27.8
1.094
38.1
1.500
4.1
.161
11.2
.441
27.8
1.094
25.4
1.000
4.1
.161
11.2
.441
FEATURES
• Space saver — Flat series and vertical series
• High contact reliability due to bifurcated contacts
— 2C: 5 A 250 V AC, 4C: 5 A 125 V AC, 4 A 250 V AC
• Latching types available
• Low operating power
— 2C: 200 mW, 4C: 400 mW (Single side stable)
• Soldering flux inflow prevented by terminal location
• Amber sealed types available
• High breakdown voltage for transient protection
— 1,000 Vrms between open contacts, contact sets
SPECIFICATIONS
Contacts
Coil (Polarized) (at 25
°C 77°F)
Characteristics (at 25
°C 77°F 50% Relative humidity)
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Detection current: 10 mA
*2 Half-wave pulse of sine wave: 11ms; detection time: 10
µs
*3 Half-wave pulse of sine wave: 6ms
*4 Detection time: 10
µs
*5 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 61).
Types
Standard
Amber sealed
Arrangement
2 Form C, 4 Form C
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
50 m
Rating
(resistive
load)
Max. switching
power
2C: 1,250 VA 150 W
4C: 1,000 VA 150 W
2C: 750 VA 150 W
4C: 500 VA 150 W
Max. switching
voltage
250 V AC
Max. switching
current
5 A
Max. switching
carrying current
5 A
Min. switching
power
100
µA 1 V DC
Expected life
(minimum)
2C
105 at
5 A 250 V AC
5
×105 at
5 A 30 V DC
105 at
3 A 250 V AC
5
×105 at
5 A 30 V DC
4C
105 at
4 A 250 V AC
5
×105 at
5 A 30 V DC
105 at
2 A 250 V AC
5
×105 at
5 A 30 V DC
Contact material
Gold-clad silver nickel
Minimum
operating power
Up to 48 V DC
110 V DC
2 C single side stable Approx. 200 mW
500 mW
4 C single side stable Approx. 400 mW
500 mW
Nominal
operating power
2 C single side stable Approx. 360 mW
900 mW
4 C single side stable Approx. 720 mW
900 mW
Minimum set and
reset power
2 C 2 coil latching
Approx. 450 mW
4 C 2 coil latching
Approx. 900 mW
Nominal set and
reset power
2 C 2 coil latching
Approx. 800 mW
4 C 2 coil latching
Approx. 1,600 mW
Max. operating speed
180 cpm
Initial insulation resistance
Min. 100 M
Ω at 500 V DC
Initial
breakdown
voltage*1
Between open contacts,
contact sets
1,000 Vrms
Between contacts and
coil
2,000 Vrms
Operate time (at nominal voltage)
Approx. 6 ms
Release time (at nominal voltage)
Approx. 3 ms
Operate time (latching)
(at nominal voltage)
Approx. 6 ms
Reset time (latching)
(at nominal voltage)
Approx. 6 ms
Temperature rise (at nominal voltage)
Max. 65
°C
Shock resistance
Functional*2
Min. 98 m/s2 {10 G}
Destructive*3
Min. 980 m/s2 {100 G}
Vibration
resistance
Functional*4
58.8 m/s2 {6 G}, 10 to 55 Hz
at double amplitude of 1 mm
Destructive
117.6 m/s2 {12 G}, 10 to 55 Hz
at double amplitude of 2 mm
Conditions for oper-
ation, transport and
storage*5
(Not freezing and
condensing at low
temperature)
(Single
side
stable)
2 C
up to 48 V DC: –40
°C to +70°C
–40
°F to +158°F
110 V DC:
–40
°C to +55°C
–40
°F to +131°F
4 C
–40
°C to +55°C –40°F to +131°F
(2 coil latching)
–40
°C to +55°C –40°F to +131°F
Humidity
5 to 85% R.H.
Unit weight
2C/Approx. 16 g .56 oz
4C/Approx. 18 g .63 oz


Similar Part No. - NC4D-JP-DC5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NC4D-JP-DC5V PANASONIC-NC4D-JP-DC5V Datasheet
556Kb / 15P
   FLAT/VERTICAL TYPE HIGH POWER BIFURCATED CONTACT NC RELAYS
More results

Similar Description - NC4D-JP-DC5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NC2D-JP-DC3V PANASONIC-NC2D-JP-DC3V Datasheet
556Kb / 15P
   FLAT/VERTICAL TYPE HIGH POWER BIFURCATED CONTACT NC RELAYS
logo
Tyco Electronics
61668-2 MACOM-61668-2 Datasheet
70Kb / 1P
   CONTACT, BIFURCATED LEAF
logo
C&K Components
TDD CK-COMPONENTS-TDD Datasheet
166Kb / 2P
   Bifurcated contact for increased electrical reliability
logo
Molex Electronics Ltd.
08-50-0115 MOLEX11-08-50-0115 Datasheet
103Kb / 2P
   TERMINAL, DBL.CANTILEVER KK CRIMP TYPE BIFURCATED
logo
Nais(Matsushita Electri...
JV1APF-S-12V NAIS-JV1APF-S-12V Datasheet
63Kb / 4P
   FLAT TYPE POWER RELAY
logo
KOA Speer Electronics, ...
WK73 KOA-WK73 Datasheet
383Kb / 2P
   high power, wide terminal type flat chip resistors
WK732JTTE33L0F KOA-WK732JTTE33L0F Datasheet
248Kb / 2P
   high power, wide terminal type flat chip resistors
logo
Aries Electronics, Inc.
28-0501-31 ARIES-28-0501-31 Datasheet
228Kb / 2P
   Series 0501 Strip-line Sockets with Bifurcated Contact Wire Wrap Pins
logo
List of Unclassifed Man...
TPM150 ETC2-TPM150 Datasheet
1Mb / 2P
   Chassis Mounting Non-inductive Flat Type High Power resistors
TPL320 ETC-TPL320 Datasheet
612Kb / 1P
   Chassis Mounting Non-inductive Flat Type High Power resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com