Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT974A Datasheet(PDF) 1 Page - Intel Corporation

Part # LXT974A
Description  Fast Ethernet 10/100 Quad Transceivers
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT974A Datasheet(HTML) 1 Page - Intel Corporation

  LXT974A Datasheet HTML 1Page - Intel Corporation LXT974A Datasheet HTML 2Page - Intel Corporation LXT974A Datasheet HTML 3Page - Intel Corporation LXT974A Datasheet HTML 4Page - Intel Corporation LXT974A Datasheet HTML 5Page - Intel Corporation LXT974A Datasheet HTML 6Page - Intel Corporation LXT974A Datasheet HTML 7Page - Intel Corporation LXT974A Datasheet HTML 8Page - Intel Corporation LXT974A Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
LXT974/LXT975
Fast Ethernet 10/100 Quad Transceivers
Datasheet
The LXT974 and LXT975 are four-port PHY Fast Ethernet Transceivers which support IEEE
802.3 physical layer applications at both 10 Mbps and 100 Mbps. They provide all of the active
circuitry to interface four 802.3 Media Independent Interface (MII) compliant controllers to
10BASE-T and/or 100BASE-TX media.
This data sheet applies to all versions of the LXT974 and LXT975 products including
LXT974A, LXT974B, LXT975A, and LXT975B. As a result of product changes, Revision 4
parts are labeled LXT974B and LXT975B. Revision 3 parts are labeled LXT974A and
LXT975A. The differences in these product revisions are described in the LXT974/975
Specification Update.
All four ports on the LXT974 provide a combination twisted-pair (TP) or pseudo-ECL (PECL)
interface for a 10/100BASE-TX or 100BASE-FX connection.
The LXT975 is pin compatible with the LXT974 except for the network ports. The LXT975 is
optimized for dual-high stacked RJ-45 modular applications and provides a twisted-pair
interface on every port, but the PECL interface on only two.
The LXT974/975 provides three separate LED drivers for each of the four PHY ports and a
serial LED interface. In addition to standard Ethernet, each chip supports full- duplex operation
at 10 Mbps and 100 Mbps. The LXT974/975 requires only a single 5V power supply. The MII
may be operated independently with either a 3.3V or 5V supply.
Applications
Product Features
s
10BASE-T, 10/100-TX, or 100BASE-
FX Switches and multi-port NICs.
s
LXT975 optimized for dual-high stacked
modular RJ-45 applications.
s
Four independent IEEE 802.3-
compliant 10BASE-T or 100BASE-
TX ports in a single chip.
s
100BASE-FX fiber-optic capable.
s
Standard CSMA/CD or full-duplex
operation.
s
Supports auto-negotiation and legacy
systems without auto-negotiation
capability.
s
Baseline wander correction.
s
100BASE-TX line performance over
130 meters.
s
Configurable LED drivers and serial LED output.
s
Configurable through MII serial port or via
external control pins.
s
Available in 160-pin PQFP with heat spreader.
s
Commercial temperature range (0-70
oC
ambient).
s
Part numbers:
— LXT974AHC
— LXT974BHC
— LXT975AHC
— LXT975BHC
As of January 15, 2001, this document replaces the Level One document
Order Number: 249274-001
LXT974/LXT975 Fast Ethernet 10/100 Quad Transceivers.
January 2001


Similar Part No. - LXT974A

ManufacturerPart #DatasheetDescription
logo
Level One
LXT970 LVL1-LXT970 Datasheet
3Mb / 56P
   Fast Ethernet Transceiver
logo
Intel Corporation
LXT970A INTEL-LXT970A Datasheet
1Mb / 74P
   Dual-Speed Fast Ethernet Transceiver
logo
Pulse A Technitrol Comp...
LXT970A PULSE-LXT970A Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Intel Corporation
LXT970AQC INTEL-LXT970AQC Datasheet
1Mb / 74P
   Dual-Speed Fast Ethernet Transceiver
LXT970ATC INTEL-LXT970ATC Datasheet
1Mb / 74P
   Dual-Speed Fast Ethernet Transceiver
More results

Similar Description - LXT974A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
88E1040 ETC2-88E1040 Datasheet
133Kb / 2P
   Alaska짰 Quad Gigabit Ethernet Transceivers
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
logo
STMicroelectronics
STE101P STMICROELECTRONICS-STE101P Datasheet
103Kb / 5P
   10/100 Fast ethernet 3.3V transceiver
STE100P STMICROELECTRONICS-STE100P_06 Datasheet
348Kb / 31P
   10/100 FAST ETHERNET 3.3V TRANSCEIVER
STE100P STMICROELECTRONICS-STE100P Datasheet
193Kb / 29P
   10/100 FAST ETHERNET 3.3V TRANSCEIVER
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
SIXNET Technology Park
FXFIBER-SFP SIXNET-FXFIBER-SFP Datasheet
1Mb / 2P
   INDUSTRIAL FAST ETHERNET FIBER TRANSCEIVERS
logo
OPLINK Communications I...
TRXNFEMM4BSS OPLINK-TRXNFEMM4BSS Datasheet
118Kb / 5P
   Fast Ethernet SFP Multimode Transceivers
logo
Red Lion Controls. Inc
FXFIBER-SFP REDLION-FXFIBER-SFP Datasheet
902Kb / 2P
   Industrial Fast Ethernet Fiber Transceivers
logo
OPLINK Communications I...
TRP3FE0L1C00000 OPLINK-TRP3FE0L1C00000 Datasheet
532Kb / 5P
   Fast Ethernet SFP Multimode Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com