Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA57022-50D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA57022-50D
Description  500 mA LDO with ON/OFF control and Vref bypass
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA57022-50D Datasheet(HTML) 7 Page - NXP Semiconductors

  SA57022-50D Datasheet HTML 1Page - NXP Semiconductors SA57022-50D Datasheet HTML 2Page - NXP Semiconductors SA57022-50D Datasheet HTML 3Page - NXP Semiconductors SA57022-50D Datasheet HTML 4Page - NXP Semiconductors SA57022-50D Datasheet HTML 5Page - NXP Semiconductors SA57022-50D Datasheet HTML 6Page - NXP Semiconductors SA57022-50D Datasheet HTML 7Page - NXP Semiconductors SA57022-50D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Philips Semiconductors
Product data
SA57022-XX
500 mA LDO with ON/OFF control and Vref bypass
2003 Oct 13
7
Plastic small outline package; 7 leads; body width 4.4 mm
SOP002


Similar Part No. - SA57022-50D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA57026 PHILIPS-SA57026 Datasheet
87Kb / 8P
   300 mA LDO with ON/OFF control and independent delayed RESET function
2003 Oct 13
SA57026D PHILIPS-SA57026D Datasheet
87Kb / 8P
   300 mA LDO with ON/OFF control and independent delayed RESET function
2003 Oct 13
SA57026F PHILIPS-SA57026F Datasheet
87Kb / 8P
   300 mA LDO with ON/OFF control and independent delayed RESET function
2003 Oct 13
More results

Similar Description - SA57022-50D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1269 MICROCHIP-TC1269_13 Datasheet
198Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002-2012 11/27/12
TC1269 MICROCHIP-TC1269 Datasheet
432Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174 Datasheet
444Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174_13 Datasheet
211Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
TC1107 MICROCHIP-TC1107 Datasheet
443Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1107 MICROCHIP-TC1107_13 Datasheet
209Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
logo
NXP Semiconductors
SA57026 PHILIPS-SA57026 Datasheet
87Kb / 8P
   300 mA LDO with ON/OFF control and independent delayed RESET function
2003 Oct 13
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
logo
ON Semiconductor
MC33565 ONSEMI-MC33565 Datasheet
88Kb / 8P
   200 mA INTELLIGENT LDO REGULATOR WITH SMART BYPASS CONTROL
Rev 0, 6/99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com