Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28C16-250N1T Datasheet(PDF) 3 Page - STMicroelectronics

Part # M28C16-250N1T
Description  16K (2K x 8) LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C16-250N1T Datasheet(HTML) 3 Page - STMicroelectronics

  M28C16-250N1T Datasheet HTML 1Page - STMicroelectronics M28C16-250N1T Datasheet HTML 2Page - STMicroelectronics M28C16-250N1T Datasheet HTML 3Page - STMicroelectronics M28C16-250N1T Datasheet HTML 4Page - STMicroelectronics M28C16-250N1T Datasheet HTML 5Page - STMicroelectronics M28C16-250N1T Datasheet HTML 6Page - STMicroelectronics M28C16-250N1T Datasheet HTML 7Page - STMicroelectronics M28C16-250N1T Datasheet HTML 8Page - STMicroelectronics M28C16-250N1T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
– 40 to 85
°C
TSTG
Storage Temperature Range
– 65 to 150
°C
VCC
Supply Voltage
– 0.3 to 6.5
V
VIO
Input/Output Voltage
– 0.3 to VCC +0.6
V
VI
Input Voltage
– 0.3 to 6.5
V
VESD
Electrostatic Discharge Voltage (Human Body model)
(2)
4000
V
Note: 1. Except for the rating ”Operating Temperature Range”, stresses above those listed in the Table ”Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions
above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability. Refer also to the SGS-THOMSON SURE Program and other
relevant quality documents.
2. 100pF through 1500
Ω; MIL-STD-883C, 3015.7
Table 2. Absolute Maximum Ratings (1)
Mode
E
G
W
DQ0 - DQ7
Standby
1
X
X
Hi-Z
Output Disable
X
1
X
Hi-Z
Write Disable
X
X
1
Hi-Z
Read
0
0
1
Data Out
Write
0
1
0
Data In
Note: 1. 0 = VIL;1 = VIH;X = VIL or VIH.
Table 3. Operating Modes (1)
PIN DESCRIPTION
Addresses (A0-A10). The address inputs select
an 8-bit memory location during a read or write
operation.
Chip Enable (E). The chip enable input must be
low to enable all read/write operations. When Chip
Enable is high, power consumption is reduced.
Output Enable (G). The Output Enable input con-
trols the data output buffers and is used to initiate
read operations.
Data In/ Out (DQ0 - DQ7). Data is written to or read
from the M28LV16 through the I/O pins.
Write Enable (W). The Write Enable input controls
the writing of data to the M28LV16.
Ready/Busy (RB). Ready/Busy is an open drain
output that can be used to detect the end of the
internal write cycle.
It is offered only with the TSOP28 package. The
reader should refer to the M28LV17 datasheet
for more information about the Ready/Busy
function.
OPERATION
In order to prevent data corruption and inadvertent
write operations during power-up, a Power On
Reset (POR) circuit resets all internal programming
cicuitry. Access to the memory in write mode is
allowed after a power-up as specified in Table 7.
Read
The M28LV16 is accessed like a static RAM. When
E and G are low with W high, the data addressed
is presented on the I/O pins. The I/O pins are high
impedance when either G or E is high.
Write
Write operations are initiated when both W and E
are low and G is high.The M28LV16 supports both
E and W controlled write cycles. The Address is
latched by the falling edge of E or W which ever
occurs last and the Data on the rising edge of E or
W which ever occurs first. Once initiated the write
operation is internally timed until completion.
3/17
M28LV16


Similar Part No. - M28C16-250N1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C16-25BS6 STMICROELECTRONICS-M28C16-25BS6 Datasheet
134Kb / 19P
   16 Kbit 2Kb x8 Parallel EEPROM
M28C16-25KA6 STMICROELECTRONICS-M28C16-25KA6 Datasheet
134Kb / 19P
   16 Kbit 2Kb x8 Parallel EEPROM
M28C16-25MS6 STMICROELECTRONICS-M28C16-25MS6 Datasheet
134Kb / 19P
   16 Kbit 2Kb x8 Parallel EEPROM
M28C16-25NS6 STMICROELECTRONICS-M28C16-25NS6 Datasheet
134Kb / 19P
   16 Kbit 2Kb x8 Parallel EEPROM
M28C16-25WBS6 STMICROELECTRONICS-M28C16-25WBS6 Datasheet
134Kb / 19P
   16 Kbit 2Kb x8 Parallel EEPROM
More results

Similar Description - M28C16-250N1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C16 STMICROELECTRONICS-M28C16 Datasheet
129Kb / 18P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C17 STMICROELECTRONICS-M28C17 Datasheet
165Kb / 17P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C16B STMICROELECTRONICS-M28C16B Datasheet
131Kb / 17P
   16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
M28LV64 STMICROELECTRONICS-M28LV64 Datasheet
127Kb / 18P
   64K 8K x 8 LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C64 STMICROELECTRONICS-M28C64 Datasheet
153Kb / 24P
   64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
M28010 STMICROELECTRONICS-M28010 Datasheet
150Kb / 23P
   1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection
logo
Microchip Technology
28C16A MICROCHIP-28C16A Datasheet
64Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
28C16A MICROCHIP-28C16A_04 Datasheet
125Kb / 10P
   16K (2K x 8) CMOS EEPROM
2004
28C17A MICROCHIP-28C17A Datasheet
67Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
logo
Renesas Technology Corp
X4163 RENESAS-X4163 Datasheet
880Kb / 22P
   16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com