Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX6356-BFT Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HX6356-BFT
Description  32K x 8 STATIC RAM-SOI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HX6356-BFT Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HX6356-BFT Datasheet HTML 1Page - List of Unclassifed Manufacturers HX6356-BFT Datasheet HTML 2Page - List of Unclassifed Manufacturers HX6356-BFT Datasheet HTML 3Page - List of Unclassifed Manufacturers HX6356-BFT Datasheet HTML 4Page - List of Unclassifed Manufacturers HX6356-BFT Datasheet HTML 5Page - List of Unclassifed Manufacturers HX6356-BFT Datasheet HTML 6Page - List of Unclassifed Manufacturers HX6356-BFT Datasheet HTML 7Page - List of Unclassifed Manufacturers HX6356-BFT Datasheet HTML 8Page - List of Unclassifed Manufacturers HX6356-BFT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HX6356
4
Parameter
Max
Symbol
Test Conditions
Worst Case
Units
CAPACITANCE (1)
Symbol
Test Conditions
Min
Max
Typical
(1)
Units
500
µA
NCS=VDD=2.5V, VI=VDD or VSS
330
µA
NCS=VDD=3.0V, VI=VDD or VSS
VDR
Data Retention Voltage
2.5
V
IDR
Data Retention Current
NCS=VDR
VI=VDR or VSS
(1) This parameter is tested during initial design characterization only.
RECOMMENDED OPERATING CONDITIONS
Symbol
Max
Typ
Description
Parameter
Min
Worst Case (2)
Units
VDD
Supply Voltage (referenced to VSS)
4.5
5.0
5.5
V
TA
Ambient Temperature
-55
25
125
°C
VPIN
Voltage on Any Pin (referenced to VSS)
-0.3
VDD+0.3
V
Min
Typical
(1)
CI
Input Capacitance
7
pF
VI=VDD or VSS, f=1 MHz
CO
Output Capacitance
9
pF
VIO=VDD or VSS, f=1 MHz
(1) Typical operating conditions: TA= 25
°C, pre-radiation.
(2) Worst case operating conditions: -55
°C to +125°C, post total dose at 25°C.
DATA RETENTION CHARACTERISTICS
Parameter
ABSOLUTE MAXIMUM RATINGS (1)
VDD
Positive Supply Voltage (2)
-0.5
6.5
V
VPIN
Voltage on Any Pin (2)
-0.5
VDD+0.5
V
TSTORE
Storage Temperature (Zero Bias)
-65
150
°C
TSOLDER
Soldering Temperature (5 Seconds)
270
°C
PD
Total Package Power Dissipation (3)
2.0
W
IOUT
DC or Average Output Current
25
mA
VPROT
ESD Input Protection Voltage (4)
2000
V
ΘJC
Thermal Resistance (Jct-to-Case)
– 36 FP
2
°C/W
TJ
Junction Temperature
175
°C
Parameter
Symbol
Units
Rating
Min
Max
(1) Stresses in excess of those listed above may result in permanent damage. These are stress ratings only, and operation at these levels is not
implied. Frequent or extended exposure to absolute maximum conditions may affect device reliability.
(2) Voltage referenced to VSS.
(3) RAM power dissipation (IDDSB + IDDOP) plus RAM output driver power dissipation due to external loading must not exceed this specification.
(4) Class 2 electrostatic discharge (ESD) input protection. Tested per MIL-STD-883, Method 3015 by DESC certified lab.


Similar Part No. - HX6356-BFT

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HX6001 HBH-HX6001 Datasheet
20Kb / 1P
   15-21 GHz Active Harmonic Mixer
logo
Pulse A Technitrol Comp...
HX6062FNL PULSE-HX6062FNL Datasheet
477Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6062NL PULSE-HX6062NL Datasheet
328Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6080FNL PULSE-HX6080FNL Datasheet
500Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
HX6080NL PULSE-HX6080NL Datasheet
343Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
More results

Similar Description - HX6356-BFT

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HLX6256 HONEYWELL-HLX6256 Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com