Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX6356KVHT Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # HX6356KVHT
Description  32K x 8 STATIC RAM-SOI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HX6356KVHT Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button HX6356KVHT Datasheet HTML 4Page - List of Unclassifed Manufacturers HX6356KVHT Datasheet HTML 5Page - List of Unclassifed Manufacturers HX6356KVHT Datasheet HTML 6Page - List of Unclassifed Manufacturers HX6356KVHT Datasheet HTML 7Page - List of Unclassifed Manufacturers HX6356KVHT Datasheet HTML 8Page - List of Unclassifed Manufacturers HX6356KVHT Datasheet HTML 9Page - List of Unclassifed Manufacturers HX6356KVHT Datasheet HTML 10Page - List of Unclassifed Manufacturers HX6356KVHT Datasheet HTML 11Page - List of Unclassifed Manufacturers HX6356KVHT Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
HX6356
36-LEAD FLAT PACK—Top Braze (22019627-001)
[1] Parts delivered with leads unformed
[2] At tie bar
[3] Lid tied to VSS
A
b
C
D
E
e
F
G
H
I
J
L
M
S
0.085 ± 0.010
0.008 ± 0.002
0.005 to 0.0075
0.650 ± 0.010
0.630 ± 0.007
0.025 ± 0.002 [2]
0.425 ± 0.005 [2]
0.525 ± 0.005
0.135 ± 0.005
0.030 ± 0.005
0.080 typ.
0.285 ± 0.015
0.009 ± 0.003
0.113 ± 0.010
All dimensions are in inches
1
22019627-001
Top
View
Kovar
Lid [3]
Ceramic
Body
M
A
C
J
E
1
b
(width)
e
(pitch)
H
L
22019627-001
Pin 1 Index Bar
Kovar Lead [1]
Non-Conductive
Tie-Bar
S
Bottom
View
VDD = 5.6V, R
≤ 10 KΩ, VIH = VDD, VIL = VSS
Ambient Temperature
≥ 125 °C, F0 ≥ 100 KHz Sq Wave
Frequency of F1 = F0/2, F2 = F0/4, F3 = F0/8, etc.
VDD = 5.5V, R
≤ 10 KΩ
Ambient Temperature
≥ 125 °C
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
NC
VSS
VDD
NWE
CE
A13
A8
A9
A11
NOE
A10
NCS
DQ7
DQ6
DQ5
DQ4
DQ3
VDD
VSS
VDD
VSS
VDD
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQO
DQ1
DQ2
VDD
VSS
VSS
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
STATIC BURN-IN DIAGRAM
DYNAMIC BURN-IN DIAGRAM
R
R
R
R
R
R
R
R
R
R
R
R
R
NC
R
R
R
R
R
R
R
R
R
R
R
R
R
R
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
VSS
VDD
NWE
CE
A13
A8
A9
A11
NOE
A10
NCS
DQ7
DQ6
DQ5
DQ4
DQ3
VDD
VSS
VSS
VDD
VSS
VDD
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQO
DQ1
DQ2
VDD
VSS
F16
F7
F6
F5
F4
F3
F2
F8
F13
F14
F1
F1
F1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
F0
F17
F15
F12
F11
F10
F17
F9
F17
F1
F1
F1
F1
F1
VSS


Similar Part No. - HX6356KVHT

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HX6001 HBH-HX6001 Datasheet
20Kb / 1P
   15-21 GHz Active Harmonic Mixer
logo
Pulse A Technitrol Comp...
HX6062FNL PULSE-HX6062FNL Datasheet
477Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6062NL PULSE-HX6062NL Datasheet
328Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6080FNL PULSE-HX6080FNL Datasheet
500Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
HX6080NL PULSE-HX6080NL Datasheet
343Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
More results

Similar Description - HX6356KVHT

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HLX6256 HONEYWELL-HLX6256 Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com