Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI90LVB047AW Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI90LVB047AW
Description  3V LVDS Quad Flow-Through Differential Line Drivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LVB047AW Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI90LVB047AW Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LVB047AW Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LVB047AW Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LVB047AW Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LVB047AW Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LVB047AW Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LVB047AW Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
PS8611B
10/04/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV047A/PI90LVB047A
3V LVDS Quad Flow-Through
Differential Line Drivers
Figure 4. Drive 3-State Delay Test Circuit
ParameterMeasurementInformation(continued)
Figure 5. Driver 3-State Delay Waveform
DIN
D
DOUT+
DOUT–
1/4 PI90LV047A
EN
EN
VCC
GND
CL
+1.2V
CL
Generator
50
50
50
Data Input
Enable
1/4 PI90LV047A
Any LVDS Receiver
Data
Output
+
Figure 6. Point-to-Point Application
TypicalApplication
EN When EN = GND or OPEN
3V
0V
3V
0V
1.2V
1.2V
tPZL
tPLZ
50%
50%
50%
50%
1.5V
1.5V
1.5V
1.5V
tPZH
VOH
VOL
tPHZ
EN When EN = VCC
DOUT+ When DIN = VCC
DOUT– When DIN = GND
DOUT+ When DIN = GND
DOUT– When DIN = VCC


Similar Part No. - PI90LVB047AW

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LVB044 PERICOM-PI90LVB044 Datasheet
461Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LVB044L PERICOM-PI90LVB044L Datasheet
461Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LVB044LE PERICOM-PI90LVB044LE Datasheet
461Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LVB044Q PERICOM-PI90LVB044Q Datasheet
461Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LVB044QE PERICOM-PI90LVB044QE Datasheet
461Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
More results

Similar Description - PI90LVB047AW

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV047A PERICOM-PI90LV047A_08 Datasheet
427Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Driver
PI90LV048A PERICOM-PI90LV048A_09 Datasheet
335Kb / 6P
   3V LVDS Quad Flow-Through Differential Line Receivers
PI90LV048A PERICOM-PI90LV048A Datasheet
154Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Receivers
PI90LV031A PERICOM-PI90LV031A Datasheet
326Kb / 10P
   3V LVDS High-Speed Differential Line Drivers
PI90LV031ALEX PERICOM-PI90LV031ALEX Datasheet
566Kb / 11P
   3V LVDS High-Speed Differential Line Drivers
logo
National Semiconductor ...
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com